Part Number Hot Search : 
98266 XP6215 AME8805 P1240 D677AG ADP1190A MM536 2N6576
Product Description
Full Text Search
 

To Download KTPS12-05025WA-VI-P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ktps12 series cec /doe level vi kaga electronics (usa) inc. 780 montague expressway, suite #403 , san jose, ca 95131 phone: (408) 570 - 0955 | fax: (408) 570 - 0186 | toll free: (888) 2 - volgen (888 - 286 - 5436) www.volgen.com 12 watt universal input , wall mount adapte r input specifications all specifications are typical at nominal input, full load. input specifications input voltage ac 100 C 240 vac input frequency 50 C 60 hz input current 0.31 a max protection internal primary current fuse , inrush limiting output specifications output voltage see chart efficiency do e level vi, energy star, erp stage 2 , nrcan protection short circuit protection over current protection over voltage protection ripple 1 - 2 % vp - p (max) hold - up time 10 ms (min) transient response 0.5ms for 50% load change (typ) load regulation 5 % (typ ) leakage current 0.25ma @ 2 pin general specifications mtbf (calculated) 300,000 calculated hours at 25 c , by telcordia sr - 332 dielectric withstanding voltage 3 ,000 vac primary C secondary emi conduction & radiation compliance to en55022 class b harmonic current compliance to en61000 - 3 - 2,3 ems immunity compliance to en 61000 - 4 - 2,3,4,5,6,8,11 safety approvals ul/cul/pse/ fcc features ? cec/doe level vi ? universal input (ac10 0 - 2 4 0 v) ? over voltage protection ? over current protection ? short circuit protection ? rohs compliant environmental specifications operating temperature 0c ~ +4 0c storage temperature - 20c ~ +80 c cooling convection operating humidity 20 C 80% rh storage humidity 10 C 90% rh mechanical specifications case dimension l72 x w34 x h59 (mm) dc cord 22 / 20 / 18 awg output connector see chart ferrite core yes weight 126 g(ref)
ktps12 series cec /doe level vi kaga electronics (usa) inc. 780 montague expressway, suite #403 , san jose, ca 95131 phone: (408) 570 - 0955 | fax: (408) 570 - 0186 | toll free: (888) 2 - volgen (888 - 286 - 5436) www.volgen.com model number output voltage output current max output power ktps12 - 0332 0 wa - vi - p1 3.3 v 2 .00 a 6.6 w ktps12 - 05020wa - vi - p1 5 .0 v 2 .00 a 10 w ktps 12 - 05 0 2 5 wa - vi - p1 5 .0 v 2.5 0 a 12.5 w ktps12 - 05920wa - vi - p1 5.9 v 2.04 a 12 w ktps12 - 08414wa - vi - p1 8.4 v 1.43 a 12 w ktps12 - 09013wa - vi - p1 9.0 v 1.34 a 12 w ktps12 - 12010wa - vi - p1 12 .0v 1.00 a 12 w ktps12 - 13589wa - vi - p1 13.5 v 0.89 a 12 w ktps12 - 15008wa - vi - p1 15 .0v 0.80 a 12 w ktps12 - 18067wa - vi - p1 18 .0v 0.67 a 12 w ktps12 - 24005wa - vi - p1 24 .0v 0.50 a 12 w part number key:
ktps12 series cec /doe level vi kaga electronics (usa) inc. 780 montague expressway, suite #403 , san jose, ca 95131 phone: (408) 570 - 0955 | fax: (408) 570 - 0186 | toll free: (888) 2 - volgen (888 - 286 - 5436) www.volgen.com m echanical drawing:


▲Up To Search▲   

 
Price & Availability of KTPS12-05025WA-VI-P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X