Part Number Hot Search : 
NTC22 35024 AV4040 AO440 AN496 IRF4905 GL850 CMPT4033
Product Description
Full Text Search
 

To Download KEA-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 power entry modules without line filter kea https://www.schurter.com /pg05 connectors iec appliance inlet c14 with fuseholder 1- or 2-pole order required accessories separately screw-on version snap-in version approvals and compliances c14 70 c description - panel mount : screw-on version from front or rear side, snap-in version from front side - 3 functions : appliance inlet protection class i , fuseholder for fuse-links 5 x 20 mm 1- or 2-pole , with or without voltage selector (step switch) - v-lock notch standard - meets the requirements of iec 60335-1 for appliances in unattended use. this includes the enhanced requirements of glow wire tests acc. to iec 60695-2-12 and -13. - quick connect terminals 4.8 x 0.8 mm unique selling proposition - very compact design - components internally wired - integrated voltage selector - v-lock cord retaining characteristics - available with or without internal connections - plug removal necessary for fuse-link replacement - suitable for use in equipment according to iec/ul 60950 other versions on request - with solder terminals - fuse drawer with other voltage values - for protection class ii references alternative: version with line filter kfa weblinks pdf datasheet, html-datasheet, general product information, distributor- stock-check, accessories, detailed request for product, microsite technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 3 kvac between l-n > 4 kvac between l/n-pe (1 min/50 hz) allowable operation tempe - rature -25 c to 70 c ip-protection from front side ip 40 acc. to iec 60529 insulation cover suitable for appliances with protection class i acc. to iec 61140 terminal quick connect terminals 4.8 x 0.8 mm panel thickness s screw: max 8 mm mounting screw torque max 0.5 nm snap-in: 1.5/2/2.5 mm material: housing thermoplastic, black, ul 94v-0 appliance inlet/-outlet c14 / c18 acc. to iec 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class i fuseholder 1 or 2 pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 mm rated power acceptance @ ta 23 c 5 x 20: 2 w (1 pole)/ 1.6 w (2-pole) per pole power acceptance @ ta > 23c admissible power acceptance at higher ambient temperature see derating cur - ves voltage selector optional, step, 2-4 digits approvals and compliances detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in details about approvals
2 power entry modules without line filter kea https://www.schurter.com /pg05 connectors approvals the approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products. approval reference type: kea approval logo certificates certification body description vde approvals vde certificate number: 40046508 ul approvals ul ul file number: e93617 csa approvals csa csa certification record: 38456 cqc approvals cqc ccc file number: product standards product standards that are referenced organization design standard description designed according to iec 60320-1 appliance couplers for household and similar general purposes designed according to iec 60127-6 miniature fuses. part 6. fuse-holders for miniature fuse-links designed according to iec 61058-1 switches for appliances. part 1. general requirements designed according to ul 498 standard for attachment plugs and receptacles designed according to csa c22.2 no. 42 general use receptacles, attachment plugs, and similar wiring devices application standards application standards where the product can be used organization design standard description designed for applications acc. iec/ul 60950 iec 60950-1 includes the basic requirements for the safety of information technologyequipment. designed for applications acc. iec 60601-1 medical electrical equipment - part 1: general requirements for basic safety and essential performance designed for applications acc. iec 60335-1 safety of electrical appliances for household and similar purposes. meets the requirements for appliances in unattended use. this includes the en - hanced requirements of glow wire tests acc. to iec 60695-2-12 and -13. compliances the product complies with following guide lines identification details initiator description ce declaration of conformity schurter ag the ce marking declares that the product complies with the applicable requirements laid down in the harmonisation of community legislation on its affixing in accordance with eu regulation 765/2008. rohs schurter ag eu directive rohs 2011/65/eu china rohs schurter ag the law sj / t 11363-2006 (china rohs) has been in force since 1 march 2007. it is similar to the eu directive rohs. reach schurter ag on 1 june 2007, regulation (ec) no 1907/2006 on the registration, evaluation, authorization and restriction of chemicals 1 (abbreviated as "reach") entered into force. micrositev-lock schurter ag v-lock system are based on a matching plug-dose combination. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. medical equipment schurter ag suitable for use in medical equipment according to iec/ul 60601-1
3 power entry modules without line filter kea https://www.schurter.com /pg05 connectors dimensions [mm] screw-on mounting type kea r2.4 m3/?3.6 31.6 27.6 36 0.1 27.3 r2.6 44 36 31.3 34 r4 r6 230 2.2 18 27.7 41.6 2 ? 6.3x90 ? 3.3 4.8x0.8 0.1 0.1 0.1 snap-in mounting type kea r 2.4 31 .6 27.6 27 .3 r2.6 30 31.3 34 r4 230 s 18 2.2 27.7 41.6 2 4.8x0.8 0.1 0.1 0.1 0.1
4 power entry modules without line filter kea https://www.schurter.com /pg05 connectors diagrams without internal connections voltage selector 4-positions, 1-pole 4 32 1 e ln a without internal connections voltage selector 4-positions, 2-pole 4 32 15 e ln ab with internal connections voltage selector 3-positions, 1-pole 32 1 e ln with internal connections voltage selector 3-positions, 2-pole 32 15 e ln voltage selector 2-positions 1-pole 31 voltage selector 2-positions 2-pole 31 5 without voltage selector 1-pole 3 without voltage selector 2-pole 35 derating curves 1-pole admissible power acceptance in watt 02 04 06 08 0 100 i = << i n i = 0.7 i n i = 1.0 i n 2.0 1.5 1.0 0.5 0.0 ambient air temperature t a c 2-pole admissible power acceptance in watt per pole 02 04 06 08 0 100 0.2 0.0 i = << i n i = 0.7 i n i = 1.0 i n 1.6 0.6 0.4 0.8 1.2 1.0 1.4 ambient air temperature t a c all variants type panel mounting panel thickness s [mm] fuseholder voltage selector internally wired order number kea snap-in 1.5 1-pole - l 4301.0522 kea snap-in 1.5 1-pole - 4301.2022 kea snap-in 2 1-pole - l 4301.0523 kea snap-in 2 1-pole - 4301.2023 kea snap-in 2.5 1-pole - l 4301.0524 kea snap-in 2.5 1-pole - 4301.2024 kea snap-in 1.5 1-pole 2 pos. 4301.2142 kea snap-in 2 1-pole 2 pos. 4301.2143 kea snap-in 1.5 1-pole 3 pos. l 4301.0022 kea snap-in 2 1-pole 3 pos. l 4301.0023 kea snap-in 2.5 1-pole 3 pos. l 4301.0024 kea snap-in 1.5 1-pole 3/4 digits 4301.2062 kea snap-in 2 1-pole 3/4 digits 4301.2063 kea snap-in 2.5 1-pole 3/4 digits 4301.2064 kea snap-in 1.5 2-pole - l 4301.0502 kea snap-in 1.5 2-pole - 4301.2002 kea snap-in 2 2-pole - l 4301.0503
5 power entry modules without line filter kea https://www.schurter.com /pg05 connectors type panel mounting panel thickness s [mm] fuseholder voltage selector internally wired order number kea snap-in 2 2-pole - 4301.2003 kea snap-in 2.5 2-pole - l 4301.0504 kea snap-in 2.5 2-pole - 4301.2004 kea snap-in 1.5 2-pole 2 pos. 4301.2122 kea snap-in 2 2-pole 2 pos. 4301.2123 kea snap-in 2.5 2-pole 2 pos. 4301.2124 kea snap-in 1.5 2-pole 3 pos. l 4301.0002 kea snap-in 2 2-pole 3 pos. l 4301.0003 kea snap-in 2.5 2-pole 3 pos. l 4301.0004 kea snap-in 1.5 2-pole 3/4 digits 4301.2042 kea snap-in 2 2-pole 3/4 digits 4301.2043 kea snap-in 2.5 2-pole 3/4 digits 4301.2044 kea screw - 1-pole - l 4301.0521 kea screw - 1-pole - 4301.2021 kea screw - 1-pole 2 pos. 4301.2141 kea screw - 1-pole 3 pos. l 4301.0021 kea screw - 1-pole 3/4 digits 4301.2061 kea screw - 2-pole - l 4301.0501 kea screw - 2-pole - 4301.2001 kea screw - 2-pole 2 pos. 4301.2121 kea screw - 2-pole 3 pos. l 4301.0001 kea screw - 2-pole 3/4 digits 4301.2041 most popular. availability for all products can be searched real-time: https://www.schurter.com/en/stock-check/stock-check-schurter packaging unit 50 pcs required accessory description fusedrawer 2 fusedrawer fr fuse links 5x20 mm, with or without voltage selector insert fingergrip, 2-pole, voltage selector, 110, 150, 220 4301.1014.01 fingergrip, 2-pole, voltage selector, 120, 240 4301.1014.02 fingergrip, 2-pole, voltage selector, 110, 220 4301.1014.03 fingergrip, 2-pole, voltage selector, 115, 220 4301.1014.04 ...
6 power entry modules without line filter kea https://www.schurter.com /pg05 connectors accessories wire harness wire harness for schurter products assorted covers rear cover 0859.0047 cord retaining kits cord retaining strain relief flat head, a 4700.0001 countersunk, b 4700.0002 mating outlets/connectors category / description appliance outlet overview complete iec appliance outlet f, screw-on mounting, front side, solder terminal 4787 iec appliance outlet f, snap-in mounting, front side, solder or quick-connect terminal 4788 iec appliance outlet f or h, screw-on mounting, front side, solder, pcb or quick-connect terminal 5091 appliance outlet further types to kea connector overview complete 4782 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4782 4022 mounting: power supply cord, 3 x 1.5 mm2, screw clamps, connector: iec c13 4022 4785 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4785 4300-06 mounting: power cord, 3 x 1 mm2 / 3 x 18 awg, cable, connector: iec c13 4300-06 4012 mounting: power supply cord, 3 x 1.5 mm2, screw clamps, connector: iec c13 4012 connector further types to kea ... mating outlets/connectors shuttered power cord overview complete vac13ks, overview, diverse connector iec c13, cord end: vac13ks power cord with iec connector c17, v-lock, straight vac17ks power cord further types to kea the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 01.12.2017


▲Up To Search▲   

 
Price & Availability of KEA-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X