online data sheet IMB08-04NNOVU2K imb inductive proximity sensors online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVU2K | imb inductive proximity sensors illustration may differ ordering information type part no. IMB08-04NNOVU2K 1072703 other models and accessories www.sick.com/imb detailed technical data features housing cylindrical thread design housing short-body thread size m8 1 diameter ??8?mm sensing range s n 4?mm safe sensing range s a 3.24?mm installation type non-flush switching frequency 4,000?hz connection type cable, 3-wire, 2?m switching output npn output function nc electrical wiring dc 3-wire enclosure rating ip68? 1) ip69k? 2) special features resistant against coolant lubricants, optical adjustment indicator 1) ?according to en?60529. 2) ?according to iso?20653:2013-03. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?10?% voltage drop ?2?v? 1) current consumption ?10?ma? 2) hysteresis 3?%?... 20?% 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. 2 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVU2K | imb inductive proximity sensors reproducibility ?2?%? 3) ? 4) temperature drift (of s r ) ?10?% emc according to en?60947-5-2 continuous current i a ?200?ma cable material pur short-circuit protection ? reverse polarity protection ? power-up pulse protection ? shock and vibration resistance 100?g / 11?ms / 1000?cycles; 150?g / 1?mio cycles; 10?hz?... 55?hz, 1?mm / 55?z?... 500?hz / 15?g ambient operating temperature C40?c?... +100?c housing material stainless steel, v2a (1.4305) sensing face material plastic, lcp housing length 32?mm thread length 24?mm tightening torque, max. typ.?14?nm? 5) ul file no. e181493 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.69 aluminum (al) approx.?0.37 copper (cu) approx.?0.28 brass (br) approx.?0.4 installation note remark associated graphic see "installation" a 8?mm b 18?mm c 8?mm d 12?mm e 8?mm f 32?mm classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVU2K | imb inductive proximity sensors ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note adjustments possible normally closed connection diagram cd-003 4 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVU2K | imb inductive proximity sensors dimensional drawing (dimensions in mm (inch)) imb08 short-body housing, cable, non-flush recommended accessories other models and accessories www.sick.com/imb brief description type part no. universal bar clamp systems plate n11n for universal clamp bracket, stainless steel 1.4571?(sheet), stainless steel 1.4408?(clamp), universal clamp (5322626), mounting hardware bef-khs-n11n 2071081 mounting brackets and plates mounting plate for m8 sensors, steel, zinc coated, without mounting hardware bef-wg-m08 5321722 mounting bracket for m8 sensors, steel, zinc coated, without mounting hardware bef-wn-m08 5321721 plug connectors and cables head a: female connector, m12, 4-pin, straight head b: - cable: unshielded dos-1204-gn 6028357 head a: female connector, m12, 4-pin, angled head b: - cable: unshielded dos-1204-wn 6028358 head a: male connector, m12, 4-pin, straight head b: - cable: unshielded ste-1204-gn 6028359 head a: male connector, m12, 4-pin, straight head b: - cable: unshielded for 2?cable connections ste-1204-tn 6028360 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 5 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com m8x1 4 (0.16) 24 (0.94) 32 (1.26) 1.7 (0.07) ? 3.0 (0.12) bn bk bu + (l+) nc - (m) s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
|