Part Number Hot Search : 
SD2068 UF505G E180CA ADM10 2545CT 2N7002M 19N10 AX671
Product Description
Full Text Search
 

To Download IMB08-04NNOVT0K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet IMB08-04NNOVT0K imb inductive proximity sensors m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors illustration may differ ordering information type part no. IMB08-04NNOVT0K 1072696 other models and accessories www.sick.com/imb detailed technical data features housing cylindrical thread design housing short-body thread size m8 1 diameter ??8?mm sensing range s n 4?mm safe sensing range s a 3.24?mm installation type non-flush switching frequency 4,000?hz connection type connector m8, 3-pin? 1) switching output npn output function nc electrical wiring dc 3-wire enclosure rating ip68? 2) ip69k? 3) special features resistant against coolant lubricants, optical adjustment indicator 1) ?with gold plated contact pins. 2) ?according to en?60529. 3) ?according to iso?20653:2013-03. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?10?% voltage drop ?2?v? 1) 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. 2 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors current consumption ?10?ma? 2) hysteresis 3?%?... 20?% reproducibility ?2?%? 3) ? 4) temperature drift (of s r ) ?10?% emc according to en?60947-5-2 continuous current i a ?200?ma short-circuit protection ? reverse polarity protection ? power-up pulse protection ? shock and vibration resistance 100?g / 11?ms / 1000?cycles; 150?g / 1?mio cycles; 10?hz?... 55?hz, 1?mm / 55?z?... 500?hz / 15?g ambient operating temperature C40?c?... +100?c housing material stainless steel, v2a (1.4305) sensing face material plastic, lcp housing length 40?mm thread length 24?mm tightening torque, max. typ.?14?nm? 5) ul file no. e181493 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.69 aluminum (al) approx.?0.37 copper (cu) approx.?0.28 brass (br) approx.?0.4 installation note remark associated graphic see "installation" a 8?mm b 18?mm c 8?mm d 12?mm e 8?mm f 32?mm classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 3 m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note adjustments possible normally closed connection diagram cd-004 4 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors dimensional drawing (dimensions in mm (inch)) imb08 short-body housing, connector m8, non-flush recommended accessories other models and accessories www.sick.com/imb brief description type part no. universal bar clamp systems plate n11n for universal clamp bracket, stainless steel 1.4571?(sheet), stainless steel 1.4408?(clamp), universal clamp (5322626), mounting hardware bef-khs-n11n 2071081 mounting brackets and plates mounting plate for m8 sensors, steel, zinc coated, without mounting hardware bef-wg-m08 5321722 mounting bracket for m8 sensors, steel, zinc coated, without mounting hardware bef-wn-m08 5321721 plug connectors and cables head a: female connector, m8, 3-pin, straight head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-0803-g02mrn 6058504 head a: female connector, m8, 3-pin, straight head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-0803-g05mrn 6058505 head a: female connector, m8, 3-pin, angled with led head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-0803-l02mrn 6058787 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 5 m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors brief description type part no. head a: female connector, m8, 3-pin, angled head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked. dol-0803-l05mrn 6058788 head a: female connector, m8, 3-pin, angled head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-0803-w02mrn 6058507 head a: female connector, m8, 3-pin, angled head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked. dol-0803-w05mrn 6058508 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 1?m yf8u13-010ua1xleax 2094779 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yf8u13-020ua1xleax 2094782 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 3?m yf8u13-030ua1xleax 2094787 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yf8u13-050ua1xleax 2094788 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 10?m yf8u13-100ua1xleax 2094789 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 20?m yf8u13-200ua1xleax 2094790 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yg8u13-020ua1xleax 2094794 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yg8u13-050ua1xleax 2095586 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 10?m yg8u13-100ua1xleax 2095588 head a: female connector, m8, 3-pin, angled with led, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yi8u13-020ua1xleax 2095593 head a: female connector, m8, 3-pin, angled with led, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 10?m yi8u13-100ua1xleax 2095595 head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m8, 3-pin, straight, a-coded cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yf8u13-020ua1m8u13 2096304 head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m8, 3-pin, straight, a-coded cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yf8u13-050ua1m8u13 2096308 6 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVT0K | imb inductive proximity sensors brief description type part no. head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m8, 3-pin, straight, a-coded cable: sensor/actuator cable, pur, halogen-free, unshielded, 10?m yf8u13-100ua1m8u13 2096309 head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m8, 3-pin, straight, a-coded cable: sensor/actuator cable, pur, halogen-free, unshielded, 20?m yf8u13-200ua1m8u13 2096310 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 7 m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
m8x1 7 (0.28) 4 (0.16) 24 (0.94) 40 (1.57) bn bk bu + (l+) nc - (m) 14 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of IMB08-04NNOVT0K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X