Part Number Hot Search : 
MBR3015 SM4002 FDN5630 2000314 7032A 80000 IRF370 NTXV2N6
Product Description
Full Text Search
 

To Download IMB08-04NNOVC0S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet IMB08-04NNOVC0S imb inductive proximity sensors m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors illustration may differ ordering information type part no. IMB08-04NNOVC0S 1072682 other models and accessories www.sick.com/imb detailed technical data features housing cylindrical thread design housing standard thread size m8 1 diameter ??8?mm sensing range s n 4?mm safe sensing range s a 3.24?mm installation type non-flush switching frequency 4,000?hz connection type male connector m12, 4-pin? 1) switching output npn output function nc electrical wiring dc 3-wire enclosure rating ip68? 2) ip69k? 3) special features resistant against coolant lubricants, optical adjustment indicator 1) ?with gold plated contact pins. 2) ?according to en?60529. 3) ?according to iso?20653:2013-03. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?10?% voltage drop ?2?v? 1) 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. 2 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors current consumption ?10?ma? 2) hysteresis 3?%?... 20?% reproducibility ?2?%? 3) ? 4) temperature drift (of s r ) ?10?% emc according to en?60947-5-2 continuous current i a ?200?ma short-circuit protection ? reverse polarity protection ? power-up pulse protection ? shock and vibration resistance 100?g / 11?ms / 1000?cycles; 150?g / 1?mio cycles; 10?hz?... 55?hz, 1?mm / 55?z?... 500?hz / 15?g ambient operating temperature C40?c?... +100?c housing material stainless steel, v2a (1.4305) sensing face material plastic, lcp housing length 60?mm thread length 28?mm tightening torque, max. typ.?14?nm? 5) ul file no. e181493 1) ?at i a max. 2) ?without load. 3) ?ub and ta constant. 4) ?of sr. 5) ?valid if toothed side of nut is used. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.69 aluminum (al) approx.?0.37 copper (cu) approx.?0.28 brass (br) approx.?0.4 installation note remark associated graphic see "installation" a 8?mm b 18?mm c 8?mm d 12?mm e 8?mm f 32?mm classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 3 m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note adjustments possible normally closed connection diagram cd-008 4 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors characteristic curve non-flush installation dimensional drawing (dimensions in mm (inch)) imb08 standard, connector m12, non-flush recommended accessories other models and accessories www.sick.com/imb brief description type part no. universal bar clamp systems plate n11n for universal clamp bracket, stainless steel 1.4571?(sheet), stainless steel 1.4408?(clamp), universal clamp (5322626), mounting hardware bef-khs-n11n 2071081 mounting brackets and plates mounting plate for m8 sensors, steel, zinc coated, without mounting hardware bef-wg-m08 5321722 mounting bracket for m8 sensors, steel, zinc coated, without mounting hardware bef-wn-m08 5321721 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 5 m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors brief description type part no. plug connectors and cables head a: female connector, m12, 4-pin, straight head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-g02mrn 6058291 head a: female connector, m12, 4-pin, straight head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-g05mrn 6058476 head a: female connector, m12, 4-pin, angled with led head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-l02mrn 6058482 head a: female connector, m12, 4-pin, angled with led head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-l05mrn 6058483 head a: female connector, m12, 4-pin, angled head b: flying leads cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-w02mrn 6058474 head a: female connector, m12, 4-pin, angled head b: flying leads cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dol-1204-w05mrn 6058477 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yf2a14-020ub3xleax 2095607 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yf2a14-050ub3xleax 2095608 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yg2a14-050ub3xleax 2095767 head a: male connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m ym2a14-020ub3xleax 2095867 head a: male connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m ym2a14-050ub3xleax 2095858 6 proximity sensors | sick online data sheet | 2018-05-04 11:42:19 subject to change without notice m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
IMB08-04NNOVC0S | imb inductive proximity sensors brief description type part no. head a: male connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yn2a14-050ub3xleax 2096628 head a: female connector, m12, 4-pin, angled head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dsl-1204-b02mrn 6058502 head a: female connector, m12, 4-pin, angled head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dsl-1204-b05mrn 6058503 head a: female connector, m12, 4-pin, straight head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 2?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dsl-1204-g02mrn 6058499 head a: female connector, m12, 4-pin, straight head b: male connector, m12, 4-pin, straight cable: pp, unshielded, 5?m this product is generally resistant to chemical cleaning agents (see ecolab) and other chemical compounds such as h2o2 and ch2o2. before permanent installation is car- ried out, the material's resistance to the cleaning agent being used must be checked., resistant against lactic acid & hydrogen peroxide (h2o2) dsl-1204-g05mrn 6058500 head a: female connector, m12, 4-pin, straight, a-coded head b: male connector, m12, 4-pin, straight, a-coded cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yf2a14-050ub3m2a14 2096001 2018-05-04 11:42:19 | online data sheet subject to change without notice proximity sensors | sick 7 m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t
m8x1 4 (0.16) 28 (1.1) 60 (2.36) 8.9 (0.35) 0 0 8 (0.31) 4 (0.16) 4 (0.16) 1 (0.04) 3 (0.12) 2 (0.08) 4 (0.16) 8 (0.31) s n in mm (inch) distance in mm (inch) + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com s r qled distance of target s a =0.81 s n a a c b d e f a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of IMB08-04NNOVC0S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X