Part Number Hot Search : 
40201 C1504 LN235RPH D20400 MC78XXCT PQ2008 1500W 107M00
Product Description
Full Text Search
 

To Download HER3001PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - superfast recovery time, high voltage - low forward voltage, high current capability - low thermal resistance - low power loss, high efficiency - ul recognized file # e-326243 - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 50 100 200 300 400 600 v v rms 35 70 140 210 280 420 v v dc 50 100 200 300 400 600 v i f(av) a trr 80 ns cj 145 pf r jc o c/w t j o c t stg o c document number: ds_d1408004 version: f14 typical junction capacitance (note 3) 175 storage temperature range - 55 to +150 note 1: 2.0 s pulse width, f=1.0khz note 2: pulse test : 300 s pulse width, 1% duty cycle 1.0 1.3 1.7 10 500 maximum reverse recovery time (note 2) typical thermal resistance 1.4 operating junction temperature range - 55 to +150 maximum reverse current @ rated vr t j =25 t j =125 i r a 50 maximum instantaneous forward voltage (note 2) i f =15a v f v peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 300 a unit maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 30 maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol her 3001 pt her 3002 pt her 3003 pt her 3004 pt her 3005 pt her 3006 pt to-247ad (to-3p) mechanical data case: to-247ad (to-3p) polarity: as marked mounting torque: 10 in-lbs maximum weight: 5.6 g (approximately) HER3001PT thru her3006pt w an semiconducto r glass passivated hi g h efficient rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec
part no. part no. her3006pt her3006pt (ta=25 unless otherwise noted) document number: ds_d1408004 version: f14 ordering information green compound description example 30 / tube packing ratings and characteristics curves her3006pt c0 c0 her3006pt c0g c0 g note 1: "xx" defines voltage from 50v (HER3001PT) to 600v (her3006pt) preferred p/n packing code green compound code her30xxpt (note 1) c0 suffix "g" to-3p packing code green compound code package HER3001PT thru her3006pt taiwan semiconductor 0 6 12 18 24 30 36 0 50 100 150 average forward current (a) case temperature ( o c) fig.1- maximum forward current derating curve inductive or resistive load with heatsink 0 50 100 150 200 250 300 110100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current per leg 8.3ms single half sine wave 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics per leg t j =25 o c t j =125 o c 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward current (a) instantaneous forward voltage,(v) fig. 5- typical instantaneous forward characteristics per leg 50-300v 400v 600v t j =25 o c t j =125 o c pulse width=300 s 1% duty cycle
min max min max a 15.90 16.40 0.626 0.646 b 7.90 8.20 0.311 0.323 c 5.70 6.20 0.224 0.244 d 20.80 21.30 0.819 0.839 e 3.50 4.10 0.138 0.161 f 19.70 20.20 0.776 0.795 g - 4.30 - 0.169 h 2.90 3.40 0.114 0.134 i 1.93 2.18 0.076 0.086 j 2.97 3.22 0.117 0.127 k 1.12 1.22 0.044 0.048 l 5.20 5.70 0.205 0.224 m 4.90 5.16 0.193 0.203 n 2.70 3.00 0.106 0.118 o 0.51 0.76 0.020 0.030 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1408004 version: f14 marking diagram to-247ad (to-3p) HER3001PT thru her3006pt taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 10 100 1000 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance per leg 50-400v 600v f=1.0 mhz vsig=50mvp-p
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1408004 version: f14 HER3001PT thru her3006pt taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of HER3001PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X