Part Number Hot Search : 
APT15 AM2314NE AM29F40 MPS65 PE43503 BA5412 PM4575J N4902B
Product Description
Full Text Search
 

To Download GA107201111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 1 2 - 8 - 046 / i /ss page 1 of 10 specification part no. : ga. 107 .201111 product name : magnetic mount cellular penta - band antenna feature : delivers hig h performance for all 2g/3g/3.5 networks worldwide 800mhz to 2200mhz magnetic mount superior super magnet C
spe - 1 2 - 8 - 046 / i /ss page 2 of 10 1. introduction the ga. 107 magnetic cellular band antenna delivers marked improvements in efficiency and gain across all common frequencies in use for cellular bands today. now one antenna can be used in pla ce of multiple part numbers. small enough to be used indoors and outdoors, the antenna performance has been designed to take advantage of any metal plate (ground - plane) it attaches to deliver best of class performance. the ga.107 features a superior su per magnet made form neodymium n35, giving the antenna a maximum pull - force of 1.92 kilogram - force ( kgf ) . a reliable return loss of <10db when mounted on a metal plate ensures it complies with the industry standards set by module makers and networks worl dwide.
spe - 1 2 - 8 - 046 / i /ss page 3 of 10 2. specification penta - band cellular communication system amps gsm dcs pcs umts frequency ( m hz) 824 ~ 896 880 ~ 960 1710~ 1880 1850 ~ 1990 171 0 ~ 2170 peak gain (dbi) free space 2.6 5.0 - 2.2 - 2.3 - 2.1 with metal ground 0.1 - 0.3 - 1.0 - 1.0 - 0.7 e fficiency free space 35% 45% 21% 22% 22% with metal ground 44% 40% 24% 26% 26% impedance 50? polarization linear radiation pattern omni - directional v.s.w.r. < 2.0 : 1 input power 50 w mechanical dimensions length 116 mm ,29.5 mm base cable type rg - 174 cable length 2m pull force 1.92 kgf max. casing 300 series stainless steel with b lack duracoat finish connector sma male environmental temperature range - 40c to 85c humidity non - condensing 65c 95% rh * note C rf characteristic shown in this data sheet is measured with rg - 174 and sma(m) connector in room temperature.
spe - 1 2 - 8 - 046 / i /ss page 4 of 10 3. anten na characteristic s 3.1 return loss
spe - 1 2 - 8 - 046 / i /ss page 5 of 10 3.2 antenna efficiency
spe - 1 2 - 8 - 046 / i /ss page 6 of 10 4. antenna radiation pattern s 4.1 radiation pattern (free space)
spe - 1 2 - 8 - 046 / i /ss page 7 of 10 4.2 radiation pattern (on ground plane)
spe - 1 2 - 8 - 046 / i /ss page 8 of 10 5. magnetic pull force ( kilogram - force ( kgf )
spe - 1 2 - 8 - 046 / i /ss page 9 of 10 6. drawing
spe - 1 2 - 8 - 046 / i /ss page 10 of 10 7. packaging


▲Up To Search▲   

 
Price & Availability of GA107201111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X