Part Number Hot Search : 
CWP060 BZ5239 GLZJ56 RD27JSAB GLZJ56 PD2504 64V32 87C51F
Product Description
Full Text Search
 

To Download EEHZA1J100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer hybrid aluminum electrolytic capacitors / za surface mount type high temperature lead-free reflow features endurance: 10000 h at 105 low esr and high ripple current (70 % over, lower esr than current v-fp) high voltage (to 80v) equivalent to conductive polymer type aluminum electrolytic capacitor (there are little characteristics change by temperature and frequency) vibration-proof product is available upon request. ( 8 mm and larger) aec-q200 qualified* rohs directive compliant specifications markin g dimensions in mm ( not to scale ) (unit : mm) da, b i p c 5.0 5.3 2.2 1.5 d 6.3 6.6 2.6 1.8 d8 6.3 6.6 2.6 1.8 f 8.0 8.3 3.4 3.1 g 10.0 10.3 3.5 4.6 this product qualifi for aec-q200, but it has some deviations. design and specifications are each subject to change without notice. ask factory for the current technical specifications befor e purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. series: za type: v category temp.range -55 to +105 rated w.v. range 25 v.dc to 80 v.dc nominal cap. range 10 f to 330 f capacitancetolerance 20 % ( 120 hz/+20 ) dc leakage current l Q 0.01 cv or 3 ( a) after 2 minutes (whichever is greater) tan please see the attached standard products list (the sum of dc voltage and ripple peak voltage shall not exceed the rated voltage.) capacitance change 30 % of initial measured value 0.4 0.3 tan Q 200 % initial specified value e.s.r. Q 200 % initial specified value dc leakage current Q initial specified value shelf life after storage for 1000 hours at +105 2 with no voltage applied and then being stabilized at +20 , capacitors shall meet the limits specified in endurance. (with voltage treatment) endurance the capacitor shall be subjected to application of the d.c. voltage with full rated ripple current at + 105 for 10000 hours. after stabilizing at room temperature(+15 to 35 ), the capacitor shall not exceed the specified limits. esr after endurance ? /100 khz) (-40 ) size code cdd8fg 2.0 1.4 0.8 resistance to soldering heat after reflow soldering and then being stabilized at +20 , capacitors shall meet the following limits. capacitance change 10 % of initial measured value tan Q initial specified value dc leakage current Q initial specified value example : 25 v 33 f marking color : black lhwk rated voltage mark 5.8 0.3 6.5 max. 0.65 0.1 0.35 5.8 0.3 7.8 max. 0.65 0.1 0.35 7.8 max. 0.65 0.1 0.35 v 35 v k 80 v 10.2 0.3 10.0 max. 0.90 0.2 0.700.2 e 25 v j 63 v 7.7 0.3 oct. 2014 eee-2 h 50 v 10.2 0.3 12.0 max. 0.90 0.2 0.700.2 damp heat (load) tan Q 200 % initial specified value e.s.r. Q 200 % initial specified value dc leakage current Q initial specified value after applying rated working voltage for 2000 hours at +85 2 / 85% to 90%rh and then being stabilized at +20 , capacitors shall meet the following limits. capacitance change 30 % of initial measured value +0.15 -0.20 +0.15 -0.20 +0.15 -0.20 size code eza negative polarity marking ( ) 33 capacitance ( f) series identification rated voltage mark lot number 0.3max. h l d 0.5 k a 0.2 w (i) (p) (i) b 0.2 pressure relief ( 10 and ( ) reference
conductive polymer hybrid aluminum electrolytic capacitors / za standard products endurance 105 10000 h (v) ( f) (mm) (mm) (ma r.m.s.) (m ? ) (pcs) 33 5 5.8 c 900 80 0.14 eehza1e330r (5) 1000 56 6.3 5.8 d 1300 50 0.14 eehza1e560p (5) 1000 100 6.3 7.7 d8 2000 30 0.14 eehza1e101xp (5) 900 220 8 10.2 f 2300 27 0.14 eehza1e221p (6) 500 330 10 10.2 g 2500 20 0.14 eehza1e331p (6) 500 22 5 5.8 c 900 100 0.12 eehza1v220r (5) 1000 27 6.3 5.8 d 1300 60 0.12 eehza1v270p (5) 1000 47 6.3 5.8 d 1300 60 0.12 eehza1v470p (5) 1000 68 6.3 7.7 d8 2000 35 0.12 eehza1v680xp (5) 900 150 8 10.2 f 2300 27 0.12 eehza1v151p (6) 500 270 10 10.2 g 2500 20 0.12 eehza1v271p (6) 500 10 5 5.8 c 750 120 0.10 eehza1h100r (5) 1000 22 6.3 5.8 d 1100 80 0.10 eehza1h220p (5) 1000 33 6.3 7.7 d8 1600 40 0.10 eehza1h330xp (5) 900 68 8 10.2 f 1800 30 0.10 eehza1h680p (6) 500 100 10 10.2 g 2000 28 0.10 eehza1h101p (6) 500 10 6.3 5.8 d 1000 120 0.08 EEHZA1J100P (5) 1000 22 6.3 7.7 d8 1500 80 0.08 eehza1j220xp (5) 900 33 8 10.2 f 1700 40 0.08 eehza1j330p (6) 500 56 10 10.2 g 1800 30 0.08 eehza1j560p (6) 500 22 8 10.2 f 1550 45 0.08 eehza1k220p (6) 500 33 10 10.2 g 1700 36 0.08 eehza1k330p (6) 500 ? please refer to the page of "reflow profile" and "the taping dimensions". when requesting vibration-proof product, please put the last v instead to p fre q uenc y correction factor for ri pp le current design and specifications are each subject to change without notice. ask factory for the current technical specifications befor e purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. w.v. cap. (20 %) case size specification part no. (rohs: compliant) reflow min. packaging q'ty dia. length size code ripple current (100 khz) (+105 ) e.s.r. (100 khz) (+20 ) tan (120 hz) (+20 ) taping eee-3 25 35 50 63 80 oct. 2014 0.1 0.12 0.2 0.3 0.5 1 2 3 5 10 15 20 30 40 50 100 300 500 1000 0.10 0.10 0.10 0.15 0.20 0.30 0.40 0.45 0.50 0.60 0.65 0.70 0.75 0.80 0.85 1.00 1.00 1.05 1.05 0.15 0.15 0.20 0.25 0.30 0.40 0.45 0.55 0.60 0.70 0.75 0.80 0.80 0.85 0.90 1.00 1.00 1.00 1.00 0.15 0.15 0.25 0.25 0.30 0.45 0.50 0.60 0.65 0.75 0.80 0.85 0.85 0.85 0.90 1.00 1.00 1.00 1.00 correction fac tor 47 Q c < 150 150 Q c capacitance ( f) frequenc y (khz) c < 47


▲Up To Search▲   

 
Price & Availability of EEHZA1J100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X