Part Number Hot Search : 
IRGB440U LTC1569I BD7996 2N6715 PCD3755A MA4P1250 5N6BC0 MA4P1250
Product Description
Full Text Search
 

To Download DS-0026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors all sensors all sensors all sensors all sensors DS-0026 rev a 0.80 (20.3) 0.85 (21.6) 1.10 (27.9) 0.10 typical (2.54) a b 1 pin 1 2 3 4 0.66 (16.0) 0.21 (5.3) 0.42 (10.5) 0.48 (12.2) 0.55 (14.0) 0.174 to 0.190 (4.4 to 4.8) 1.08 (27.4) 0.25 (6.4) pin size 0.010 x 0.020 (0.25 x 0.50) notes: 1) dimensions in inches (millimeters) pin 1: vsupply pin 2: common pin 3: voutput pin 4: do not connect the amplified line of low pressure sensors is based upon a proprietary technology to reduce all output offset or common mode errors. this model provides a ratiometric 4-volt output with superior output offset characteristics. output offset errors due to change in temperature, stability to warm-up, stability to long time period, and position sensitivity are all significantly reduced when compared to conventional compensation methods. in addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure. these calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. this series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. the output of the device is ratiometric to the supply voltage over a supply voltage range of 4.5 to 5.5 volts. 1 mbar (0.4 in h2o) to 30 in h2o pressure sensors ? 0 to 1 mbar to 0 to 30 in h2o pressure ranges  ratiometric 4v output  temperature compensated (-40c to 125c)  calibrated zero and span physical dimensions  medical instrumentation  environmental controls  hvac general description applications features amplified low pressure sensors military temperature grade
amplified low pressure sensors military grade parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.80 2.00 nominal 1.0 2.0 2.25 20 40 20 0.05 maximum 2.20 2.50 120 0.25 4 units mbar volt volt mvolt mvolt mvolt mvolt %fs %span part number 1 mbar-d-4v-mil 1 inch-d-4v-mil 1 inch-g-4v-mil 5 inch-d-4v-mil 5 inch-g-4v-mil 10 inch-d-4v-mil 10 inch-g-4v-mil 20 inch-d-4v-mil 20 inch-g-4v-mil 30 inch-d-4v-mil 30 inch-g-4v-mil operating pressure 1 mbar 1 in h2o 0 - 1 in h2o 5 in h2o 0 - 5 in h2o 10 in h2o 0 - 10 in h2o 20 in h2o 0 - 20 in h2o 30 in h2o 0 - 30 in h2o nominal span 4 v 4 v 4 v 4 v 4 v 4 v 4 v 4 v 4 v 4 v 4 v proof pressure 100 in h2o 100 in h2o 300 in h2o 200 in h2o 200 in h2o 200 in h2o 200 in h2o 300 in h2o 300 in h2o 500 in h2o 500 in h2o burst pressure 200 in h2o 200 in h2o 200 in h2o 300 in h2o 300 in h2o 300 in h2o 300 in h2o 500 in h2o 500 in h2o 800 in h2o 800 in h2o standard pressure ranges supply supply voltage vs common-mode pressure lead temperature, max (soldering 2-4 sec.) +4.5 to +5.5 vdc -10 to +10 psig 250c pressure sensor ratings temperature ranges compensated operating storage humidity limits -40 to 125 c -40 to 125 c -40 to 125 c 0 to 95% rh (non condensing) environmental specifications performance characteristics for: 1 mbar-d-4v-mil
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors all sensors all sensors all sensors all sensors DS-0026 rev a parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.90 2.15 nominal 1.0 2.0 2.25 10 5 10 0.05 maximum 2.10 2.35 60 0.25 2 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 3.90 0.15 nominal 1.0 4.0 0.25 10 15 10 0.05 maximum 4.10 0.35 60 0.25 2 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.90 2.15 nominal 5.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 40 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span performance characteristics for 1 inch-d-4v-mil performance characteristics for 1 inch-g-4v-mil performance characteristics for 5 inch-d-4v-mil
amplified low pressure sensors military grade parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 3.90 0.15 nominal 5.0 4.0 0.25 5 5 5 0.05 maximum 4.10 0.35 40 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.90 2.15 nominal 10.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 3.90 0.15 nominal 10.0 4.0 0.25 5 5 5 0.05 maximum 4.10 0.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span performance characteristics for: 5 inch-g-4v-mil performance characteristics for: 10 inch-d-4v-mil performance characteristics for: 10 inch-g-4v-mil
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors all sensors all sensors all sensors all sensors DS-0026 rev a parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.90 2.15 nominal 20.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 3.90 0.15 nominal 20.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span parameter, note 1 operating range, differential pressure output span, note 5 offset voltage @ zero differential pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 1.90 2.15 nominal 30.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span performance characteristics for 20 inch-d-4v-mil performance characteristics for 20 inch-g-4v-mil performance characteristics for 30 inch-d-4v-mil
amplified low pressure sensors military grade specification notes note 1: a ll parameters are measured at 5.0 volt excitation , for the nominal full scale pressure and room temperature unless otherwise specified . p ressure measurements are with positive pressure applied to p ort b. note 2: s hift is relative to 25c. note 3: s hift is within the first hour of excitation applied to the device . note 4: m easured at one - half full scale rated pressure using best straight line curve fit . note 5: t he voltage added to the offset voltage at full scale pressure . n ominally the output voltage range is 0.25 to 4.25 volts for minus to plus full scale pressure . parameter, note 1 operating range, gage pressure output span, note 5 offset voltage @ zero pressure offset temperature shift (-40c-125c), note 2 offset warm-up shift, note 3 offset position sensitivity (1g) offset long term drift (one year) linearity, hysteresis error, note 4 span shift (-40c-125c), note 2 minimum 3.9 0.15 nominal 30.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units ?h2o volt volt mvolt mvolt mvolt mvolt %fs %span all sensors reserves the right to make changes to any products herein. all sensors does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of ot hers. pressure response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 500 useconds. performance characteristics for 30 inch-g-4v-mil equivalent circuit


▲Up To Search▲   

 
Price & Availability of DS-0026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X