multilayer ceramic chip capacitors 1 of 3 creation date : november 28, 2017 (gmt) C1608C0G2A332J080AE u? tdk item description c1608c0g2a332jt***s applications commercial grade please refer to part no. cga3e2c0g2a332j080ae for automotive use. feature mid mid voltage (100 to 630v) soft soft termination series c1608 [eia 0603] status production size length(l) 1.60mm +0.20,-0.10mm width(w) 0.80mm +0.15,-0.10mm thickness(t) 0.80mm +0.15,-0.10mm terminal width(b) 0.20mm min. terminal spacing(g) 0.30mm min. recommended land pattern (pa) 0.70mm to 1.00mm(flow soldering) 0.60mm to 0.80mm(re?ow soldering) recommended land pattern (pb) 0.80mm to 1.00mm(flow soldering) 0.60mm to 0.80mm(re?ow soldering) recommended land pattern (pc) 0.60mm to 0.80mm(flow soldering) 0.60mm to 0.80mm(re?ow soldering) electrical characteristics capacitance 3.3nf 5% rated voltage 100vdc temperature characteristic c0g(030ppm/c) q (min.) 1000 insulation resistance (min.) 10000m other soldering method wave (flow) re?ow aec-q200 no packing punched (paper)taping [180mm reel] package quantity 4000pcs ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 2 of 3 creation date : november 28, 2017 (gmt) C1608C0G2A332J080AE u? characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance C1608C0G2A332J080AE capacitance C1608C0G2A332J080AE dc bias characteristic C1608C0G2A332J080AE temperature characteristic C1608C0G2A332J080AE(no bias) C1608C0G2A332J080AE(dc bias = 50v) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
multilayer ceramic chip capacitors 3 of 3 creation date : november 28, 2017 (gmt) C1608C0G2A332J080AE u? associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|