Part Number Hot Search : 
TSH690ID CED6060R S29153 TC144E M51996 LBT16028 AK4950EN LTM9004
Product Description
Full Text Search
 

To Download AON7140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7140 general description product summary v ds i d (at v gs =10v) 50a r ds(on) (at v gs =10v) < 2.3m? r ds(on) (at v gs =4.5v) < 3.5m? applications 100% uis tested 100% rg tested ? synchronous rectification for ac-dc/dc-dc conv erter ? motor drive for 12v-24v systems ? oring switches AON7140 dfn 3.3x3.3 tape & reel 3000 40v n-channel mosfet orderable part number package type form minimum order quantity 40v ? trench power mv mosfet technology ? low r ds(on) ? low gate charge g ds top view 12 3 4 8 76 5 dfn 3.3x3.3 top view bottom view pin 1 pin 1 symbol v ds v gs i dm i as avalanche energy l=0.3mh c e as v spike t j , t stg symbol t 10s steady-state steady-state r q jc power dissipation b 18.5 t c =100c 10s p d 40 48 46 gate-source voltage pulsed drain current c 50 parameter drain-source voltage continuous drain current g maximum junction-to-case c/w c/w maximum junction-to-ambient a d 1.8 60 2.7 va absolute maximum ratings t a =25c unless otherwise noted 20 v maximum units w i d v a 30 a 200 i dsm 25.5 mj 135 31.5 50 maximum junction-to-ambient a c/w r q ja 25 50 30 thermal characteristics parameter max t a =70c 2.6 c units junction and storage temperature range -55 to 150 typ p dsm w t a =25c 4.1 power dissipation a t a =25c t a =70c t c =25c t c =100c t c =25c avalanche current c continuous drain current v ds spike i rev.1.0: december 2015 www.aosmd.com page 1 of 6
AON7140 symbol min typ max units bv dss 40 v v ds =40v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.4 1.85 2.4 v 1.9 2.3 t j =125c 3.0 3.7 2.7 3.5 m? g fs 100 s v sd 0.67 1 v i s 50 a c iss 3350 pf c oss 580 pf c rss 65 pf r g 0.4 0.85 1.3 ? q g (10v) 42 60 nc q g (4.5v) 18 26 nc q gs 11.5 nc q gd 3.5 nc t d(on) 9 ns t r 3.5 ns t d(off) 34 ns t f 3 ns reverse transfer capacitance v gs =0v, v ds =20v, f=1mhz v ds =v gs, i d =250 m a output capacitance forward transconductance i s =1a, v gs =0v v ds =5v, i d =20a v gs =10v, i d =20a v ds =0v, v gs =20v maximum body-diode continuous current g input capacitance gate-body leakage current turn-off delaytime turn-off fall time v gs =10v, v ds =20v, r l =1.0 w , r gen =3 w diode forward voltage dynamic parameters v gs =4.5v, i d =20a turn-on rise time gate source charge gate drain charge total gate charge switching parameters turn-on delaytime m? v gs =10v, v ds =20v, i d =20a total gate charge electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions gate resistance f=1mhz i dss a zero gate voltage drain current drain-source breakdown voltage i d =250 m a, v gs =0v r ds(on) static drain-source on-resistance t f 3 ns t rr 16 ns q rr 42 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge body diode reverse recovery time i f =20a, di/dt=500a/ m s turn-off fall time i f =20a, di/dt=500a/ m s a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja t 10s and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. single pulse width limited by junction temperatu re t j(max) =150 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. i. the spike duty cycle 5% max, limited by junctio n temperature t j(max) =125 c. rev.1.0: december 2015 www.aosmd.com page 2 of 6
AON7140 typical electrical and thermal characteristics 0 20 40 60 80 100 1 2 3 4 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 1 2 3 4 5 0 5 10 15 20 25 30 r ds(on) (m w ) i d (a) figure 3: on - resistance vs. drain current and gate 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on - resistance vs. junction temperature v gs =4.5v i d =20a v gs =10v i d =20a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 0 1 2 3 4 5 i d (a) v ds (volts) figure 1: on-region characteristics (note e) v gs =3v 3.5v 4.5v 10v d figure 3: on - resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c figure 4: on - resistance vs. junction temperature (note e) 0 1 2 3 4 5 6 2 4 6 8 10 r ds(on) (m w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =20a 25 c 125 c rev.1.0: december 2015 www.aosmd.com page 3 of 6
AON7140 typical electrical and thermal characteristics 0 100 200 300 400 500 0.0001 0.001 0.01 0.1 1 10 100 power (w) pulse width (s) figure 10: single pulse power rating junction - to - 0 2 4 6 8 10 0 10 20 30 40 50 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 500 1000 1500 2000 2500 3000 3500 4000 0 10 20 30 40 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =20v i d =20a t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) v > or equal to 4.5v 10 m s 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 10ms figure 10: single pulse power rating junction - to - case (note f) 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 z q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p dm in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse v gs > or equal to 4.5v figure 9: maximum forward biased safe operating area (note f) r q jc =2.7 c/w rev.1.0: december 2015 www.aosmd.com page 4 of 6
AON7140 typical electrical and thermal characteristics 0 10 20 30 40 50 60 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 12: power de-rating (note f) 0 10 20 30 40 50 60 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 13: current de-rating (note f) 1 10 100 1000 10000 1e-05 0.001 0.1 10 1000 power (w) pulse width (s) t a =25 c 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 z q ja normalized transient thermal resistance pulse width (s) figure 15: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p dm in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse pulse width (s) figure 14: single pulse power rating junction-to-am bient (note h) r q ja =60 c/w rev.1.0: december 2015 www.aosmd.com page 5 of 6
AON7140 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off l bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar figure a: gate charge test circuit & waveforms figure b: resistive switching test circuit & wavefor ms figure c: unclamped inductive switching (uis) test c ircuit & waveforms vdd vgs id vgs rg dut - + vdc vgs vds id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr figure d: diode recovery test circuit & waveforms rev.1.0: december 2015 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AON7140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X