Part Number Hot Search : 
EDZ16B E002011 TG320 MAX795 167BZXC RTM875 USM050 USM050
Product Description
Full Text Search
 

To Download 8ETX06STRLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94033 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 11-mar-10 1 hyperfast rectifier, 8 a fred pt ? vs-8etx06spbf, vs-8etx06-1pbf vishay high power products features ? hyperfast recovery time ? low forward voltage drop ? low leakage current ? 175 c operating junction temperature ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description/applications state of the art hyperfast reco very rectifiers designed with optimized performance of forw ard voltage drop, hyperfast recovery time, and soft recovery. the planar structure and the plat inum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. these devices are intended for use in pfc boost stage in the ac-to-dc section of smps, inverters or as freewheeling diodes. their extremely optimized stored charge and low recovery current minimize the switch ing losses and reduce over dissipation in the switch ing element and snubbers. product summary t rr (typical) 15 ns i f(av) 8 a v r 600 v v s -8etx06 s p b f anode 1 3 ba s e cathode 2 n/c d 2 pak v s -8etx06-1p b f to-262 anode 1 3 2 n/c absolute maximum ratings parameter symbol test conditions max. units peak repetitive reverse voltage v rrm 600 v average rectified forward current i f(av) t c = 143 c 8 a non-repetitive peak surge current i fsm t j = 25 c 110 peak repetitive forward current i fm 18 operating junction and storage temperatures t j , t stg - 65 to 175 c electrical specifications (t j = 25 c unless otherwise specified) parameter symbol test conditi ons min. typ. max. units breakdown voltage, blocking voltage v br , v r i r = 100 a 600 - - v forward voltage v f i f = 8 a - 2.3 3.0 i f = 8 a, t j = 150 c - 1.4 1.7 reverse leakage current i r v r = v r rated - 0.3 50 a t j = 150 c, v r = v r rated - 35 500 junction capacitance c t v r = 600 v - 17 - pf series inductance l s measured lead to lead 5 mm from package body - 8.0 - nh
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94033 2 revision: 11-mar-10 vs-8etx06spbf, vs-8etx06-1pbf vishay high power products hyperfast rectifier, 8 a fred pt ? dynamic recovery characteristics (t c = 25 c unless otherwise specified) parameter symbol test condition s min. typ. max. units reverse recovery time t rr i f = 1 a, di f /dt = 100 a/s, v r = 30 v - 15 19 ns i f = 8 a, di f /dt = 100 a/s, v r = 30 v - 16 24 t j = 25 c i f = 8 a di f /dt = 200 a/s v r = 390 v -17- t j = 125 c - 40 - peak recovery current i rrm t j = 25 c - 2.3 - a t j = 125 c - 4.5 - reverse recovery charge q rr t j = 25 c - 20 - nc t j = 125 c - 100 - reverse recovery time t rr t j = 125 c i f = 8 a di f /dt = 600 a/s v r = 390 v -31-ns peak recovery current i rrm -12- a reverse recovery charge q rr - 195 - nc thermal - mechanical specifications parameter symbol test condit ions min. typ. max. units maximum junction and storage temperature range t j , t stg - 65 - 175 c thermal resistance, junction to case per leg r thjc -1.42 c/w thermal resistance, junction to am bient per leg r thja typical socket mount - - 70 thermal resistance, case to heatsink r thcs mounting surface, flat, smooth and greased -0.5- weight -2.0- g -0.07- oz. mounting torque 6.0 (5.0) - 12 (10) kgf cm (lbf in) marking device case style d 2 pak 8etx06s case style to-262 8etx06-1
document number: 94033 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 11-mar-10 3 vs-8etx06spbf, vs-8etx06-1pbf hyperfast rectifier, 8 a fred pt ? vishay high power products fig. 1 - typical forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 0.1 1 100 10 i f - instantaneous forward current (a) v f - forward voltage drop (v) 0.5 1.5 3.0 4.0 4.5 3.5 2.0 1.0 0 2.5 t j = 175 c t j = 150 c t j = 25 c 0.001 0.0001 0.01 0.1 1 10 100 1000 i r - reverse current (m a) v r - reverse voltage (v) 100 300 600 400 200 0 500 t j = 175 c t j = 150 c t j = 125 c t j = 100 c t j = 25 c 10 100 1000 c t - junction capacitance (pf) v r - reverse voltage (v) 100 300 600 400 200 0 500 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 1 d = 0.50 d = 0.20 d = 0.10 d = 0.05 d = 0.02 d = 0.01 single pulse (thermal resistance) p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94033 4 revision: 11-mar-10 vs-8etx06spbf, vs-8etx06-1pbf vishay high power products hyperfast rectifier, 8 a fred pt ? fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 120 170 160 140 130 150 180 allowable case temperature (c) i f(av) - average forward current (a) dc see note (1) 268 4 01012 square wave (d = 0.50) rated v r applied 0 16 14 12 8 6 4 2 10 20 18 average power loss (w) i f(av) - average forward current (a) 26 1214 dc d = 0.01 d = 0.02 d = 0.05 d = 0.1 d = 0.2 d = 0.5 8 4 010 rms limit 10 40 20 30 50 v r = 390 v t j = 125 c t j = 25 c i f = 16 a i f = 8 a i f = 16 a i f = 8 a t rr (ns) di f /dt (a/s) 1000 100 0 200 250 100 50 150 300 q rr (nc) i f = 16 a i f = 8 a i f = 16 a i f = 8 a di f /dt (a/s) 1000 100 v r = 390 v t j = 125 c t j = 25 c
document number: 94033 for tec hnical questions, contact: diodestech@vishay.com www.vishay.com revision: 11-mar-10 5 vs-8etx06spbf, vs-8etx06-1pbf hyperfast rectifier, 8 a fred pt ? vishay high power products fig. 9 - reverse recovery parameter test circuit fig. 10 - reverse recovery waveform and definitions irfp250 d.u.t. l = 70 h v r = 200 v 0.01 g d s di f /dt adju s t q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of current through zero cro ss ing (2) i rrm - peak rever s e recovery current (3) t rr - rever s e recovery time mea s ured from zero cro ss ing point of negative going i f to point where a line pa ss ing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current. (4) q rr - area under curve defined by t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of current during t b portion of t rr
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94033 6 revision: 11-mar-10 vs-8etx06spbf, vs-8etx06-1pbf vishay high power products hyperfast rectifier, 8 a fred pt ? ordering information table 2 - current rating (8 a) 3 - e = single diode 4 - t = to-220, d 2 pak 5 - x = hyperfast rectifier 6 - voltage rating (06 = 600 v) - pbf = lead (pb)-free 7 - s = d 2 pak -1 = to-262 8 - none = tube (50 pieces) trl = tape and reel (left oriented, for d 2 pak package) trr = tape and reel (right oriented, for d 2 pak package) 9 device code 5 1 3 24 6789 vs- 8 e t x 06 s trl pbf 1 - hpp product suffix links to related documents dimensions www.vishay.com/doc?95014 part marking information www.vishay.com/doc?95008 packaging information www.vishay.com/doc?95032 spice model www.vishay.com/doc?95393
document number: 95014 for technical questi ons concerning discr ete products, contact: diodes-tech@vishay.com www.vishay.com revision: 31-mar-09 for technical questi ons concerning module products, contact: ind-modules@vishay.com 1 d 2 pak, to-262 outline dimensions vishay high power products dimensions for d 2 pak in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) v ie w a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l ga u ge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: n one (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout mi n . 11.00 (0.43) mi n . 9.65 (0.3 8 ) mi n . 3. 8 1 (0.15) mi n . 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
www.vishay.com for technical questions c oncerning discrete products, contact: diodes-tech@vishay.com document number: 95014 2 for technical questions concer ning module products, contact: ind-modules@vishay.com revision: 31-mar-09 outline dimensions vishay high power products d 2 pak, to-262 dimensions for to-262 in millimeters and inches notes (1) dimensioning and tolerancing as per asme y14.5m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) controlling dimension: inches (6) outline conform to jedec to-262 except a1 (maximum), b (minimum) and d1 (minimum) where dimensions derived the actual package outline symbol millimeters inches notes min. max. min. max. a 4.06 4.83 0.160 0.190 a1 2.03 3.02 0.080 0.119 b 0.51 0.99 0.020 0.039 b1 0.51 0.89 0.020 0.035 4 b2 1.14 1.78 0.045 0.070 b3 1.14 1.73 0.045 0.068 4 c 0.38 0.74 0.015 0.029 c1 0.38 0.58 0.015 0.023 4 c2 1.14 1.65 0.045 0.065 d 8.51 9.65 0.335 0.380 2 d1 6.86 8.00 0.270 0.315 3 e 9.65 10.67 0.380 0.420 2, 3 e1 7.90 8.80 0.311 0.346 3 e 2.54 bsc 0.100 bsc l 13.46 14.10 0.530 0.555 l1 - 1.65 - 0.065 3 l2 3.56 3.71 0.140 0.146 (4) (4) base metal plating b 1, b 3 ( b , b 2) c1 c section b - b and c - c scale: n one section a - a (3) e1 (3) d1 e b a a a c2 c a1 seating plane lead tip (3) (2) (3) (2) a e (dat u m a) l1 l2 b b c c 3 2 1 l d 2 x e 3 x b 2 3 x b 0.010 a b mm modified jedec outline to-262 lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 8ETX06STRLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X