Part Number Hot Search : 
2SC1213 ZTX650 LSZ51A LSZ51A SMBJ58A 1N5629 BAT54C HY57V
Product Description
Full Text Search
 

To Download 2SA1225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd to-252 -2l plastic-encapsulate transistors 2SA1225 transistor (pnp) features z high t ransition f requency z complementary to 2sc2983 applications z power a mplifier a pplications z driver s tage a mplifier a pplications maximum ratings (t a =25 unless otherwise noted) electrical chara cteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-1ma ,i e =0 -160 v collector-emitter breakdown voltage v (br) ceo * i c =-10ma, i b =0 -160 v emitter-base breakdown voltage v (br)ebo i e =-1ma,i c =0 -5 v collector cut-off current i cbo v cb =160v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a dc current gain h fe v ce =-5v, i c =-0.1a 70 240 collector-emitter saturation voltage v ce(sat) i c =-0.5a,i b =-50ma -1.5 v base-emitter voltage v be v ce =-5v, i c =-0.5a -1 v transition frequency f t v ce =-10v ,i c =-100ma 100 mhz collector output capacitance c ob v cb =-10v ,i e =0,f=1mhz 30 pf * pulse test classification of h fe rank o y range 70-140 120-240 symbol parameter value unit v cbo collector-base voltage -160 v v ceo collector-emitter voltage -160 v v ebo emitter-base voltage -5 v i c collector current -1.5 a p c collector power dissipation 1 w t j junction temperature 150 t stg storage temperature -55~150 to-252 -2l 1. base 2. collector 3 .emitter www.cj-elec.com 1 d , mar ,201 6
-85 -90 -95 -100 -105 -110 10 100 -0.1 -1 -10 -100 -1000 -200 -400 -600 -800 -1000 0 25 50 75 100 125 150 0 200 400 600 800 1000 1200 -0.1 -1 -10 -100 -1000 -10 -100 -1 -10 -100 -1000 10 100 1000 -0.1 -1 -10 10 100 1000 -200 -400 -600 -800 -1000 -0.1 -1 -10 -100 -1000 -0 -1 -2 -3 -4 -5 -6 -7 -0 -30 -60 -90 -120 -150 300 -1500 i c f t ?? common emitter v ce =-10v t a =25 collector current i c (ma) transition frequency f t (mhz) -1500 =10 i c v besat ?? base-emitter saturation voltage v besat (mv) collector curremt i c (ma) t a =100 t a =25 p c ?? t a ambient temperature t a ( ) collector power dissipation p c (mw) -1500 -1500 t a =100 t a =25 =10 i c v cesat ?? collector-emitter saturation voltage v cesat (mv) collector curremt i c (ma) -500 i c h fe ?? t a =100 t a =25 dc current gain h fe collector current i c (ma) common emitter v ce = -5v -30 f=1mhz i e =0/i c =0 t a =25 v cb /v eb c ob /c ib ?? c ob c ib reverse voltage v (v) capacitance c (pf) collector current i c (ma) base-emmiter voltage v be (mv) i c ?? v be t a = 2 5 t a = 1 0 0 common emitter v ce =-5v static characteristic common emitter t a =25 collector current i c (ma) collector-emitter voltage v ce (v) -1ma -0.9ma -0.8ma -0.7ma -0.6ma -0.5ma -0.2ma -0.3ma -0.4ma i b =-0.1ma www.cj-elec.com 2 d , mar ,201 6 typical characteristics
min . ma x . min . ma x . a 2. 200 2.380 0.087 0.094 a1 0.000 0.100 0.000 0.004 b 0.800 1.400 0.031 0.055 b 0.710 0.810 0.028 0.032 c 0.460 0.560 0.018 0.022 c1 0.460 0.560 0.018 0.022 d 6.500 6.700 0.256 0.264 d1 5.130 5.460 0.202 0.215 e 6.000 6.200 0.236 0.244 e e1 4.327 4.727 0.170 0.186 m n l 9.800 10.400 0.386 0.409 l1 l2 1.400 1.700 0.055 0.067 v -     0.190 ref. 1.778ref. 0.762ref. 0.070ref. 0.018ref. 4.830 ref. 2.9ref. 0.114ref. symbol dimensions in millimeters dimensions in inches 2.286 typ. 0.090 typ. www.cj-elec.com    ' , 0du ,201 
to-252(4r)-2l tape and reel www.cj-elec.com    ' , 0du ,201 


▲Up To Search▲   

 
Price & Availability of 2SA1225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X