Part Number Hot Search : 
2001834 ES5CB F1504 2SC6082 LAA100PL KSC2330A MGF1302 F1504
Product Description
Full Text Search
 

To Download 1N4738 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4727-1n4761 1w silicon planar power zener diodes for use in stabilizing and clipping circuits with high power rating. standard zener voltage tolerance is 10%. add suffix "a" for 5% tolerance and suffix "b" for 2% tolerance. other tolerances are available upon request. absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 1 1) w junction temperature t j 200 o c storage temperature range t stg - 65 to + 200 o c 1) valid provided that leads at a distance of 8 mm from case ar e kept at ambient temperature. characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 170 1) k/w forward voltage at i f = 200 ma v f 1.2 v 1) valid provided that leads at a distance of 8 mm from case ar e kept at ambient temperature. max . 4.2 max. 2.8 gl ass ca s e do-41 max. 0 .7 min. 25. 4 min. 25. 4 xxx ca thode band part no. dimensi ons i n mm black bl ack 1 of 4 1n4727 - 1n4761 z ibo seno electronic engineering co., ltd. www.senocn.com alldatasheet
characteristics at t a = 25 o c type z ener voltage 3) dy namic resistance 1) reverse current max i mum surge current 4) maximum regulator current 2) v znom at l zt z zt z zk at i zk i r at v r at t a = 25 o c (v) (ma) max. ( ? ) max. ( ? ) (ma) max. (a) (v) i zsm (ma) i zm (ma) 1n4727 3 83 10 400 1 150 1 1375 275 1n4728 3.3 76 10 400 1 150 1 1375 275 1n4729 3.6 69 10 400 1 100 1 1260 252 1n4730 3.9 64 9 400 1 100 1 1190 234 1n4731 4.3 58 9 400 1 50 1 1070 217 1n4732 4.7 53 8 500 1 10 1 970 193 1n4733 5.1 49 7 550 1 10 1 890 178 1n4734 5.6 45 5 600 1 10 2 810 162 1n4735 6.2 41 2 700 1 10 3 730 146 1n4736 6.8 37 3.5 700 1 10 4 660 133 1n4737 7.5 34 4 700 0.5 10 5 605 121 1N4738 8.2 31 4.5 700 0.5 10 6 550 110 1n4739 9.1 28 5 700 0.5 10 7 500 100 1n4740 10 25 7 700 0.25 10 7.6 454 91 1n4741 11 23 8 700 0.25 5 8.4 414 83 1n4742 12 21 9 700 0.25 5 9.1 380 76 1n4743 13 19 10 700 0.25 5 9.9 344 69 1n4744 15 17 14 700 0.25 5 11.4 304 61 1n4745 16 15.5 16 700 0.25 5 12.2 285 57 1n4746 18 14 20 750 0.25 5 13.7 250 50 1n4747 20 12.5 22 750 0.25 5 15.2 225 45 1n4748 22 11.5 23 750 0.25 5 16.7 205 41 1n4749 24 10.5 25 750 0.25 5 18.2 190 38 1n4750 27 9.5 35 750 0.25 5 20.6 170 34 1n4751 30 8.5 40 1000 0.25 5 22.8 150 30 1n4752 33 7.5 45 1000 0.25 5 25.1 135 27 1n4753 36 7 50 1000 0.25 5 27.4 125 25 1n4754 39 6.5 60 1000 0.25 5 29.7 115 23 1n4755 43 6 70 1500 0.25 5 32.7 110 22 1n4756 47 5.5 80 1500 0.25 5 35.8 95 19 1n4757 51 5 95 1500 0.25 5 38.8 90 18 1n4758 56 4.5 110 2000 0.25 5 42.6 80 16 1n4759 62 4 125 2000 0.25 5 47.1 70 14 1n4760 68 3.7 150 2000 0.25 5 51.7 65 13 1n4761 75 3.3 175 2000 0.25 5 56 60 12 1) the dynamic resistance is derived from the 60 hz ac voltage wh ic h results w hen an ac current having an rms value equal to 10% o f the zener current (i zt or i zk ) is superimposed on i zt or i zk . dy namic resistance is measured at tw o points to insure a sharp knee on the breakdow n curve and to eliminate unstable units. 2) valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. 3) tested with pulses tp = 20 ms. 4) the rating listed in the electrical charac teristics table is maximum peak, non-repetitiv e, reverse surge current of 1/2 square wav e or equivalent sine wave pulse of 1/120 second duration superimposed on the test current i zt . z ibo seno electronic engineering co., ltd. 1n4727-1n4761 2 of 4 www.senocn.com 1n4727 - 1n4761 alldatasheet
i n 4 7 5 8 i n 4 7 4 4 i n 4 7 4 3 0 0 10 10 ma iz 20 30 40 50 i n 4 7 4 2 20 30 40 50 i n 4 7 5 3 i n 4 7 5 1 i n 4 7 5 0 i n 4 7 5 2 i n 4 7 4 9 i n 4 7 4 8 i n 4 7 4 7 i n 4 7 4 5 i n 4 7 4 6 i n 4 7 5 5 i n 4 7 5 4 i n 4 7 5 7 i n 4 7 5 6 breakdowm character is tics t j =const an t(pulsed) 10 0 0 1 30 20 50 40 iz 100 70 60 90 80 ma 2345 i n 4 7 2 8 i n 4 7 2 7 i n 4 7 3 1 i n 4 7 2 9 i n 4 7 3 0 i n 4 7 3 2 i n 473 3 i n 4 7 6 3 i n 4 7 6 2 i n 4 7 6 1 i n 4 7 6 0 i n 4 7 5 9 vz 60 70 80 90 i n 4 7 6 4 100 1 10 120 in... t j =25 c o i n 4 7 4 0 vz 67 i n 4 7 3 6 i n 4 7 3 7 89 i n 4 7 3 8 i n 4 7 3 9 i n 4 7 3 5 i n 473 4 10 11 i n 4 7 4 1 12 in... t j =25 c o z ibo seno electronic engineering co., ltd. 1n4727-1n4761 3 of 4 www.senocn.com 1n4727 - 1n4761 alldatasheet
r ja th erm a l resi stance junction to ambient (c/w) i, lead length (mm) fig. 2 typical thermal resistance vs. lead length 0 05 1015 50 100 150 30 20 25 200 250 100 0 0 0.2 0.4 0.8 0.6 2 00 t a , ambient temperature fig. 1 power dissipation vs ambient temperature p d . tot a l power dissipation (w) v r =30v v r =20v v r =5v v r =2v v r =0v f=1m h z t a =25 c 50 vz , zener voltage (v) fig. 3 junction capacitance vs zener voltage c j , diod e capacitance (pf) 100 1 0102 0 3040 10 1000 differential z ene r impedance ( ) 100 2ma vz , zener voltage (v) fig. 4 typical zener impedance vs. zener voltage 60 1 1 10ma 20 ma 10 5ma 10 100 iz=1ma 1000 z ibo seno electronic engineering co., ltd. 1n4727-1n4761 4 of 4 www.senocn.com 1n4727 - 1n4761 alldatasheet


▲Up To Search▲   

 
Price & Availability of 1N4738

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X