Part Number Hot Search : 
IRFN250 18160 SM160 P6KA13A H2264 PCA9698 1N4001 TZA3014
Product Description
Full Text Search
 

To Download 1N4738 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p age:p 3 - p 1 glass - encapsulate diodes guangdong hottech industrial co,. ltd. zener diodes mechanical dat a cas e:do - 41, glass case terminals : solderable per mil - std - 20 2, method 208 polarity: cathode band marking: type number approx. weight: 0.35 grams absolute maximum ratings (ta=25 unless otherwise noted) parameter s ym bol v alue u nit p o w e r d i s s i pa t i o n @ t a m b 50 p d i s s 1 . 0 1) w z - c u rr ent i z p v / v z ma j un c t i o n te m pe r a t u r e t j 2 0 0 s t o r ag e te m pe r atu r e r ange t s - 5 5 --- + 2 0 0 j un c t i o n a m b i en t i = 9.5 mm ( 3/ 8 ) , t l = c on s tant r t h ja 1 0 0 k / w 1)valid provided that leads at a distance of 8 mm from case are kept at ambient temperature. electrical characteristics (tamb=25 unless otherwise specified) parameter s y m b o l m in t yp m ax u nit f o r w a r d v o l t ag e a t i f = 200 m a v f 1 . 2 v 1n4728-1n4764 fe a tures for use in stabilizing and clipping circuits with high power rating. standard zener voltage tolerance is 10%. add suffix "a" for 5% tolerance. 25.4 min 25.4 min 4.2 max 0.7 max 2.8 max do-41 dimensions in millimeters
p age:p 3 - p 2 glass - encapsulate diodes guangdong hottech industrial co,. ltd. 1n4728-1n4764 t y p e nominal zener voltage t est c u r r e n t m a x i m u m dynamic impedance maximum reverse leakage current m a x s u r g e c u r r e n t 8 . 3 m s max imum regulator current v z @ i zt i zt z zt @ i zt z z k @ i zk i zk i r @ v r i r @ t a m b = 2 5 i z m @ t a m b = 5 0 ( v ) ( m a ) ( ) ( ) ( m a ) ( ua ) ( v ) ( m a ) ( m a ) 1 n 4 7 28 3 . 3 7 6 1 0 4 00 1 .0 1 0 0 1 1 3 80 2 7 6 1 n 4 7 29 3 . 6 6 9 1 0 4 00 1 .0 1 0 0 1 1 2 60 2 5 2 1 n 4 7 3 0 3 .9 64 9 4 0 0 1 .0 50 1 1 1 90 2 3 4 1 n 4 7 3 1 4 .3 58 9 4 0 0 1 .0 10 1 1 0 70 2 1 7 1 n 4 7 3 2 4 .7 53 8 5 0 0 1 .0 10 1 9 7 0 1 9 3 1 n 4 7 3 3 5 .1 49 7 5 5 0 1 .0 10 1 8 9 0 1 7 8 1 n 4 7 3 4 5 .6 45 5 6 0 0 1 .0 10 2 8 1 0 4 6 2 1 n 4 7 3 5 6 .2 41 2 7 0 0 1 .0 10 3 7 3 0 1 4 6 1 n 4 7 3 6 6 .8 37 3 .5 7 0 0 1 .0 10 4 6 6 0 1 3 3 1 n 4 7 3 7 7 .5 34 4 .0 7 0 0 0 .5 10 5 6 0 5 1 2 1 1 n 4 7 3 8 8 .2 31 4 .5 7 0 0 0 .5 10 6 5 5 0 1 1 0 1 n 4 7 3 9 9 .1 28 5 .0 7 0 0 0 .5 10 7 5 0 0 1 0 0 1 n 4 7 4 0 10 25 7 7 0 0 0 . 25 10 7 .6 4 5 4 91 1 n 4 7 4 1 11 23 8 7 0 0 0 . 25 5 8 . 4 4 1 4 83 1 n 4 7 4 2 12 21 9 7 0 0 0 . 25 5 9 . 1 3 8 0 7 6 1 n 4 7 4 3 13 19 10 7 0 0 0 . 25 5 9 .9 3 4 4 69 1 n 4 7 4 4 15 17 14 7 0 0 0 . 25 5 1 1 . 4 3 0 4 61 1 n 4 7 4 5 16 1 5 . 5 16 7 0 0 0 . 25 5 1 2 . 2 2 8 5 57 1 n 4 7 4 6 18 14 20 7 5 0 0 . 2 5 5 1 3 . 7 2 5 0 50 1 n 4 7 4 7 20 1 2 . 5 22 7 5 0 0 . 25 5 1 5 . 2 2 2 5 45 1 n 4 7 4 8 22 1 1 . 5 23 7 5 0 0 . 25 5 1 6 . 7 2 0 5 41 1 n 4 7 4 9 24 1 0 . 5 25 7 5 0 0 . 25 5 1 8 . 2 1 9 0 38 1 n 4 7 5 0 27 9 .5 35 7 5 0 0 . 25 5 2 0 . 6 1 7 0 34 1 n 4 7 5 1 30 8 .5 40 1 0 00 0 . 25 5 2 2 . 8 1 5 0 30 1 n 4 7 5 2 33 7 .5 45 1 0 00 0 . 25 5 2 5 . 1 1 3 5 27 1 n 4 7 5 3 36 7 .0 50 1 0 00 0 . 25 5 2 7 . 4 1 2 5 25 1 n 4 7 5 4 39 6 .5 60 1 0 00 0 . 25 5 2 9 . 7 1 1 5 23 1 n 4 7 5 5 43 6 .0 70 1 5 00 0 . 25 5 3 2 . 7 1 1 0 22 1 n 4 7 5 6 47 5 .5 80 1 5 00 0 . 25 5 3 5 . 8 95 19 1 n 4 7 5 7 51 5 .0 95 1 5 00 0 . 25 5 3 8 . 8 90 18 1 n 4 7 5 8 56 4 .5 1 1 0 2 0 00 0 . 25 5 4 2 . 6 8 0 16 1 n 4 7 5 9 62 4 .0 1 2 5 2 0 00 0 . 25 5 4 7 . 1 70 14 1 n 4 7 6 0 68 3 .7 1 5 0 2 0 00 0 . 25 5 5 1 . 7 65 13 1 n 4 7 6 1 75 3 .3 1 7 5 2 0 00 0 . 25 5 5 6 . 0 60 12 1 n 4 7 6 2 82 3 .0 2 0 0 3 0 00 0 . 25 5 6 2 . 2 55 11 1 n 4 7 6 3 91 2 .8 2 5 0 3 0 00 0 . 25 5 6 9 . 2 50 10 1 n 4 7 6 4 1 0 0 2 .5 3 5 0 3 0 00 0 . 25 5 7 9. 0 45 9 the zener impedance is derived from the 60 hz ac voltage which results when an ac current having an rms value equal , to 10% of the zener current (izt or izk) is superimposed on izt or izk. zener impedance is measured at two points to insure , a sharp knee on the breakdown curve and to eliminate unstable units.
p age:p 3 - p 3 glass - encapsulate diodes guangdong hottech industrial co,. ltd. typical characteristics i n 4 7 5 8 i n 4 7 4 4 i n 4 7 4 3 0 0 10 10 ma iz 20 30 40 50 i n 4 7 4 2 20 30 40 50 i n 4 7 5 3 i n 4 7 5 1 i n 4 7 5 0 i n 4 7 5 2 i n 4 7 4 9 i n 4 7 4 8 i n 4 7 4 7 i n 4 7 4 5 i n 4 7 4 6 i n 4 7 5 5 i n 4 7 5 4 i n 4 7 5 7 i n 4 7 5 6 10 0 0 1 30 20 50 40 iz 100 70 60 90 80 ma 234 5 i n 4 7 2 8 i n 4 7 2 7 i n 4 7 3 1 i n 4 7 2 9 i n 4 7 3 0 i n 4 7 3 2 i n 4 7 3 3 i n 4 7 6 3 i n 4 7 6 2 i n 4 7 6 1 i n 4 7 6 0 i n 4 7 5 9 vz 60 70 80 90 i n 4 7 6 4 100 110 120 in... t j =25 c o i n 4 7 4 0 vz 6 7 i n 4 7 3 6 i n 4 7 3 7 89 i n 4 7 3 8 i n 4 7 3 9 i n 4 7 3 5 i n 4 7 3 4 10 11 i n 4 7 4 1 12 in... t j =25 c o 100 0 0 0.2 0.4 0.8 0.6 1.0 2 00 t a , ambient temperature fig. 1 power dissipation vs ambient temperature p d . total power dissipation (w) r ja thermal resistance junction to ambient (c/w) i, lead length (mm) fig. 2 typical thermal resistance vs. lead length 0 05 1015 50 100 150 30 20 25 200 250 v r =30v v r =20v v r =5v v r =2v v r =0v f=1mhz t a =25c 50 vz, zener voltage (v) fig. 3 junction capacitance vs zener voltage c j , diode capacitance (pf) 100 1 010203040 10 1000 differential zener impedance ( ) 100 2ma vz, zener voltage (v) fig. 4 typical zener impedance vs. zener voltage 60 1 1 10ma 20ma 10 5ma 10 100 iz=1ma 1000 1n4728-1n4764


▲Up To Search▲   

 
Price & Availability of 1N4738

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X