Part Number Hot Search : 
UPD78 AOD474BL S9011 GSBC847 FSF0610 ISL8842A MB16CA UDZS3V9B
Product Description
Full Text Search
 

To Download 1418082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1418082 08/16/2016???page? 1 ?/? 4 network cable?-?nbc-ms/ 15,0-94b/ms sco us?-?1418082 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) network cable, ethernet cat5 (1 gbps), 8-position, pur halogen-free, water blue ral 5021, shielded, plug straight m12 speedcon / ip67, coding: a, on plug straight m12 speedcon / ip67, coding: a, cable length: 15 m key commercial data packing unit 1 stk weight per piece (excluding packing) 58.0 g custom tariff number 85444210 country of origin united states technical data dimensions length of cable 15 m ambient conditions degree of protection ip65 general data rated current at 40c 2 a rated voltage 30 v number of positions 8 signal type/category ethernet cat5 (iec 11801), 1 gbps standards/regulations m12 connector iec?61076-2-101 characteristics head 1 head type plug straight m12 speedcon / ip67 coding a (standard) 47,3 ?12 ?14,8 m12 wh/bn wh/bu wh/gn wh/ogbn bu gn og 1 72 5 63 8 4 m12 1 72 5 63 8 4 m12
https://www.phoenixcontact.com/us/products/1418082 08/16/2016???page? 2 ?/? 4 network cable?-?nbc-ms/ 15,0-94b/ms sco us?-?1418082 technical data characteristics head 2 head type plug straight m12 speedcon / ip67 coding a (standard) standards and regulations standard designation m12 connector standards/regulations iec?61076-2-101 cable cable type ethernet, flexible, cat5 cable type (abbreviation) 94b ul awm style 20963 (80c/30 v) signal type/category ethernet cat5 (iec 11801), 1 gbps cable structure 4x2xawg26/7; sf/utp conductor cross section 4x 2x 0.14 mm2 awg signal line 26 conductor structure signal line 7x 0.16 mm core diameter including insulation 0.96 mm wire colors white/blue-blue, white/orange-orange, white/green-green, white/brown- brown twisted pairs 2 cores to the pair overall twist 4 pairs for core shielding aluminum-coated foil, tinned copper braided shield optical shield covering 70 % external sheath, color water blue ral 5021 outer sheath thickness 1.05 mm external cable diameter d 6.4 mm 0.2 mm minimum bending radius, fixed installation 4 x d minimum bending radius, flexible installation 8 x d tensile strength short-term/long-term 100 n cable weight 47 kg/km outer sheath, material pur material conductor insulation foamed pe conductor material bare cu litz wires insulation resistance 500 m*km loop resistance 290 (per km) cable capacity 48 nf/km (at 1 khz) wave impedance 100 5 (at 100 mhz) signal runtime 5.3 ns/m coupling resistance 100.00 m/m (at 10 mhz) 47,3 ?12 ?14,8 m12 wh/bn wh/bu wh/gn wh/ogbn bu gn og 1 72 5 63 8 4 m12 1 72 5 63 8 4 m12
https://www.phoenixcontact.com/us/products/1418082 08/16/2016???page? 3 ?/? 4 network cable?-?nbc-ms/ 15,0-94b/ms sco us?-?1418082 technical data cable nominal voltage, cable 100 v test voltage core/core 700 v (50 hz, 1 min.) test voltage core/shield 700 v (50 hz, 1 min.) flame resistance according to iec 60332-1-2 halogen-free according to iec 60754-1 resistance to oil according to en 60811-2-1 ambient temperature (operation) -40 c ... 80 c (cable, fixed installation) -20 c ... 80 c (cable, flexible installation) ambient temperature (installation) -20 c ... 80 c ambient temperature (storage/transport) -20 c ... 80 c drawings schematic diagram pin assignment m12 plug, 8-pos., a-coded, view plug side cable cross section ethernet, flexible, cat5?[94b] circuit diagram contact assignment of the m12 plugs dimensional drawing plug, m12 x 1, straight, shielded 47,3 ?12 ?14,8 m12 wh/bn wh/bu wh/gn wh/ogbn bu gn og 1 72 5 63 8 4 m12 1 72 5 63 8 4 m12
https://www.phoenixcontact.com/us/products/1418082 08/16/2016???page? 4 ?/? 4 network cable?-?nbc-ms/ 15,0-94b/ms sco us?-?1418082 classifications ecl@ss ecl@ss 8.0 27279218 ecl@ss 9.0 27060311 etim etim 5.0 ec001855 phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com 47,3 ?12 ?14,8 m12 wh/bn wh/bu wh/gn wh/ogbn bu gn og 1 72 5 63 8 4 m12 1 72 5 63 8 4 m12


▲Up To Search▲   

 
Price & Availability of 1418082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X