Part Number Hot Search : 
BNP22 A2003G 24005 IRFP25 EHS4Z1 6417750R SI7840DP LBT11803
Product Description
Full Text Search
 

To Download 0-293598-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity 12 13 14 e parts -1 and 1-1 released for production 12sep2011 mz gt e1 revised markings 06nov2012 mz jc f parts -2, -3, 1-2, 1-3 26jun2013 kr jc released for production customer drawing 293598 m. zucca 29oct2009 m. zucca 29oct2009 g. turco 29oct2009 2:1 1 4 f 108-20304 114-20452 ~6.2 g see notes - mm - 0.3 0.20 - - 3 i - pin housing panel mount version nector* m-line - 2011 2011 00779 by - (typ x3) 5.60 13.10 across hexagon 22.00 8.15 0.10 11.0 9.30 notes: material: polyamide glass filled colour natural material: polyamide glass filled colour black 3) packaging: see te packaging specification 107-20294 area for agency approval logo te logo te part number conductor size and current rating n code l code pe code rated voltage ip code part not yet tooled and not released for production cavity mould code scale 1:1 3d views, for reference only m18 x 1.5 thread 1 2 4 5 6 7 8 9 10 11 9 4 5 6 11 12 7 8 10 14
a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity - see sheet 1 - - - customer drawing 293598 m. zucca 29oct2009 m. zucca 29oct2009 g. turco 29oct2009 2:1 2 4 f 108-20304 114-20452 ~6.2 g see notes - mm - 0.3 0.20 - - 3 i - pin housing panel mount version nector* m-line - 2011 2011 00779 by - 13 67 f black 2 pin hsg panel mount vers. nector* m-line d 2-293598-6 13 67 e black 2 pin hsg panel mount vers. nector* m-line d 2-293598-5 13 67 d black 2 pin hsg panel mount vers. nector* m-line d 2-293598-4 13 67 c black 2 pin hsg panel mount vers. nector* m-line d 2-293598-3 13 67 b black 2 pin hsg panel mount vers. nector* m-line d 2-293598-2 13 67 a black 2 pin hsg panel mount vers. nector* m-line d 2-293598-1 13 40 f black 2 pin hsg panel mount vers. nector* m-line d 1-293598-6 13 40 e black 2 pin hsg panel mount vers. nector* m-line d 1-293598-5 13 40 d black 2 pin hsg panel mount vers. nector* m-line d 1-293598-4 40 c black 2 pin hsg panel mount vers. nector* m-line f 1-293598-3 40 b black 2 pin hsg panel mount vers. nector* m-line f 1-293598-2 40 a black 2 pin hsg panel mount vers. nector* m-line f 1-293598-1 13 40 f natural 1 pin hsg panel mount vers. nector* m-line d 0-293598-6 13 40 e natural 1 pin hsg panel mount vers. nector* m-line d 0-293598-5 13 40 d natural 1 pin hsg panel mount vers. nector* m-line d 0-293598-4 40 c natural 1 pin hsg panel mount vers. nector* m-line f 0-293598-3 40 b natural 1 pin hsg panel mount vers. nector* m-line f 0-293598-2 40 a natural 1 pin hsg panel mount vers. nector* m-line f 0-293598-1 note ip degree code pol. keying colour material description rev. part number plarization keys type "a" type "b" type "c" p/ns: 0-293598-1, 1-293598-1, 2-293598-1 p/ns: 0-293598-2, 1-293598-2, 2-293598-2 p/ns: 0-293598-3, 1-293598-3, 2-293598-3 type "d" type "e" type "f" p/ns: 0-293598-4, 1-293598-4, 2-293598-4 p/ns: 0-293598-5, 1-293598-5, 2-293598-5 p/ns: 0-293598-6, 1-293598-6, 2-293598-6
a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity - see sheet 1 - - - customer drawing 293598 m. zucca 29oct2009 m. zucca 29oct2009 g. turco 29oct2009 2:1 3 4 f 108-20304 114-20452 ~6.2 g see notes - mm - 0.3 0.20 - - 3 i - pin housing panel mount version nector* m-line - 2011 2011 00779 by - 1.5 -4.0 7.0 26.2 8.30 +0.20 0 18.00 +0.20 0 panel / wall suggested cut out panel/wall
a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description loc dist all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/11) restricted to this drawing is a controlled document. te connectivity - see sheet 1 - - - customer drawing 293598 m. zucca 29oct2009 m. zucca 29oct2009 g. turco 29oct2009 2:1 4 4 f 108-20304 114-20452 ~6.2 g see notes - mm - 0.3 0.20 - - 3 i - pin housing panel mount version nector* m-line - 2011 2011 00779 by - typ 32.00 typ 32.00 typ 32.00 typ 32.00 panel / wall suggested cut out for multiple holes on single row panel / wall suggested cut out for multiple holes on multiple rows (pitch can be adjusted to customer need but in any case must not be less than 30.00 mm) (pitch can be adjusted to customer need but in any case must not be less than 30.00 mm)


▲Up To Search▲   

 
Price & Availability of 0-293598-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X