Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download ST-REL7-SG220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2827414 10/20/2014???page? 1 ?/? 4 relay connectors?-?ST-REL7-SG220/4x21?-?2827414 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) relay connector, equipped with siemens kammrelais ?, contacts (ag): medium loads, 4 pdt, input voltage 220 v dc, with light indicator, can be plugged on basic termination blocks the illustration shows version st- rel 7-sg 24/4x21 ? key commercial data packing unit 1 pc gtin weight per piece (excluding packing) 87.96 grm custom tariff number 85364900 country of origin germany technical data dimensions width 45.6 mm height 33 mm depth 66.5 mm ambient conditions ambient temperature (operation) -20 c ... 60 c ambient temperature (storage/transport) -20 c ... 70 c coil side nominal input voltage u n 220 v dc input voltage range in reference to u n 0.8 ... 1.1 typical input current at u n 9 ma typical response time 5 ms (with dc)
https://www.phoenixcontact.com/us/products/2827414 10/20/2014???page? 2 ?/? 4 relay connectors?-?ST-REL7-SG220/4x21?-?2827414 technical data coil side typical release time 25 ms (with dc) operating voltage display yes protective circuit damping diode, polarity protection damping diode, polarity protection diode contact side contact type single contact, 4-pdt contact material ag, gold-flashed maximum switching voltage 150 v dc 125 v ac maximum inrush current 2 a limiting continuous current 2 a interrupting rating (ohmic load) max. 48 w (at 24 v dc) 40 w (at 48 v dc) 40 w (at 60 v dc) 45 w (at 110 v dc) 50 va (for 125 v ac) general test voltage relay winding/relay contact 500 v ac (50 hz, 1 min.) test voltage pdt/pdt 500 v ac (50 hz, 1 min.) operating mode 100% operating factor mechanical service life approx. 10 8 cycles (approx. 10 7 with ac relay) standards/regulations din vde 0110b, gr. c for 250 v dc din vde 0160 (in relevant parts) classifications ecl@ss ecl@ss 4.0 27371104 ecl@ss 4.1 27371104 ecl@ss 5.0 27371001 ecl@ss 5.1 27371001 ecl@ss 6.0 27371001 ecl@ss 7.0 27371001 ecl@ss 8.0 27371001 etim etim 2.0 ec000196
https://www.phoenixcontact.com/us/products/2827414 10/20/2014???page? 3 ?/? 4 relay connectors?-?ST-REL7-SG220/4x21?-?2827414 classifications etim etim 3.0 ec000196 etim 4.0 ec000196 etim 5.0 ec000196 unspsc unspsc 6.01 30211916 unspsc 7.0901 39121515 unspsc 11 39121515 unspsc 12.01 39121515 unspsc 13.2 39121515 approvals approvals approvals gost / gost ex approvals approvals submitted approval details gost? gost? drawings
https://www.phoenixcontact.com/us/products/2827414 10/20/2014???page? 4 ?/? 4 relay connectors?-?ST-REL7-SG220/4x21?-?2827414 circuit diagram phoenix contact 2014 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of ST-REL7-SG220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X