Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download SS34-40V-DO-214AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 .0 amp sur f ace mount schottky barrier rectifiers maximum ratings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current see fig. 1 features mechanical data peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 3 .0a maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c typical junction capacitance (note1) operating storage temperature range tstg temperature range tj 3 .0 1 2 0 0. 2 2 0 10 -65 +125 -65 +150 -65 +150 v v v a v ma ma pf c c c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.093 grams ss32 thru ss320 voltage range 20 to 2 00 volts current 3 .0 ampere units v typical thermal resistance r q ja (note 2) /w s s 3 2 s s 3 4 s s 3 6 s s 3 8 s s 3 10 s s31 5 s s3 2 0 20 4 0 6 0 8 0 10 0 150 2 00 14 2 8 42 56 70 105 140 0.55 0.70 0.85 3 2 0 20 4 0 6 0 8 0 10 0 150 2 00 dimensions in inches and (millimeters) * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request do-214aa(smb) .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .111(2.84) .091(2.33) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) max.
0.1 1.0 .01 10 50 rating and characteristic curves (s s 2 2 thru s s3 2 0) fig.2-typical forward characteristics fig.1-typical forward current derating curve average forward current,(a) fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0 . 6 1 . 2 1 . 8 2 . 4 3 .0 3 . 6 0 20 40 60 80 100 120 140 160 180 200 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 5.0 ambient temperature ( c) .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) percentage rated peak reverse voltage 0 20 40 60 80 100 120 140 .01 tj=75 c s s 3 2 ~ s s 3 4 s s 3 6 ~ s s 3 2 0 s s 3 2 ~ s s 3 4 tj=25 c tj=25 c peak forwaard surge current,(a) 8 0 4 0 0 1 2 0 20 0 16 0 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method s s 3 8 ~ s s 3 2 0 s s 3 6


▲Up To Search▲   

 
Price & Availability of SS34-40V-DO-214AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X