Part Number Hot Search : 
ADP3302 74HCT 48S15 R7NZF 1582E B1007 BCM56 MAX125
Product Description
Full Text Search
 

To Download SI3861BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SI3861BDv document number: 73343 s09-2110-rev. b, 12-oct-09 www.vishay.com 1 load switch with level-shift features ? halogen-free according to iec 61249-2-21 definition ? 4.5 v rated ? esd protected: 3000 v ? 105 m low r ds(on) trenchfet ? ? 4.5 v to 20 v input ? 1.5 v to 8 v logic level control ? low profile, small footprint tsop-6 package ? 3000 v esd protection on input switch, v on/off ? adjustable slew-rate ? compliant to rohs directive 2002/95/ec product summary v ds2 (v) r ds(on) ( )i d (a) 4.5 to 20 0.075 at v in = 10 v 2.3 0.120 at v in = 5.0 v 1.9 0.145 at v in = 4.5 v 1.7 description the SI3861BDv includes a p- and n-channel mosfet in a single tsop-6 package. the low on-resistance p-channel trenchfet ? is tailored for use as a load switch. the n-channel, with an external resistor, can be used as a level- shift to drive the p-channel load-switch. the n-channel mosfet has internal esd protection and can be driven by logic signals as low as 1.5 v. the si3861dv operates on supply lines from 4.5 to 20 v, and can drive loads up to 2.3 a. application circuits v out g n d load v i n o n /off r2 r2 1 2, 3 c1 6 4 6 5 r1 q1 q2 si3 8 61bdv c o c i n ote: for r2 s w itching v ariations w ith other v i n /r1 com b inations see typical characteristics 0 2 4 6 8 10 0246 8 10 12 r2 (k ) ( time s) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t f t d(off) t r t d(on) the SI3861BDv is ideally suited for high-side load switching in portable applications. the integrated n-channel level-shift device saves space by reducing external components. the slew rate is set externally so that rise-times can be tailored to different load types. note: * minimum r1 value should be at leas t 10 x r2 to ensure q1 turn-on. components r1 pull-up resistor typical 10 k to 1 m * r2 optional slew-rate control typical 0 to 100 k * c1 optional slew-rate control typical 1000 pf
www.vishay.com 2 document number: 73343 s09-2110-rev. b, 12-oct-09 vishay siliconix SI3861BDv new product functional block diagram notes: a. surface mounted on fr4 board. b. v in = 12 v, v on/off = 8 v, t a = 25 c. c. pulse test: pulse width 300 s, duty cycle 2 %. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. d2 tsop-6 top v ie w 6 4 1 2 3 5 s2 o n /off r1, c1 d2 d2 r2 s2 o n /off 1 4 6 5 q1 q2 si3 8 61bdv r1, c1 2, 3 orderin g information: si3 8 61bd v -t1-e3 (lead (p b )-free) si3 8 61bd v -t1-ge3 (lead (p b )-free and halogen-free) r2 absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit input voltage v in 20 v on/off voltage v on/off 8 load current continuous a, b i l 2.3 a pulsed b, c 4 continuous intrinsic diode conduction a i s - 1 maximum power dissipation a p d 0.83 w operating junction and storage temperature range t j , t stg - 55 to 150 c esd rating, mil-std-883d human body model (100 pf, 1500 ) esd 3 kv thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient (continuous current) a r thja 120 150 c/w maximum junction-to-foot (q2) r thjf 60 80 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit off characteristics reverse leakage current i fl v in = 30 v, v on/off = 0 v 1 a diode forward voltage v sd i s = - 1 a - 0.8 - 1 v on characteristics input voltage range v in 4.5 20 v on-resistance (p-channel) at 1 a r ds(on) v on/off = 1.5 v, i d = 1 a v in = 10 v 0.060 0.075 v in = 5.0 v 0.096 0.120 v in = 4.5 v 0.115 0.145 on-state (p-channel) drain-current i d(on) v in-out 0.2 v, v in = 10 v, v on/off = 1.5 v 1 a v in-out 0.3 v, v in = 5 v, v on/off = 1.5 v 1
document number: 73343 s09-2110-rev. b, 12-oct-09 www.vishay.com 3 vishay siliconix SI3861BDv new product typical characteristics 25 c, unless otherwise noted v drop vs. i l at v in = 10 v v drop vs. i l at v in = 4.5 v v drop variance vs. junction temperature 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0123456 i l - (a) ( v ) v drop v o n /off = 1.5 v to 8 v t j = 125 c t j = 25 c 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 0123456 i l - (a) ( v ) v drop v o n /off = 1.5 v to 8 v t j = 125 c t j = 25 c - 0.04 - 0.02 0.00 0.02 0.04 0.06 0.0 8 - 50 - 25 0 25 50 75 100 125 150 t j - j u nction temperat u re (c) v ariance ( v ) v drop i l = 1 a v o n /off = 1.5 v to 8 v v i n = 10 v v i n = 5 v v drop vs. i l at v in = 5 v v drop vs. v in at = 1 a on-resistance vs. input voltage 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 0123456 i l - (a) ( v ) v drop v o n /off = 1.5 v to 8 v t j = 125 c t j = 25 c 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0246 8 10 12 v i n ( v ) ( v ) v drop i l = 1 a v o n /off = 1.5 v to 8 v t j = 125 c t j = 25 c 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0246 8 10 12 - on-resistance ( ) r ds(on) v i n ( v ) i l = 1 a v o n /off = 1.5 v to 8 v t j = 125 c t j = 25 c
www.vishay.com 4 document number: 73343 s09-2110-rev. b, 12-oct-09 vishay siliconix SI3861BDv new product typical characteristics 25 c, unless otherwise noted normalized on-resistance vs. junction temperature switching variation r2 at v in = 5 v, r1 = 20 k switching variation r2 at v in = 10 v, r1 = 300 k 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 - 100 - 50 0 50 100 150 200 t j - j u nction temperat u re ( c) i l = 1 a v o n /off = 1.5 v to 8 v v i n = 10 v v i n = 5 v r ds(on) - on-resistance ( n ormalized) 0 2 4 6 8 10 0246 8 10 12 r2 (k ) ( time s) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t f t d(off) t r t d(on) 0 50 100 150 200 250 0 204060 8 0100120 r2 (k ) ( time t r i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t f t d(on) t d(off) s) switching variation r2 at v in = 10 v, r1 = 20 k switching variation r2 at v in = 4.5 v, r1 = 20 k switching variation r2 at v in = 5 v, r1 = 300 k 0 2 4 6 8 10 12 14 16 1 8 0246 8 10 12 r2 (k ) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f ( time s) t d(on) t r t d(off) t f 0 2 4 6 8 10 12 14 0246 8 10 12 r2 (k ) ( time s) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t f t d(off) t r t d(on) 0 20 40 60 8 0 100 120 0 204060 8 0 100 120 r2 (k ) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t r t d(on) t d(off) t f ( time s)
document number: 73343 s09-2110-rev. b, 12-oct-09 www.vishay.com 5 vishay siliconix SI3861BDv new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?73343 . switching variation r2 at v in = 4.5 v, r1 = 300 k 0 20 40 60 8 0 100 120 0204060 8 0100120 r2 (k ) ( time s) i l = 1 a v o n /off = 3 v c i = 10 f c o = 1 f t d(on) t r t f t d(off) normalized thermal transient impedance, junction-to-ambient 10 -3 10 -2 0 0 6 0 1 1 10 -1 10 -4 100 2 1 0.1 0.01 n ormalized effecti v e transient thermal impedance 0.2 0.1 0.05 0.02 single p u lse d u ty cycle = 0.5 1. d u ty cycle, d = 2. per unit base = r thja = 150 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 n otes: 4. s u rface mo u nted p dm sq u are w a v e p u lse d u reation (s)
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of SI3861BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X