Part Number Hot Search : 
NTRRP SJ108 38C43BM DD312 IRG4BC30 HFA1145 RC4152N 5KP17
Product Description
Full Text Search
 

To Download SF-0603HI350F-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n single blow fuse for overcurrent protection n 1608 (eia 0603) miniature footprint n high inrush current withstand fuse n ul 248-14 listed n rohs compliant* and halogen free** n thin flm chip design n surface mount packaging for automated assembly electrical characteristics sf-0603hixxxf series - high inrush current withstand surface mount fuses model rated current (amps) fusing time resistance () typ.*** rated voltage interrupting rating typical i 2 t (a 2 s) **** sf-0603hi050f-2 0.50 open within 60 sec. at 200 % rated current 0.1550 dc 65 v ac/dc 35 v 50 a dc 65 v 13 a 0.019 sf-0603hi075f-2 0.75 0.0830 0.036 sf-0603hi100f-2 1.00 0.0500 0.052 sf-0603hi150f-2 1.50 0.0290 0.110 sf-0603hi200f-2 2.00 0.0200 dc 35 v ac/dc 35 v 35 a ac/dc 24 v 50 a 0.310 sf-0603hi250f-2 2.50 0.0165 0.400 sf-0603hi300f-2 3.00 0.0140 0.600 SF-0603HI350F-2 3.50 0.0120 0.800 sf-0603hi400f-2 4.00 0.0095 1.200 singlfuse ? sf-0603hixxxf series features *** resistance value measured with 10 % rated current at 25 c ambient. **** melting i 2 t calculated at 0.001 second pre-arcing time. *rohs compliant lead free *rohs compliant & **halogen free lead free versions are rohs compliant* reliability testing no. test requirement test condition test reference 1 bending 1 a: dcr change 10 % >1 a: dcr change 20 % 2 mm refer to stp document 2 solderability minimum 95 % coverage one dip at 255 c for 5 seconds mil-std-202 method 208 3 thermal shock dcr change 10 % no mechanical damage 100 cycles between -55 c and +125 c mil-std-202 method 107 4 moisture resistance dcr change 10 % no excessive corrosion 10 cycles mil-std-202 method 106 5 salt spray dcr change 10 % no excessive corrosion 48 hour exposure, 5 % salt solution mil-std-202 method 101 6 mechanical vibration dcr change 10 % no mechanical damage 0.4 inch d.a. or 30 g between 5-3000 hz mil-std-202 method 204 7 mechanical shock dcr change 10 % no mechanical damage 1500 g, 0.5 ms, half-sine shocks mil-std-202 method 213 8 life no electrical opens during testing voltage drop change shall be less than 10 % of initial value 75 % rated current for 2000 hours at ambient temperature between +20 c and +30 c refer to stp document * rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ** bourns considers a product to be halogen free if (a) the bromine (br) content is 900 ppm or less; (b) the chlorine (cl) content is 900 ppm or less; and (c) the total bromine (br) and chlorine (cl) content is 1500 ppm or less. singlfuse is a trademark of bourns, inc. specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . ul file number .................................................... e198545 http://www.ul.com/ follow link to online certifcates directory, then enter ul file no. e198545, or click here agency recognition asia-pacifc: tel: +886-2 2562-4117 ? email: asiacus@bourns.com emea: tel: +36 88 520 390 ? email: eurocus@bourns.com the americas: tel: +1-951 781-5500 ? email: americus@bourns.com www.bourns.com
sf-0603hixxxf series - high inrush current withstand surface mount fuses singlfuse ? sf-0603hixxxf series applications how to order sf - 0603 hi 015 f - 2 singlfuse? product designator smd footprint 0603 = 1608 (eia 0603) size fuse blow type hi = high inrush current withstand rated current 050 ~ 400 (500 ma ~ 4.0 a) structure type f = thin flm packaging type - 2 = tape & reel typical part marking represents total content. layout may vary. packaging quantity 8,000 pieces per 7-inch reel construction operating temperature .................................................................................................................................................................. -55 c to +90 c storage conditions temperature .............................................................................................................................................................................. +5 c to +35 c humidity ......................................................................................................................................................................................... 40 % to 75 % shelf life .......................................................................................................................................................... 2 years from manufacturing date moisture sensitivity level ...................................................................................................................................................................................... 1 esd classifcation (hbm) ............................................................................................................................................................................ class 6 environmental characteristics product dimensions recommended pad layout current rating thermal derating curve 140 120 100 80 60 40 20 0 -60 -40 -20 02 04 06 08 0 100 maximum operating temperature (c) derating (%) ra te d curre nt (a ) c = 0. 50 d = 0. 75 e = 1. 00 t = 1. 50 f = 2. 00 j = 2.50 l = 3.00 n = 3.50 p = 4.00 f pcb cuni/sn epoxy cu/sn 1.60 0.10 (.063 .004) 0.36 0.10 (.014 .004) 1.00 (.039) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.81 0.10 (.032 .004) 2.20 (.087) 0.80 (.031) 1.60 0.10 (.063 .004) 0.36 0.10 (.014 .004) 1.00 (.039) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.81 0.10 (.032 .004) 2.20 (.087) 0.80 (.031) 1.60 0.10 (.063 .004) 0.36 0.10 (.014 .004) 1.00 (.039) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.36 0.10 (.014 .004) 0.81 0.10 (.032 .004) 2.20 (.087) 0.80 (.031) n n n n n n n n n n n n n n
sf-0603hixxxf series - high inrush current withstand surface mount fuses solder refow recommendations profle feature pb-free assembly preheat / soak: temperature min. (t smin ) temperature max. (t smax ) time (t s ) from (t smin to t smax ) 150 c 200 c 60~120 seconds ramp up rate (t l to t p ) 3 c / second max. liquidous temperature (t l ) time (t l ) maintained above t l 217 c 60~150 seconds peak package body temperature (t p ) 260 c time (t p )* within 5 c of the specifed classifcation temperature (t c ) 30 seconds* ramp down rate (t p to t l ) 6 c / second max. time 25 c to peak temperature 8 minutes max. time temperature (c) t l time 25 c to peak t p t s t smax t smin t p 260 150 10 sec. max. preheating t l 25 t c -5 c preheat area max. ramp up rate = 3 c/s max. ramp down rate = 6 c/s temperature (c) 120 seconds time * tolerance for peak profle temperature (tp ) is defned as a supplier minimum and a user maximum. average pre-arcing time vs. current curves average i 2 t vs. t curves 100 10 1 0.1 0.01 0.001 0.0001 pre-arcing time (seconds) 0.1 11 0 100 current (a) 1 000 10 0 10 1 0. 1 0.01 0. 00 1 0. 000 1 i 2 t (a 2 s) 0.0001 0.001 0.01 0.1 11 0 100 time (seconds) 1.50 a 2.00 a 2.50 a 3.00 a 3.50 a 0.75 a 1.00 a 0.50 a 4.00 a 4.00 a 3.50 a 3.00 a 2.50 a 2.00 a 1.50 a 1.00 a 0.75 a 0.50 a 100 10 1 0.1 0.01 0.001 0.0001 pre-arcing time (seconds) 0.1 11 0 100 current (a) 1 000 10 0 10 1 0. 1 0.01 0. 00 1 0. 000 1 i 2 t (a 2 s) 0.0001 0.001 0.01 0.1 11 0 100 time (seconds) 1.50 a 2.00 a 2.50 a 3.00 a 3.50 a 0.75 a 1.00 a 0.50 a 4.00 a 4.00 a 3.50 a 3.00 a 2.50 a 2.00 a 1.50 a 1.00 a 0.75 a 0.50 a specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf .
3312 - 2 mm smd trimming potentiometer sf-0603hixxxf series tape and reel packaging specifcations rev. a 06/18 packaging: paper tape, 8,000 pcs. per reel dimensions: mm (inches) sf-0603hixxxf series tape dimensions per eia 481-2 w 8.10 0.20 (.319 .008) p 0 4.0 0.10 (.157 .004) p 1 4.0 0.10 (.157 .004) p 2 2.0 0.05 (.079 .002) a 0 1.00 0.10 (.039 .004) b 0 1.80 0.10 (.071 .004) f 3.50 0.05 (.138 .002) e 1 1.75 0.10 (.069 .004) d 0 1.55 + 0.05 (.061 + .002) direction of unreeling k o a o p 1 60.20 0.50 (2.370 .020) dia. b 0 w 13.20 +0.3/-0.2 (.520 +.012/-.008) dia. 178.00 1.00 (7.008 .039) dia. 0.2 0.4 0.6 0.8 0.2 0.4 0.6 0.8 13.40 0.50 (.539 .020) 1.40 0.20 (.055 .008) 1.20 0.20 (.047 .008) 2.20 0.30 (.087 .012) p 2 d 0 p 0 e 1 f specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf .
legal disclaimer notice this legal disclaimer applies to purchasers and users of bourns ? products manufactured by or on behalf of bourns, inc. and its afliates (collectively, bourns). unless otherwise expressly indicated in writing, bourns ? products and data sheets relating thereto are subject to change without notice. users should check for and obtain the latest relevant information and verify that such information is current and complete before placing orders for bourns ? products. the characteristics and parameters of a bourns ? product set forth in its data sheet are based on laboratory conditions, and statements regarding the suitability of products for certain types of applications are based on bourns knowledge of typical requirements in generic applications. the characteristics and parameters of a bourns ? product in a user application may vary from the data sheet characteristics and parameters due to (i) the combination of the bourns ? product with other components in the users application, or (ii) the environment of the user application itself. the characteristics and parameters of a bourns ? product also can and do vary in diferent applications and actual performance may vary over time. users should always verify the actual performance of the bourns ? product in their specifc devices and applications, and make their own independent judgments regarding the amount of additional test margin to design into their device or application to compensate for diferences between laboratory and real world conditions. unless bourns has explicitly designated an individual bourns ? product as meeting the requirements of a particular industry standard (e.g., iso/ts 16949) or a particular qualifcation (e.g., ul listed or recognized), bourns is not responsible for any failure of an individual bourns ? product to meet the requirements of such industry standard or particular qualifcation. users of bourns ? products are responsible for ensuring compliance with safety-related requirements and standards applicable to their devices or applications. bourns ? products are not recommended, authorized or intended for use in nuclear, lifesaving, life-critical or life-sustaining applications, nor in any other applications where failure or malfunction may result in personal injury, death, or severe property or environmental damage. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any bourns ? products in such unauthorized applications might not be safe and thus is at the users sole risk. life-critical applications include devices identifed by the u.s. food and drug administration as class iii devices and generally equivalent classifcations outside of the unit ed states. bourns expressly identifes those bourns ? standard products that are suitable for use in automotive applications on such products data sheets in the section entitled applications. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard products in an automotive application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. if bourns expressly identifes a sub-category of automotive application in the data sheet for its standard products (such as infotainment or lighting), such identifcation means that bourns has reviewed its standard product and has determined that if such bourns ? standard product is considered for potential use in automotive applications, it should only be used in such sub-category of automotive applications. any reference to bourns ? standard product in the data sheet as compliant with the aec-q standard or automotive grade does not by itself mean that bourns has approved such product for use in an automotive application. bourns ? standard products are not tested to comply with united states federal aviation administration standards generally or any other generally equivalent governmental organization standard applicable to products designed or manufactured for use in aircraft or space applications. bourns expressly identifes bourns ? standard products that are suitable for use in aircraft or space applications on such products data sheets in the section entitled applications. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard product in an aircraft or space application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. the use and level of testing applicable to bourns ? custom products shall be negotiated on a case-by-case basis by bourns and the user for which such bourns ? custom products are specially designed. absent a written agreement between bourns and the user regarding the use and level of such testing, the above provisions applicable to bourns ? standard products shall also apply to such bourns ? custom products. users shall not sell, transfer, export or re-export any bourns ? products or technology for use in activities which involve the design, development, production, use or stockpiling of nuclear, chemical or biological weapons or missiles, nor shall they use bourns ? products or technology in any facility which engages in activities relating to such devices. the foregoing restrictions apply to all uses and applications that violate national or inter national prohibitions, including embargos or international regulations. further, bourns ? products and bourns technology and technical data may not under any circumstance be exported or re-exported to countries subject to international sanctions or embargoes. bourns ? products may not, without prior authorization from bourns and/or the u.s. government, be resold, transferred, or re-exported to any party not eligible to receive u.s. commodities, software, and technical data. to the maximum extent permitted by applicable law, bourns disclaims (i) any and all liability for special, punitive, consequential, incidental or indirect damages or lost revenues or lost profts, and (ii) any and all implied warranties, including implied warranties of ftness for particular purpose, non-infringement and merchantability. for your convenience, copies of this legal disclaimer notice with german, spanish, japanese, traditional chinese and simplifed chinese bilingual versions are available at: web page: http://www.bourns.com/legal/disclaimers-terms-and-policies pdf: http://www.bourns.com/docs/legal/disclaimer.pdf c1753 05/17/18


▲Up To Search▲   

 
Price & Availability of SF-0603HI350F-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X