Part Number Hot Search : 
GT801 16NO7 A1003 R1EX240 BU2506 D2560 400000 NJM23
Product Description
Full Text Search
 

To Download NT24K-11GXE3-SC-ZZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features & benefits > 11 copper and fiber ports ? eight 10/100/1000base-t(x) copper ports ? three 1000base-fx ports with sc connectors > redundant 10 to 49 vdc power inputs ? keeps network running in the event of a power supply failure > extended environmental specifcations ? -40 to 85c operating temperature range ? > 2m hours mtbf ? ul/cul: class i, div. 2 groups a, b, c and d > plug-and-play operation: ? igmp auto-confguration ? mdix auto-sensing cable ? simple network ring confguration ? backup and restore via recovery card or xml nt24k ? -11gx3 industrial ethernet switch n-tron ? networking series industrial managed gigabit ethernet switch product highlights > copper & fiber ports > smart plug-and-play operation > 10 to 49 vdc redundant power inputs > -40 to 85c wide operating temperature > robust remote monitoring > n-ring & n-link ? network ring technology applications > alternative energy > manufacturing > oil & gas > transportation > water/wastewater > fully managed features include: ? jumbo frame support ? snmp v1, v2, v3 ? web browser management ? detailed ring map and fault location charting ? rstp - 802.1d, 802.1w, 802.1d ? trunking and port mirroring ? 802.1q tag vlan and port vlan ? ieee 802.1x with radius remote server authentication ? 802.1p qos, port qos and dscp ? dhcp client ? event log ? sntp (simple network time protocol) ? multi-member n-ring technology with ~30ms healing ? n-link redundant ring technology ? n-view ? monitoring technology ? ethernet/ip ? cip ? messaging red lions n-tron ? series nt24k ? -11gx3 compact managed gigabit ethernet switch features eight 10/100/1000base-t(x) ports and three 1000base-fx fber ports with sc connectors, providing a reliable and secure communication network to equipment in harsh environments. the versatile nt24k-11gx3 managed switch features 11 ports (eight gigabit copper ports and three 1000base-fx fber ports) and is housed in a compact, hardened metal din-rail enclosure with redundant 10-49 vdc power inputs. designed to handle the most demanding environments, the nt24k-11gx3 offers wire-speed throughput, expanded shock and vibration ratings and wide -40 to 85c operating temperature rating. igmp auto-confguration, ieee 802.1x with radius remote server authentication and n-ring? fast healing ring technology ensure quick deployment and robust secure network communications in alternative energy, factory automation applications, transportation and water/wastewater. compliant
environmental operating temperature: -40c to 85c storage temperature: -40c to 85c operating humidity: 10% to 95% (non condensing) operating altitude: 0 to 10,000 ft. shock: 200 g @ 10 ms (bulkhead mounted) vibration: 50 g @ 5-20 hz, triaxial (bulkhead mounted) certification & compliance product safety: ansi/isa 12.12.01-2013 class i and ii, div. 2 and class iii, div. 1 and 2, groups a, b, c and d hazardous locations ul508 industrial control equipment can/csa-c22.2 no. 213-m1987 class i div. 2 hazardous locations can/csa-c22.2 no. 14-m1987 industrial control equipment emissions: fcc title 47, part 15, radio frequency devices, subpart b ansi c63.4-2009; industry canada ices-003, en 55011; en 61000-6-4, en 61000-3-2, en61000-3-3, en 55032 immunity: en 55024, en 61000-6-2; iec 61000-4-2 (esd); iec 61000-4-3 (rfam); iec 61000-4-4 (eft); iec 61000-4-5 (surge); iec 61000-4- 6 (rfcm); iec 61000-4-8 (pfmf); iec 61000-4-11 (vdi) rail: en 50155, en 50121 and en 61373 designed to comply with: ieee 1613 (electric utility substations), nema ts1/ts2 (traffic control) other: abs type approval for shipboard applications; emc directive 2014/30/ eu; lv directive 2014/35/eu gost-r, rohs compliant mechanical case dimensions: height: 5.88 (14.92 cm) width: 3.10 (7.87 cm) depth: 5.54 (14.07 cm) weight: 1.96 lbs (0.89 kg) mount: din rail 35 mm warranty 3 years on design and manufacturing defects nt24k-11gx3 specifications switch properties operation: managed number of mac addresses: 16,000 ieee compliance: 802.3, 802.3u, 802.3ab, 802.3x, 802.1d/d/w, 802.1p, 802.1q, 802.1x latency (typical): 1.6 s switching method: store-and-forward led status indicators confgurable alarm contact onboard temperature sensor supports full/half duplex operation maximum throughput: up to 22.0 gb/s mdix auto sensing cable auto sensing speed and flow control communications: full wire speed mtbf: >2 million hours power input input voltage: 10-49 vdc steady input current: 780 ma @ 24 vdc inrush: 22.6 a / .3 ms @ 24 vdc btu/hr: 63.89 connectors 10/100/1000baset: eight (8) rj-45 ports esd and surge protection diodes on all copper ports 1000basefx: three (3) sc duplex fiber ports configuration port: one (1) usb type b network media 10baset: cat3 cable 100basetx: cat5 cable 1000baset: cat5e cable 1000basesx multimode: 50-62.5/125 m 1000baselx singlemode: 7-10/125 m recommended wiring clearance front: 4 (10.16 cm) top: 4 (10.16 cm)
nt24k-11gx3 specifications dimensions www.redlion.net connect. monitor. control. americas sales@redlion.net asia-pacifc asia@redlion.net europe middle east africa europe@redlion.net +1 (717) 767-6511 all specifications are subject to change. consult the company website for more information. ordering guide part number description nt24k-11gx3-sc 11-port gigabit managed industrial ethernet switch (8 10/100/1000baset, 3 1000basesx, multimode 550m ports) NT24K-11GXE3-SC-ZZ 11-port gigabit managed industrial ethernet switch (8 10/100/1000baset, 3 1000baselx, singlemode ports) ntcd-cfg nt24k configuration recovery device ntps-24-1.3 din-rail power supply 1.3 amp @ 24 vdc nt24k-nm-pmk nt24k non-modular panel mount kit where zz=10, 40, or 80 fiber transceiver characteristics fiber mode mm sm sm sm fiber length* 550m @ 50/125m 300m @ 62.5/125m 10 km 40 km 80 km tx power min -9.5 dbm -9.5 dbm -5 dbm 0 dbm rx sensitivity max -17 dbm -20 dbm -23 dbm -24 dbm wavelength 850 nm 1310 nm 1310 nm 1550 nm laser type vcsel fp dfb dfb * fiber length distances repre sent typical performance. link budgets should be evaluated based on specifc application conditions. adld0418 051916 ? 2016 red lion controls, inc. all rights reserved. red lion, the red lion logo, n-tron and sixnet are registered trademarks of red lion controls, inc. all other company and product names are trademarks of their respective owners. as the global experts in communication, monitoring and control for industrial automation and networking, red lion has been delivering innovative solutions for over forty years. our automation, ethernet and cellular m2m technology enables companies worldwide to gain real-time data visibility that drives productivity. product brands include red lion, n-tron and sixnet. with headquarters in york, pennsylvania, the company has offces across the americas, asia-pacifc and europe. red lion is part of spectris plc, the productivity-enhancing instrumentation and controls company. for more information, please visit www.redlion.net .


▲Up To Search▲   

 
Price & Availability of NT24K-11GXE3-SC-ZZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X