Part Number Hot Search : 
IC16F6 74004 4DFT1G MB905 FCE20 4050N 302A2400 167BG
Product Description
Full Text Search
 

To Download MMDL914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification high speed switching diodes MMDL914 b040 www.gmicroelec.com rev.a 1 features z small surface mounting type: sod-323 z high speed :t=4.0ns typ applications z high speed switching sod-323 ordering information type no. marking package code MMDL914 5d sod-323 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit reverse voltage v r 100 v forward current i f 200 ma peak forward surge current i fm(surge) 500 ma power dissipation p d 200 mw thermal resistance junction to ambient r ja 635 /w junction temperature t j 150 storage temperature t stg -55 to+150 electrical characteristics @ ta=25 unless otherwise specified parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br) 100 v i r =100 a forward voltage v f 1.0 v i f =10ma reverse current i r 25 5.0 na a v r =20v v r =75v capacitance between terminals c t 4.0 pf v r =0v,f=1.0mhz reverse recovery time t rr 4 ns i f =i r =10ma pb lead-free
production specification high speed switching diodes MMDL914 b040 www.gmicroelec.com rev.a 2 typical characteristics @ ta=25 unless otherwise specified
production specification high speed switching diodes MMDL914 b040 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package sod-323 soldering footprint unit mm package information device package shipping MMDL914 sod-323 3000/tape&reel sod-323 dim min max a 1.60 1.80 b 1.20 1.40 c 0.9 max d 0.30 typical e 0.22 0.42 h 0.02 0.1 j 0.1 typical k 2.55 2.75 all dimensions in mm 1.60 0.63 0.83 2.85 d a k c b h j e


▲Up To Search▲   

 
Price & Availability of MMDL914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X