Part Number Hot Search : 
S32XR2 2JA01 LS820 ADN2882 ADN2882 24LC04 AC618 E05005
Product Description
Full Text Search
 

To Download MGWI06-24S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mgwi06 series dc/dc converter 6w , dip package e-mail:sales@minmax.com.tw tel: 886-6-2923150 2015/07/31 rev:10 page 1 of 4 ? features ? industrial dip-16 package ? ultra-wide 4:1 input voltage range ? fully regulated output voltage ? i/o isolation 1500 vdc ? operating ambient temp. range -40c to +85c ? overload and short circuit protection ? remote on/off control ? designed-in conducted emi meets en55022 class a & fcc level a ? ul/cul/iec/en 60950-1 safety approval product overview the minmax mgwi06 series is a new range of isolated 6w dc/dc converter modules feat uring fully regulated output voltages and ul tra-wide 4:1 input voltage ranges. these products are with a very small footprint occupying just 4.5cm2 (0.7 square in.) on pcb. an excellent effi ciency allows an operating temperature range of ?40 to +85c. further features include remote on/o ff control and over load protection. the very compact dimensions of these dc/dc converters make them an ideal solution for many space critical applications in batte ry-powered equipment and instrumentation . model selection guide model number input voltage (range) output voltage output current input current max. capacitive load efficiency (typ.) max. min. @max. load @no load @max. load vdc vdc ma ma ma(typ.) ma(typ.) f % mgwi06-24s033 24 (9 ~ 36) 3.3 1450 218 262 30 330 76 MGWI06-24S05 5 1200 180 316 79 mgwi06-24s12 12 500 75 301 100 83 mgwi06-24s15 15 400 60 301 83 mgwi06-24s24 24 250 38 301 83 mgwi06-24d05 5 600 90 301 100# 82 mgwi06-24d12 12 250 38 301 83 mgwi06-24d15 15 200 30 301 83 mgwi06-48s033 48 (18 ~ 75) 3.3 1450 218 131 20 330 76 mgwi06-48s05 5 1200 180 158 79 mgwi06-48s12 12 500 75 151 100 83 mgwi06-48s15 15 400 60 151 83 mgwi06-48s24 24 250 38 151 83 mgwi06-48d05 5 600 90 151 100# 82 mgwi06-48d12 12 250 38 151 83 mgwi06-48d15 15 200 30 151 83 # for each output input specifications parameter model min. typ. max. unit input surge voltage (1 sec. max.) 24v input models -0.7 --- 50 vdc 48v input models -0.7 --- 100 start-up threshold voltage 24v input models --- --- 9 48v input models --- --- 18 under voltage shutdown 24v input models --- --- 8.5 48v input models --- --- 17 input filter all models internal pi type short circuit input power --- --- 3000 mw conducted emi compliance to en 55022,class a and fcc part 15,class a
mgwi06 series dc/dc converter 6w , dip package e-mail:sales@minmax.com.tw tel: 886-6-2923150 2015/07/31 rev:10 page 2 of 4 ? remote on/off control parameter conditions min. typ. max. unit converter on 2.5v ~ 50vdc or open circuit converter off -0.7v ~ 0.8v control input current ( on) vin-rc=5v --- --- 500 a control input current (o ff) vin-rc=0v --- --- -500 a control common referenced to negative input standby input current --- --- 10 ma output specifications parameter conditions min. typ. max. unit output voltage setting accuracy --- 1.0 2.0 %vnom. output voltage balance dual output, balanced loads --- 1.0 --- % line regulation vin=min. to max. @full load --- 0.5 1.0 % load regulation io=15% to 100% --- 0.5 1.2 % ripple & noise 0-20 mhz bandwidth --- 60 100 mv p-p transient recovery time 25% load step change --- 300 600 sec transient response deviation --- 3 --- % temperature coefficient --- 0.01 0.02 %/ over load protection foldback 110 150 --- % short circuit protection cont inuous, automatic recovery general specifications parameter conditions min. typ. max. unit i/o isolation voltage 60 seconds 1500 --- --- vdc 1 seconds 1800 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 1200 1500 pf switching frequency --- 330 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 350,000 hours safety approvals ul/cul 60950-1 recognition( csa certificate), iec/en 60950-1(cb-report) environmental specifications parameter conditions min. max. unit operating ambient temperature range (see power derating curve) natural convection -40 +85 case temperature --- +105 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling natural convection lead temperature (1.5mm from case for 10sec.) --- 260 power derating curve
mgwi06 series dc/dc converter 6w , dip package e-mail:sales@minmax.com.tw tel: 886-6-2923150 2015/07/31 rev:10 page 3 of 4 ? notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and ra ted output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100% 4 these power converters require a minimu m output loading to maintain specified re gulation, operation u nder no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5 we recommend to protect the converter by a slow blow fuse in the input supply line. 6 other input and output voltage may be av ailable, please contact factory. 7 specifications are subject to change without notice. package specifications mechanical dimensions pin connections pin single output dual output 1 remote on/off remote on/off 2 -vin -vin 6 nc common 8 nc -vout 9 +vout +vout 11 -vout common 16 +vin +vin nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0.05 (0.020.002) physical characteristics case size : 21.6x20.3x10.2 mm (0.85x0.8x0.4 inches) case material : non-conductive black pl astic (flammability to ul 94v-0 rated) pin material : copper alloy with gold plate over nickel subplate weight : 9.1g 10.2 [0.40] 4.1 [0.16] 21.6 [0.85] 2.54 [0.10] 10.16 [0.40] 15.22 [0.60] 20.3 [0.80] 12.7 [0.50] bottom view 5.08 1 68 11 9 16 2 [0.20] 1.9 [0.08] 0.5 [0.02] 0.50 [0.02]
mgwi06 series dc/dc converter 6w , dip package 18, sin sin road, an-ping industr ial district, tainan 702, taiw an tel: 886-6-2923150 fax: 886-6-2923149 e-mail: sales@minmax.com.tw 2015/07/31 rev:10 page 4 of 4 ? minmax technology co., ltd. test setup peak-to-peak output noise measurement test use a cout 0.47 f ceramic capacitor. scope measurement should be made by using a bnc socket, measurement bandwidth is 0-20 mhz. position the lo ad between 50 mm and 75 mm from the dc/dc converter. +out -out +vin -vin single output dc / dc converter resistive load scope copper strip cout copper strip +out -out +vin -vin dual output dc / dc converter resistive load scope copper strip cout com. scope cout copper strip copper strip technical notes remote on/off positive logic remote on/off turns the m odule on during a logic high voltage on the remote on/off pin, and off during a logic l ow. to turn the power module on and off, the user must supply a switch to control the voltage between the on/off terminal and the -vin terminal. the switch can be an op en collector or equivalent. a logic low is -0.7v to 0.8v. a logic high is 2.5v to 50v. the ma ximum sink current of the switch at on/off terminal during a l ogic low is -500 a. the maximum sink current of the switch at on/off terminal duri ng a logic high is 500 a or open. overcurrent protection to provide protection in a fault (output overload) condition, the unit is equipped with internal cu rrent limiting circuitry and can endure current limiting for an unlimited duration. at the point of current-limit in ception, the unit shifts from voltage contro l to current control. the unit operates n ormally once the output current is brought back into its specified range. input source impedance the power module should be connected to a lo w ac-impedance input source. highly inductive source impedances can affect the stab ility of the power module. in applications where power is supplied ov er long lines and output loading is high, it may be necessary to use a capacitor at t he input to ensure startup. capacitor mounted close to the power module helps ensure stabilit y of the unit, it is recommended to use a good quality low equ ivalent series resistance (esr < 1.0 ? at 100 khz) capacitor of a 4.7 f for the 24v input devices and a 2.2 f for the 48v devices. + +out -out +vin -vin dc / dc converter load dc power source + - cin output ripple reduction a good quality low esr capacitor placed as close as practicable across the load will give the best ripple and noise performance . to reduce output ripple, it is recommended to use 3.3 f capacitors at the output. +out -out +vin -vin load dc power source + - cout single output dc / dc converter +out -out +vin -vin load dc power source + - cout com. dual output dc / dc converter load cout maximum capacitive load the mgwi06 series has limitation of maximum connected capacitanc e at the output. the power module may be operated in current l imiting mode during start-up, affecting the ramp-up and the startup time. the maximum capacitance can be found in the data sheet. thermal considerations many conditions affect the thermal perform ance of the power module, such as orient ation, airflow over the module and board spac ing. to avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 105 . the derating curves are determined from measurements obtained in a test setup. dut position of air velocity probe and thermocouple 50mm / 2in air flow 15mm / 0.6in


▲Up To Search▲   

 
Price & Availability of MGWI06-24S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X