Part Number Hot Search : 
4A102 180XXX 100CA 10MC3 MGF7150C RF746 Z8F0230 MAX17
Product Description
Full Text Search
 

To Download MC54-74HC563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   semiconductor technical data 1 rev 6 ? motorola, inc. 1995 10/95      highperformance silicongate cmos the mc54/74hc563 is identical in pinout to the ls563. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. this device is identical in function to the hc533 but has the data inputs on the opposite side of the package from the outputs to facilitate pc board layout. these l atche s a ppear t ransparen t t o d at a ( i.e. , t h e o utput s c hange asynchronously) when latch enable is high. the data appears at the outputs in inverted form. when latch enable goes low , data meeting the setup and hold time becomes latched. the output enable input does not af fect the state of the latches, but when output enable is high, all device outputs are forced to the highimpedance state. thus, data may be latched even when the outputs are not enabled. the hc573 is the noninverting version of this function. ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2 to 6 v ? low input current: 1 m a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 202 fets or 50.5 equivalent gates logic diagram 19 18 17 16 15 14 13 12 q0 q1 q2 q3 q4 q5 q6 q7 2 3 4 5 6 7 8 9 d0 d1 d2 d3 d4 d5 d6 d7 inverting outputs data inputs 11 1 latch enable output enable pin 20 = v cc pin 10 = gnd 

 pin assignment d4 d2 d1 d0 output enable gnd d7 d6 d5 d3 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q3 q2 q1 q0 v cc latch enable q7 q6 q5 q4 function table inputs output output latch enable enable d q l h h l l h l h l l x no change h x x z x = don't care z = high impedance dw suffix soic package case 751d04 n suffix plastic package case 73803 ordering information mc54hcxxxj mc74hcxxxn mc74hcxxxdw ceramic plastic soic j suffix ceramic package case 73203 1 20 1 20 1 20
mc54/74hc563 motorola highspeed cmos logic data dl129 e rev 6 2 ??????????????????????? ??????????????????????? ??????????????????????? ??????????????????????? maximum ratings* ??? ??? ??? ??? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ?????? ?????? ?????? ?????? value ??? ??? ??? ??? unit ??? ??? ??? ??? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to + 7.0 ??? ??? ??? ??? v ??? ??? ??? ??? v in ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage (referenced to gnd) ?????? ?????? ?????? ?????? 1.5 to v cc + 1.5 ??? ??? ??? ??? v ??? ??? ??? ??? v out ?????????????? ?????????????? ?????????????? ?????????????? dc output voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to v cc + 0.5 ??? ??? ??? ??? v ??? ??? ??? ??? i in ?????????????? ?????????????? ?????????????? ?????????????? dc input current, per pin ?????? ?????? ?????? ?????? 20 ??? ??? ??? ??? ma ??? ??? ??? ??? i out ?????????????? ?????????????? ?????????????? ?????????????? dc output current, per pin ?????? ?????? ?????? ?????? 35 ??? ??? ??? ??? ma ??? ??? ??? ??? i cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply current, v cc and gnd pins ?????? ?????? ?????? ?????? 75 ??? ??? ??? ??? ma ??? ??? ??? ??? ??? p d ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? power dissipation in still air, plastic or ceramic dip2 soic package2 ?????? ?????? ?????? ?????? ?????? 750 500 ??? ??? ??? ??? ??? mw ??? ??? ??? ??? t stg ?????????????? ?????????????? ?????????????? ?????????????? storage temperature ?????? ?????? ?????? ?????? 65 to + 150 ??? ??? ??? ???  c ??? ??? ??? ??? ??? t l ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? lead t emperature, 1 mm from case for 10 seconds (plastic dip or soic package) (ceramic dip) ?????? ?????? ?????? ?????? ?????? 260 300 ??? ??? ??? ??? ???  c * maximum ratings are those values beyond which damage to the device may occur . functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c ceramic dip: 10 mw/  c from 100  to 125  c soic package: 7 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? unit ???? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ??? ??? ??? ??? 2.0 ??? ??? ??? ??? 6.0 ??? ??? ??? ??? v ???? ???? ???? ???? v in , v out ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? ??? ??? 0 ??? ??? ??? ??? v cc ??? ??? ??? ??? v ???? ???? ???? ???? t a ?????????????? ?????????????? ?????????????? ?????????????? operating temperature, all package types ??? ??? ??? ??? 55 ??? ??? ??? ??? + 125 ??? ??? ??? ???  c ???? ???? ???? ???? ???? t r , t f ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v ??? ??? ??? ??? ??? 0 0 0 ??? ??? ??? ??? ??? 1000 500 400 ??? ??? ??? ??? ??? ns dc electrical characteristics (voltages referenced to gnd) ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? v cc v ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ????  85  c ???? ???? ???? ????  125  c ??? ??? ??? ??? unit ???? ???? ???? ???? ???? ???? v ih ????????? ????????? ????????? ????????? ????????? ????????? minimum highlevel input voltage ????????? ????????? ????????? ????????? ????????? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 1.5 3.15 4.2 ???? ???? ???? ???? ???? ???? 1.5 3.15 4.2 ???? ???? ???? ???? ???? ???? 1.5 3.15 4.2 ??? ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? v il ????????? ????????? ????????? ????????? ????????? maximum lowlevel input voltage ????????? ????????? ????????? ????????? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 0.3 0.9 1.2 ???? ???? ???? ???? ???? 0.3 0.9 1.2 ???? ???? ???? ???? ???? 0.3 0.9 1.2 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? v oh ????????? ????????? ????????? ????????? ????????? minimum highlevel output voltage ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 1.9 4.4 5.9 ???? ???? ???? ???? ???? 1.9 4.4 5.9 ???? ???? ???? ???? ???? 1.9 4.4 5.9 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  6.0 ma |i out |  7.8 ma ???? ???? ???? ???? ???? 4.5 6.0 ??? ??? ??? ??? ??? 3.98 5.48 ???? ???? ???? ???? ???? 3.84 5.34 ???? ???? ???? ???? ???? 3.70 5.20 ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? v ol ????????? ????????? ????????? ????????? ????????? maximum lowlevel output voltage ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 0.1 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 0.1 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  6.0 ma |i out |  7.8 ma ???? ???? ???? ???? ???? 4.5 6.0 ??? ??? ??? ??? ??? 0.26 0.26 ???? ???? ???? ???? ???? 0.33 0.33 ???? ???? ???? ???? ???? 0.40 0.40 ??? ??? ??? ??? ??? ???? ???? ???? ???? i in ????????? ????????? ????????? ????????? maximum input leakage current ????????? ????????? ????????? ????????? v in = v cc or gnd ???? ???? ???? ???? 6.0 ??? ??? ??? ??? 0.1 ???? ???? ???? ???? 1.0 ???? ???? ???? ???? 1.0 ??? ??? ??? ??? m a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however , precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir - cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc54/74hc563 highspeed cmos logic data dl129 e rev 6 3 motorola dc electrical characteristics (voltages referenced to gnd) ??? ??? ??? ??? unit ????????? ????????? ????????? ????????? guaranteed limit ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? test conditions ????????? ????????? ????????? ????????? parameter ???? ???? ???? ???? symbol ??? ??? ??? ??? ??? unit ???? ???? ???? ???? ????  125  c ???? ???? ???? ???? ????  85  c ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? ????????? test conditions ????????? ????????? ????????? ????????? ????????? parameter ???? ???? ???? ???? ???? symbol ???? ???? ???? ???? ???? i oz ????????? ????????? ????????? ????????? ????????? maximum threestate leakage current ????????? ????????? ????????? ????????? ????????? output in highimpedance state v in = v il or v ih v out = v cc or gnd ???? ???? ???? ???? ???? 6.0 ??? ??? ??? ??? ??? 0.5 ???? ???? ???? ???? ???? 5.0 ???? ???? ???? ???? ???? 10 ??? ??? ??? ??? ??? m a ???? ???? ???? ???? ???? i cc ????????? ????????? ????????? ????????? ????????? maximum quiescent supply current (per package) ????????? ????????? ????????? ????????? ????????? v in = v cc or gnd i out = 0 m a ???? ???? ???? ???? ???? 6.0 ??? ??? ??? ??? ??? 8 ???? ???? ???? ???? ???? 80 ???? ???? ???? ???? ???? 160 ??? ??? ??? ??? ??? m a note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? ???? v cc v ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ????  85  c ???? ???? ???? ???? ????  125  c ??? ??? ??? ??? ??? unit ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, input d to q (figures 1 and 5) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 175 35 30 ???? ???? ???? ???? ???? 220 44 37 ???? ???? ???? ???? ???? 265 53 45 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t plh , t phl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, latch enable to q (figures 2 and 5) ???? ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 175 35 30 ???? ???? ???? ???? ???? ???? 220 44 37 ???? ???? ???? ???? ???? ???? 265 53 45 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? t plz , t phz ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, output enable to q (figures 3 and 6) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 150 30 26 ???? ???? ???? ???? ???? 190 38 33 ???? ???? ???? ???? ???? 225 45 38 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? t pzl , t pzh ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum propagation delay, output enable to q (figures 3 and 6) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 150 30 26 ???? ???? ???? ???? ???? 190 38 33 ???? ???? ???? ???? ???? 225 45 38 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t tlh , t thl ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum output transition time, any output (figures 1 and 5) ???? ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 60 12 10 ???? ???? ???? ???? ???? ???? 75 15 13 ???? ???? ???? ???? ???? ???? 90 18 15 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? c in ????????????????? ????????????????? ????????????????? ????????????????? maximum input capacitance ???? ???? ???? ???? e ??? ??? ??? ??? 10 ???? ???? ???? ???? 10 ???? ???? ???? ???? 10 ??? ??? ??? ??? pf ???? ???? ???? ???? c out ????????????????? ????????????????? ????????????????? ????????????????? maximum threestate output capacitance (output in highimpedance state) ???? ???? ???? ???? e ??? ??? ??? ??? 15 ???? ???? ???? ???? 15 ???? ???? ???? ???? 15 ??? ??? ??? ??? pf notes: 1. for propagation delays with loads other than 50 pf , see chapter 2 of the motorola highspeed cmos data book (dl129/d). 2. information on typical parametric values can be found in c hapter 2 of the motorola highspeed cmos data book (dl129/d). c pd power dissipation capacitance (per latch)* typical @ 25 c, v cc = 5.0 v pf c pd power dissipation capacitance (per latch)* 37 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d).
mc54/74hc563 motorola highspeed cmos logic data dl129 e rev 6 4 timing requirements (input t r = t f = 6 ns) ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? ???? symbol ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? parameter ???? ???? ???? ???? ???? v cc v ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ????  85  c ???? ???? ???? ???? ????  125  c ??? ??? ??? ??? ??? unit ???? ???? ???? ???? ???? t su ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum setup time, input d to latch enable (figure 4) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 75 15 13 ???? ???? ???? ???? ???? 95 19 16 ???? ???? ???? ???? ???? 110 22 19 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? t h ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum hold time, latch enable to input d (figure 4) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 5 5 5 ???? ???? ???? ???? ???? 5 5 5 ???? ???? ???? ???? ???? 5 5 5 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? ???? t w ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? minimum pulse width, latch enable (figure 2) ???? ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? ??? 80 16 14 ???? ???? ???? ???? ???? ???? 100 20 17 ???? ???? ???? ???? ???? ???? 120 24 20 ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? ???? t r , if ????????????????? ????????????????? ????????????????? ????????????????? ????????????????? maximum input rise and fall times (figure 1) ???? ???? ???? ???? ???? 2.0 4.5 6.0 ??? ??? ??? ??? ??? 1000 500 400 ???? ???? ???? ???? ???? 1000 500 400 ???? ???? ???? ???? ???? 1000 500 400 ??? ??? ??? ??? ??? ns note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). switching waveforms v cc gnd t f t r input d q 10% 50% 90% 10% 50% 90% t thl t phl t plh t tlh output enable q q 50% 50% 50% 90% 10% t pzl t plz t pzh t phz v cc gnd high impedance v ol v oh high impedance v cc gnd 50% 50% latch enable t plh t phl q t w 50% input d latch enable v cc v cc gnd gnd valid t h t su 50% figure 1. figure 2. figure 3. figure 4. test circuits figure 5. figure 6. * includes all probe and jig capacitance c l * test point device under test output * includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k w
mc54/74hc563 highspeed cmos logic data dl129 e rev 6 5 motorola d le q 19 18 17 16 15 14 13 12 q0 q1 q2 q3 q4 q5 q6 q7 2 3 4 5 6 7 8 9 11 1 d0 d1 d2 d3 d4 d5 d6 d7 latch enable output enable expanded logic diagram d le q d le q d le q d le q d le q d le q d le q
mc54/74hc563 motorola highspeed cmos logic data dl129 e rev 6 6 outline dimensions j suffix ceramic package case 73203 issue e n suffix plastic package case 73803 issue e dw suffix plastic soic package case 751d04 issue e notes: 1. leads within 0.25 (0.010) diameter, true position at seating plane, at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimensions a and b include meniscus. dim min max min max inches millimeters a 23.88 25.15 0.940 0.990 b 6.60 7.49 0.260 0.295 c 3.81 5.08 0.150 0.200 d 0.38 0.56 0.015 0.022 f 1.40 1.65 0.055 0.065 g 2.54 bsc 0.100 bsc h 0.51 1.27 0.020 0.050 j 0.20 0.30 0.008 0.012 k 3.18 4.06 0.125 0.160 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.25 1.02 0.010 0.040     a 20 1 10 11 b f c seating plane d h g k n j m l notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040     e 1.27 1.77 0.050 0.070 1 11 10 20 a seating plane k n f g d 20 pl t m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.150 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.13 (0.005) total in excess of d dimension at maximum material condition. a b 20 1 11 10 s a m 0.010 (0.25) b s t d 20x m b m 0.010 (0.25) p 10x j f g 18x k c t seating plane m r x 45  dim min max min max inches millimeters a 12.65 12.95 0.499 0.510 b 7.40 7.60 0.292 0.299 c 2.35 2.65 0.093 0.104 d 0.35 0.49 0.014 0.019 f 0.50 0.90 0.020 0.035 g 1.27 bsc 0.050 bsc j 0.25 0.32 0.010 0.012 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 10.05 10.55 0.395 0.415 r 0.25 0.75 0.010 0.029    
mc54/74hc563 highspeed cmos logic data dl129 e rev 6 7 motorola how to reach us: usa/europe : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, toshikatsu otsuki, p.o. box 20912; phoenix, arizona 85036. 18004412447 6f seibubutsuryucenter, 3142 tatsumi kotoku, tokyo 135, japan. 0335218315 mfax : rmf ax0@email.sps.mot.com touchtone (602) 2446609 hong kong : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters can and do vary in dif ferent applications. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . mc54/74hc563/d  
  ? codeline


▲Up To Search▲   

 
Price & Availability of MC54-74HC563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X