Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download LTC2321-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 for more information www.linear.com/ltc2325-16 typical application features description quad, 16-bit, 5msps/ch simultaneous sampling adc the lt c ? 2325-16 is a low noise, high speed quad 16 - bit successive approximation register (sar) adc with differential inputs and wide input common mode range. operating from a single 3.3v or 5v supply, the ltc2325-16 has an 8v p-p differential input range, making it ideal for applications which require a wide dynamic range with high common mode rejection. the ltc2325-16 achieves 2lsb inl typical, no missing codes at 16 bits and 82db snr. the ltc2325 -16 has an onboard low drift ( 20ppm / c max) 2.048v or 4.096v temperature-compensated reference. the ltc2325 -16 also has a high speed spi-compatible serial interface that supports cmos or lvds. the fast 5msps per channel throughput with one cycle latency makes the ltc2325-16 ideally suited for a wide variety of high speed applications. the ltc2325-16 dissipates only 40mw per channel and offers nap and sleep modes to reduce the power consumption to 90w for further power savings during inactive periods. 32k point fft f smpl = 5msps, f in = 2.2mhz applications n 5msps/ch throughput rate n four simultaneously sampling channels n guaranteed 16-bit, no missing codes n 8v p-p differential inputs with wide input common mode range n 82db snr (typ) at f in = 2.2mhz n C88db thd (typ) at f in = 2.2mhz n guaranteed operation to 125c n single 3.3v or 5v supply n low drift (20ppm/c max) 2.048v or 4.096v internal reference n 1.8v to 2.5v i/o voltages n cmos or lvds spi-compatible serial i/o n power dissipation 40mw/ch (typ) n small 52-pin (7mm 8mm) qfn package n high speed data acquisition systems n communications n optical networking n multiphase motor control l , lt, ltc, ltm, linear technology and the linear logo are registered trademarks and thinsot is a trademark of linear technology corporation. all other trademarks are the property of their respective owners. bipolar unipolar arbitrary true differential inputs no configuration required in + , in ? differential 0v 0v v dd v dd v dd v dd 0v 0v lt c2325-16 232516fa 1f a in1 + a in1 ? a in2 + a in2 ? s/h a in3 + a in3 ? a in4 + a in4 ? four simultaneous 16-bit sar adc o v dd ref gnd gnd refout1 v dd 1.8v to 2.5v 3.3v or 5v sampling channels cmos /lvds sdr/ddr refbufen sdo1 sdo2 sdo3 sdo4 clkout sck cnv 1f sample clock refout2 refout3 refout4 ltc2325-16 232516 ta01a s/h 16-bit sar adc 10f s/h 16-bit sar adc s/h 16-bit sar adc snr = 82.1db thd = ?88.1db sinad = 81.5db sfdr = 90.2db 10f frequency (mhz) 0 0.5 1 1.5 2 2.5 ?140 ?120 ?100 10f ?80 ?60 ?40 ?20 0 amplitude (dbfs) 232516 ta01b 10f 10f
2 for more information www.linear.com/ltc2325-16 pin configuration absolute maximum ratings supply voltage (v dd ) .................................................. 6v su pply voltage (ov dd ) ................................................ 3v an alog input voltage a in + , a in C (note 3) ................... C 0. 3v to (v dd + 0.3v ) r efout1,2,3,4 ........................ .C 0.3v to (v dd + 0.3v ) cnv ........................................ C 0.3v to (ov dd + 0.3v ) digital input voltage (note 3) .......................... (g nd C 0.3v ) to (ov dd + 0.3v ) digital output voltage (note 3) .......................... (g nd C 0.3v ) to (ov dd + 0.3v ) operating temperature range lt c23 25 c ................................................ 0c to 70 c lt c23 25 i ............................................. C 40 c to 85 c lt c23 25 h .......................................... C 40 c to 125 c storage temperature range .................. C 65 c to 150 c (notes 1, 2) 16 15 17 18 19 top view 53 gnd ukg package 52-lead (7mm 8mm) plastic qfn 20 21 22 23 24 25 26 51 52 50 49 48 47 46 45 44 43 42 41 33 34 35 36 37 38 39 40 8 7 6 5 4 3 2 1a in4 ? a in4 + gnd a in3 ? a in3 + refout3 gnd ref refout2 a in2 ? a in2 + gnd a in1 ? a in1 + dnc/sdod ? sdo4/sdod + gnd ov dd dnc/sdoc ? sdo3/sdoc + clkouten/clkout ? clkout/clkout + gnd ov dd dnc/sdob ? sdo2/sdob + dnc/sdoa ? sdo1/sdoa + v dd nc nc gnd nc nc gnd refout4 v dd refbufen dnc/sck ? sck/sck + v dd nc nc gnd nc nc v dd refout1 sdr/ddr cnv cmos /lvds gnd 32 31 30 29 28 27 9 10 11 12 13 14 t jmax = 150c, ja = 29c/w exposed pad (pin 53) is gnd, must be soldered to pcb order information lead free finish tape and reel part marking* package description temperature range ltc2325cukg-16#pbf ltc2325cukg-16#trpbf 2325ukg-16 52-lead (7mm 8mm) plastic qfn 0c to 70c ltc2325iukg-16#pbf ltc2325iukg-16#trpbf 2325ukg-16 52-lead (7mm 8mm) plastic qfn C40c to 85c ltc2325hukg-16#pbf ltc2325hukg-16#trpbf 2325ukg-16 52-lead (7mm 8mm) plastic qfn C40c to 125c consult ltc marketing for parts specified with wider operating temperature ranges. *the temperature grade is identified by a label on the shipping container. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. some packages are available in 500 unit reels through designated sales channels with #trmpbf suffix. http://www.linear.com/product/ltc2325-16#orderinfo lt c2325-16 232516fa
3 for more information www.linear.com/ltc2325-16 electrical characteristics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). symbol parameter conditions min typ max units v in + absolute input range (a in + to a in C ) (note 5) l 0 v dd v v in C absolute input range (a in + to a in C ) (note 5) l 0 v dd v v in + C v in C input differential voltage range v in = v in + C v in C l Crefout1,2,3,4 refout1,2,3,4 v v cm common mode input range v cm = (v in + C v in C )/2 l 0 v dd v i in analog input dc leakage current l C1 1 a c in analog input capacitance 10 pf cmrr input common mode rejection ratio f in = 2.2mhz 102 db v ihcnv cnv high level input voltage l 1.5 v v ilcnv cnv low level input voltage l 0.5 v i incnv cnv input current l C10 10 a converter characteristics symbol parameter conditions min typ max units resolution l 16 bits no missing codes l 16 bits transition noise 1.5 lsb rms inl integral linearity error (note 6) l C9 2 9 lsb dnl differential linearity error l C0.99 0.4 0.99 lsb bze bipolar zero-scale error (note 7) l C12 0 12 lsb bipolar zero-scale error drift 0.01 lsb/c fse bipolar full-scale error v refout1,2,3,4 = 4.096v (refbufen grounded) (note 7) l C30 30 lsb bipolar full-scale error drift v refout1,2,3,4 = 4.096v (refbufen grounded) 15 ppm/c the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). dynamic accuracy symbol parameter conditions min typ max units sinad signal-to-(noise + distortion) ratio f in = 2.2mhz, v refout1,2,3,4 = 4.096v, internal reference l 76 81 db f in = 2.2mhz, v refout1,2,3,4 = 5v, external reference 81 db snr signal-to-noise ratio f in = 2.2mhz, v refout1,2,3,4 = 4.096v, internal reference l 77.5 82 db f in = 2.2mhz, v refout1,2,3,4 = 5v, external reference 82.5 db thd total harmonic distortion f in = 2.2mhz, v refout1,2,3,4 = 4.096v, internal reference l C90 C80 db f in = 2.2mhz, v refout1,2,3,4 = 5v, external reference C91 db sfdr spurious free dynamic range f in = 2.2mhz, v refout1,2,3,4 = 4.096v, internal reference l 78 93 db f in = 2.2mhz, v refout1,2,3,4 = 5v, external reference 93 db C3db input bandwidth 95 mhz aperture delay 500 ps aperture delay matching 500 ps aperture jitter 1 ps rms transient response full-scale step 3 ns the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c and a in = C1dbfs (notes 4, 8). lt c2325-16 232516fa
4 for more information www.linear.com/ltc2325-16 internal reference characteristics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). digital inputs and digital outputs the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). symbol parameter conditions min typ max units v refout1,2,3,4 internal reference output voltage 4.75v < v dd < 5.25v 3.13v < v dd < 3.47v l l 4.078 2.034 4.096 2.048 4.115 2.064 v v v ref temperature coefficient (note 14) l 3 20 ppm/c refout1,2,3,4 output impedance 0.25 ? v refout1,2,3,4 line regulation 4.75v < v dd < 5.25v 0.3 mv/v i refout1,2,3,4 external reference current refbufen = 0v refout1,2,3,4 = 4.096v refout1,2,3,4 = 2.048v (notes 9, 10) 385 204 a a symbol parameter conditions min typ max units cmos digital inputs and outputs cmos/l vds = gnd v ih high level input voltage l 0.8 ? ov dd v v il low level input voltage l 0.2 ? ov dd v i in digital input current v in = 0v to ov dd l C10 10 a c in digital input capacitance 5 pf v oh high level output voltage i o = C500a l ov dd C 0.2 v v ol low level output voltage i o = 500a l 0.2 v i oz hi-z output leakage current v out = 0v to ov dd l C10 10 a i source output source current v out = 0v C10 ma i sink output sink current v out = ov dd 10 ma lvds digital inputs and outputs cmos/l vds = ov dd v id lvds differential input voltage 100 differential termination ov dd = 2.5v l 240 600 mv v is lvds common mode input voltage 100 differential termination ov dd = 2.5v l 1 1.45 v v od lvds differential output voltage 100 differential termination ov dd = 2.5v l 220 350 600 mv v os lvds common mode output voltage 100 differential termination ov dd = 2.5v l 0.85 1.2 1.4 v v od_lp low power lvds differential output voltage 100 differential termination ov dd = 2.5v l 100 200 350 mv v os_lp low power lvds common mode output voltage 100 differential termination ov dd = 2.5v l 0.85 1.2 1.4 v lt c2325-16 232516fa
5 for more information www.linear.com/ltc2325-16 symbol parameter conditions min typ max units f smpl maximum sampling frequency l 5 msps t cyc time between conversions (note 11) t cyc = t cnvh + t conv l 0.2 1000 s t conv conversion time l 170 ns t cnvh cnv high time l 30 ns t acquisition sampling aperture (note 11) t acquisition = t cyc C t conv 28 ns t wake refout1,2,3,4 wake-up time c refout1,2,3,4 = 10f 50 ms cmos i/o mode, sdr, cmos /lvds = gnd, sdr/ ddr = gnd t sck sck period (note 13) l 9.1 ns t sckh sck high time l 4.1 ns t sckl sck low time l 4.1 ns t hsdo_sdr sdo data remains valid delay from clkout c l = 5pf (note 12) l 0 1.5 ns t dsckclkout sck to clkout delay (note 12) l 2 4.5 ns power requirements the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). symbol parameter conditions min typ max units v dd supply voltage 5v operation 3.3v operation l l 4.75 3.13 5.25 3.47 v v iv dd supply current 5msps sample rate (in + = in C = 0v) l 31 44.5 ma cmos i/o mode cmos /lvds = gnd ov dd supply voltage l 1.71 2.63 v i ovdd supply current 5msps sample rate (c l = 5pf) l 4.4 15.5 ma i nap nap mode current conversion done (i vdd ) l 5.3 6.4 ma i sleep sleep mode current sleep mode (i vdd + i ovdd ) l 20 90 a p d_3.3v power dissipation v dd = 3.3v, 5msps sample rate nap mode sleep mode l l l 102 18 20 181 21.1 28.8 mw mw w p d_5v power dissipation v dd = 5v, 5msps sample rate nap mode sleep mode l l l 162 27 90 261 32 424 mw mw w l vds i/o mode cmos /lvds = ov dd , ov dd = 2.5v ov dd supply voltage l 2.37 2.63 v i ovdd supply current 5msps sample rate (c l = 5pf, r l = 100) l 26 31.5 ma i nap nap mode current conversion done (i vdd ) l 5.3 6.4 ma i sleep sleep mode current sleep mode (i vdd + i ovdd ) l 20 90 a p d_3.3v power dissipation v dd = 3.3v, 5msps sample rate nap mode sleep mode l l l 151 52 80 218 58.6 288 mw mw w p d_5v power dissipation v dd = 5v, 5msps sample rate nap mode sleep mode l l l 214 91 90 301 69.2 424 mw mw w adc timing characteristics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). lt c2325-16 232516fa
6 for more information www.linear.com/ltc2325-16 note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: all voltage values are with respect to gnd. note 3: when these pin voltages are taken below gnd, or above v dd or ov dd , they will be clamped by internal diodes. this product can handle input currents up to 100ma below gnd, or above v dd or ov dd , without latch-up. note 4: v dd = 5v, ov dd = 2.5v, refout1,2,3,4 = 4.096v, f smpl = 5mhz. note 5: recommended operating conditions. note 6: integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. the deviation is measured from the center of the quantization band. note 7: bipolar zero error is the offset voltage measured from C0.5lsb when the output code flickers between 0000 0000 0000 0000 and 1111 1111 1111 1111. full-scale bipolar error is the worst-case of Cfs or +fs untrimmed deviation from ideal first and last code transitions and includes the effect of offset error. note 8: all specifications in db are referred to a full-scale 4.096v input with ref = 4.096v. note 9: when refout1,2,3,4 is overdriven, the internal reference buffer must be turned off by setting refbufen = 0v. note 10: f smpl = 5mhz, i refout1,2,3,4 varies proportionally with sample rate. note 11: guaranteed by design, not subject to test. note 12: parameter tested and guaranteed at ov dd = 1.71v and ov dd = 2.5v. note 13: t sck of 9.1ns allows a shift clock frequency up to 105mhz for rising edge capture. note 14: temperature coefficient is calculated by dividing the maximum change in output voltage by the specified temperature range. note 15: cnv is driven from a low jitter digital source, typically at ov dd logic levels. adc timing characteristics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c (note 4). symbol parameter conditions min typ max units t dcnvsdoz bus relinquish time after cnv (note 11) l 3 ns t dcnvsdov sdo valid delay from cnv (note 11) l 3 ns t dsckhcnvh sck delay time to cnv (note 11) l 0 ns cmos i/o mode, ddr, cmos /lvds = gnd, sdr/ ddr = ov dd t sck sck period l 18.2 ns t sckh sck high time l 8.2 ns t sckl sck low time l 8.2 ns t hsdo_ddr sdo data remains valid delay from clkout c l = 5pf (note 12) l 0 1.5 ns t dsckclkout sck to clkout delay (note 12) l 2 4.5 ns t dcnvsdoz bus relinquish time after cnv (note 11) l 3 ns t dcnvsdov sdo valid delay from cnv (note 11) l 3 ns t dsckhcnvh sck delay time to cnv (note 11) l 0 ns lvds i/o mode, sdr, cmos /lvds = ov dd , sdr/ddr = gnd t sck sck period l 9.1 ns t sckh sck high time l 4.1 ns t sckl sck low time l 4.1 ns t hsdo_sdr sdo data remains valid delay from clkout c l = 5pf ov dd = 2.5v l 0 1.5 ns t dsckclkout sck to clkout delay ov dd = 2.5v l 2 4 ns t dsckhcnvh sck delay time to cnv (note 11) l 0 ns lvds i/o mode, ddr, cmos /lvds = ov dd , sdr/ddr = ov dd t sck sck period l 18.2 ns t sckh sck high time l 8.2 ns t sckl sck low time l 8.2 ns t hsdo_ddr sdo data remains valid delay from clkout c l = 5pf ov dd = 2.5v l 0 1.5 ns t dsckclkout sck to clkout delay ov dd = 2.5v l 2 4 ns t dsckhcnvh sck delay time to cnv (note 11) l 0 ns lt c2325-16 232516fa
7 for more information www.linear.com/ltc2325-16 figure 1. voltage levels for timing specifications 0.8  ov dd 0.2  ov dd 50% 50% 232516 f01 0.2  ov dd 0.8  ov dd 0.2  ov dd 0.8  ov dd t delay t width t delay adc timing characteristics lt c2325-16 232516fa
8 for more information www.linear.com/ltc2325-16 typical performance characteristics thd, harmonics vs input common mode snr, sinad vs reference voltage, f in = 2.2mhz 32k point fft, imd, f smpl = 5msps, a in + = 1.2mhz, a in C = 2.2mhz 32k point fft, f smpl = 5msps, f in = 2.2mhz snr, sinad vs input frequency (1khz to 2.2mhz) thd, harmonics vs input frequency (1khz to 2.2mhz) integral nonlinearity vs output code differential nonlinearity vs output code dc histogram t a = 25c, v dd = 5v, ov dd = 2.5v, refout1,2,3,4 = 4.096v, f smpl = 5msps, unless otherwise noted. lt c2325-16 232516fa ?4 232516 g05 thd hd3 hd2 frequency (mhz) 0 0.5 1 1.5 2 ?2 2.5 ?120 ?116 ?112 ?108 ?104 ?100 ?96 ?92 ?88 0 ?84 ?80 thd, harmonics level (dbfs) 232516 g06 thd hd3 hd2 f = 2.2mhz input common mode (v) 1.5 2 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 ?110 4 ?107 ?104 ?101 ?98 ?95 ?92 ?89 ?86 ?83 ?80 6 thd, harmonics level (dbfs) 232516 g07 snr sinad f = 2.2mhz v refout (v) 0.5 1 1.5 2 8 2.5 3 3.5 4 4.5 5 70 71 72 73 inl error (lsb) 74 75 76 77 78 79 80 81 82 83 232516 g01 84 snr, sinad level (dbfs) 232516 g08 thd = 86db v cm = 1mhz, 4vpp frequency (mhz) 0 0.5 1 1.5 output code 2 2.5 ?140 ?120 ?100 ?80 ?60 ?40 ?20 0 output code ?32768 amplitude (dbfs) 232516 g09 ?16384 0 16384 32768 ?1.0 ?0.5 0 0.5 1.0 ?32768 dnl error (lsb) 232516 g02 = 1.5 code ?10 ?8 ?6 ?4 ?2 0 ?16384 2 4 6 8 10 0 4000 8000 12000 16000 0 20000 24000 28000 32000 36000 40000 counts 232516 g03 snr = 82.1db thd = ?88.1db 16384 sinad = 81.5db sfdr = 90.2db frequency (mhz) 0 0.5 1 1.5 2 2.5 ?140 32768 ?120 ?100 ?80 ?60 ?40 ?20 0 amplitude (dbfs) 232516 g04 snr ?8 sinad frequency (mhz) 0 0.5 1 1.5 2 2.5 81.0 81.2 ?6 81.4 81.6 81.8 82.0 82.2 82.4 82.6 82.8 83.0 snr, sinad level (dbfs)
9 for more information www.linear.com/ltc2325-16 typical performance characteristics step response (fine settling) external reference supply current vs sample frequency ref output vs temperature offset error vs temperature supply current vs sample frequency ov dd current vs sck frequency, c load = 10pf cmrr vs input frequency crosstalk vs input frequency step response (large signal settling) t a = 25c, v dd = 5v, ov dd = 2.5v, refout1,2,3,4 = 4.096v, f smpl = 5msps, unless otherwise noted. lt c2325-16 232516fa 80 4 5 0 100 200 300 400 500 600 700 88 supply current (ua) 232516 g14 v dd = 3.3v v dd = 5v temperature (c) ?55 ?35 ?15 5 25 96 45 65 85 105 125 ?3.00 ?2.50 ?2.00 ?1.50 ?1.00 104 ?0.50 0 0.50 1.00 ref output error (mv) 232516 g15 temperature (c) ?55 ?35 ?15 112 5 25 45 65 85 105 125 ?3 ?2 ?1 120 0 1 2 3 lsb 232516 g16 v dd = 5v v dd = 3.3v sample frequency (msps) 0 cmrr (db) 1 2 3 4 5 15 20 25 30 35 232516 g10 40 supply current (ma) 232516 g17 lvds cmos(2.5v) low power lvds cmos(1.8v) full scale sinusoidal input sck frequency (mhz) 0 frequency (mhz) 22 44 66 88 110 0 1 2 3 4 0 5 6 7 8 12 14 16 18 20 22 v cm = 4v p-p 0.5 24 26 28 30 32 ov dd current cmos (ma) ov dd current lvds (ma) 232516 g18 1 1.5 2 2.5 ?125 ?123 ?121 ?119 ?117 frequency (khz) ?115 ?113 ?111 ?109 ?107 ?105 crosstalk (db) 232516 g11 4.096v range in + = 5mhz square wave in ? = 0v 0 settling time (ns) ?20 ?10 0 10 20 30 40 50 60 500 70 80 90 ?8192 0 8192 16384 24576 32768 output code (lsb) 1000 232516 g12 4.096v range in + = 5mhz square wave in ? = 0v settling time (ns) ?20 ?10 0 10 20 30 40 1500 50 60 70 80 90 ?250 ?200 ?150 ?100 ?50 2000 0 50 100 150 200 250 deviation from final value (lsb) 232516 g13 v refout1,2,3,4 2500 = 4.096v v refout1,2,3,4 = 2.048v refbufen = 0v (ext ref buf overdriving ref buf) sample frequency (msps) 0 1 2 3
10 for more information www.linear.com/ltc2325-16 pin functions pins that are the same for all digital i/o modes ain4 + , ain4 C (pins 2, 1): analog differential input pins. full-scale range (ain4 + C ain4 C ) is refout4 voltage. these pins can be driven from v dd to gnd. gnd (pins 3, 7, 12, 18, 26, 32, 38, 46, 49): ground. these pins and exposed pad (pin 53) must be tied directly to a solid ground plane. ain3 + , ain3 C (pins 5, 4): analog differential input pins. full-scale range (ain3 + C ain3 C ) is refout3 voltage. these pins can be driven from v dd to gnd. refout3 (pin 6): reference buffer 3 output. an onboard buffer nominally outputs 4.096v to this pin. this pin is referred to gnd and should be decoupled closely to the pin with a 10f (x5r, 0805 size) ceramic capacitor. the internal buffer driving this pin may be disabled by ground - ing the refbufen pin. if the buffer is disabled, an external reference may drive this pin in the range of 1.25v to 5v. ref (pin 8) : common 4.096v reference output. decouple to gnd with a 1f low esr ceramic capacitor. may be overdriven with a single external reference to establish a common reference for adc cores 1 through 4. refout2 (pin 9): reference buffer 2 output. an onboard buffer nominally outputs 4.096v to this pin. this pin is referred to gnd and should be decoupled closely to the pin with a 10f (x5r, 0805 size) ceramic capacitor. the internal buffer driving this pin may be disabled by ground - ing the refbufen pin. if the buffer is disabled, an external reference may drive this pin in the range of 1.25v to 5v. ain2 + , ain2 C (pins 11, 10): analog differential input pins. full-scale range (ain2 + C ain2 C ) is refout2 voltage. these pins can be driven from v dd to gnd. ain1 + , ain1 C (pins 14, 13): analog differential input pins. full-scale range (ain1 + C ain1 C ) is refout1 voltage. these pins can be driven from v dd to gnd. v dd (pins 15, 21, 44, 52): power supply. bypass v dd to gnd with a 10f ceramic capacitor and a 0.1f ceramic capacitor close to the part. the v dd pins should be shorted together and driven from the same supply. refout1 (pin 22): reference buffer 1 output. an onboard buffer nominally outputs 4.096v to this pin. this pin is referred to gnd and should be decoupled closely to the pin with a 10f (x5r, 0805 size) ceramic capacitor. the internal buffer driving this pin may be disabled by ground - ing the refbufen pin. if the buffer is disabled, an external reference may drive this pin in the range of 1.25v to 5v. sdr /ddr (pin 23): double data rate input. controls the frequency of sck and clkout. tie to gnd for the falling edge of sck to shift each serial data output (single data rate, sdr). tie to ov dd to shift serial data output on each edge of sck (double data rate, ddr). clkout will be a delayed version of sck for both pin states. cnv (pin 24): convert input. this pin, when high, defines the acquisition phase. when this pin is driven low, the conversion phase is initiated and output data is clocked out. this input must be driven at ov dd levels with a low jitter pulse. this pin is unaffected by the cmos /lvds pin. cmos/ lvds (pin 25): i/o mode select. ground this pin to enable cmos mode, tie to ov dd to enable lvds mode. float this pin to enable low power lvds mode. ov dd (pins 31, 37): i/o interface digital power. the range of ov dd is 1.71v to 2.63v. this supply is nominally set to the same supply as the host interface (cmos : 1.8v or 2.5v , lvds : 2.5v). bypass ov dd to gnd (pins 32 and 38) with 0.1f capacitors. refbufen (pin 43): reference buffer output enable. tie to v dd when using the internal reference. tie to ground to disable the internal refout1C4 buffers for use with external voltage references. this pin has a 500k internal pull-up to v dd . refout4 (pin 45): reference buffer 4 output. an onboard buffer nominally outputs 4.096v to this pin. this pin is referred to gnd and should be decoupled closely to the pin with a 10f (x5r, 0805 size) ceramic capacitor. the internal buffer driving this pin may be disabled by ground - ing the refbufen pin. if the buffer is disabled, an external reference may drive this pin in the range of 1.25v to 5v. exposed pad (pin 53) : ground. solder this pad to ground. lt c2325-16 232516fa
11 for more information www.linear.com/ltc2325-16 pin functions cmos data output option ( cmos /lvds = low) sdo1 (pin 27): cmos serial data output for adc channel 1. the conversion result is shifted msb first on each fall - ing edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16- bit conversion data to be read from sdo1 in sdr mode, 8 sck edges in ddr mode. sdo2 (pin 29): cmos serial data output for adc channel 2. the conversion result is shifted msb first on each fall - ing edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16- bit conversion data to be read from sdo2 in sdr mode, 8 sck edges in ddr mode. sdo3 (pin 35): cmos serial data output for adc channel 3. the conversion result is shifted msb first on each fall - ing edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16- bit conversion data to be read from sdo3 in sdr mode, 8 sck edges in ddr mode. sdo4 (pin 39): cmos serial data output for adc channel 4. the conversion result is shifted msb first on each fall - ing edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16- bit conversion data to be read from sdo4 in sdr mode, 8 sck edges in ddr mode. clkout (pin 33): serial data clock output. clkout provides a skew-matched clock to latch the sdo output at the receiver (fpga). the logic level is determined by ov dd . this pin echoes the input at sck with a small delay. clkouten (pin 34): clkout can be disabled by tying pin 34 to ov dd for a small power savings. if clkout is used, ground this pin. sck (pin 41): serial data clock input. the falling edge of this clock shifts the conversion result msb first onto the sdo pins in sdr mode (ddr = low). in ddr mode (sdr/ddr = high) each edge of this clock shifts the conversion result msb first onto the sdo pins. the logic level is determined by ov dd . dnc (pin 28, 30, 36, 40, 42): in cmos mode, do not connect this pin. lvds data output option ( cmos /lvds = high or float) sdoa + , sdoa C (pins 27, 28): lvds serial data output for adc channel 1. the conversion result is shifted ch1 msb first on each falling edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16-bit conversion data to be read from sdoa in sdr mode, 8 sck edges in ddr mode. terminate with a 100? resistor at the receiver (fpga). sdob + , sdob C (pins 29, 30): lvds serial data output for adc channel 2. the conversion result is shifted ch2 msb first on each falling edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16-bit conversion data to be read from sdob in sdr mode, 8 sck edges in ddr mode. terminate with a 100? resistor at the receiver (fpga). clkout + , clkout C (pins 33, 34): serial data clock output. clkout provides a skew-matched clock to latch the sdo output at the receiver. these pins echo the input at sck with a small delay. these pins must be differentially terminated by an external 100 resistor at the receiver?(fpga). sdoc + , sdoc C (pins 35, 36): lvds serial data output for adc channel 3. the conversion result is shifted ch3 msb first on each falling edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16-bit conversion data to be read from sdoa in sdr mode, 8 sck edges in ddr mode. terminate with a 100? resistor at the receiver (fpga). sdod + , sdod C (pins 39, 40): lvds serial data output for adc channel 4. the conversion result is shifted ch4 msb first on each falling edge of sck in sdr mode and each sck edge in ddr mode. 16 sck edges are required for 16-bit conversion data to be read from sdoa in sdr mode, 8 sck edges in ddr mode. terminate with a 100? resistor at the receiver (fpga). sck + , sck C (pins 41, 42): serial data clock input. the falling edge of this clock shifts the conversion result msb first onto the sdo pins in sdr mode ( sdr /ddr = low). in ddr mode (sdr/ddr = high) each edge of this clock shifts the conversion result msb first onto the sdo pins. these pins must be differentially terminated by an external 100 resistor at the receiver (adc). lt c2325-16 232516fa
12 for more information www.linear.com/ltc2325-16 functional block diagram cmos io mode 27 28 22 cmos i/o sdo1 dnc 14 24 13 a in1 + ref a in1 ? cnv v dd (15, 21, 44, 52) ref 1 41 42 cmos receivers output clock driver + ? s/h 16-bit sar adc 29 30 33 34 23 9 cmos i/o sdo2 dnc 11 10 a in2 + a in2 ? ref 1 + ? s/h 16-bit sar adc 35 36 6 cmos i/o sdo3 dnc 5 4 a in3 + dnc sck a in3 ? ref 1 + ? s/h 16-bit sar adc 39 40 43 25 45 cmos i/o sdo4 dnc refout4 cmos/lvds 2 1 a in4 + a in4 ? ref 1 + ? 8 s/h 16-bit sar adc sdr/ddr refout3 1.7 3.4 1.2v int ref refbufen ov dd (31, 37) clkouten clkout refout2 refout1 250a gnd (3, 7, 12, 18, 26, 32, 38, 46, 49, 53) 232516 bda lt c2325-16 232516fa
13 for more information www.linear.com/ltc2325-16 lvds io mode functional block diagram 27 28 22 lvds i/o sdoa + sdoa ? 14 24 13 a in1 + ref a in1 ? cnv v dd (15, 21, 44, 52) ref 1 41 42 lvds receivers output clock driver + ? s/h 16-bit sar adc 29 30 33 34 23 9 lvds i/o sdob + sdob ? 11 10 a in2 + a in2 ? ref 1 + ? s/h 16-bit sar adc 35 36 6 lvds i/o sdoc + sdoc ? 5 4 a in3 + sck ? sck + a in3 ? ref 1 + ? s/h 16-bit sar adc 39 40 43 25 45 lvds i/o sdod + sdod ? refout4 cmos/lvds 2 1 a in4 + a in4 ? ref 1 + ? 8 s/h 16-bit sar adc sdr/ddr refout3 1.7 3.4 1.2v int ref refbufen ov dd (31, 37) clkout ? clkout + refout2 refout1 250a gnd (3, 7, 12, 18, 26, 32, 38, 46, 49, 53) 232516 bdb lt c2325-16 232516fa
14 for more information www.linear.com/ltc2325-16 timing diagram sdr mode, cmos ddr mode, cmos lt c2325-16 232516fa 2 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 acquire hi-z hi-z conversion and readout sck clkout 1 2 3 4 5 sample n 6 7 8 9 10 11 12 13 14 15 serial data bits d[15:0] correspond to previous conversion of ch1 16 hi-z hi-z 232516 td02 serial data bits d[15:0] correspond to previous conversion of ch4 d13 d12 d11 d10 d9 d15 d8 d7 d6 d5 d4 d3 d2 d1 d0 3 cnv 4 5 6 7 8 9 10 11 12 13 sck 14 15 16 sample n+1 d15 sdo4 d14 hi-z d13 d12 sdo1 d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 clkout d1 d0 hi-z hi-z hi-z hi-z conversion and readout 232516 td01 d15 cnv d14 sdo1 d14 hi-z acquire sample n serial data bits d[15:0] correspond to previous conversion of ch1 serial data bits d[15:0] correspond to previous conversion of ch4 d13 d12 d11 hi-z d10 d9 d8 d7 d6 d5 d4 d3 d2 d1 1 d0 sample n+1 d15 sdo4 d14 hi-z d13 d12 d11 d10
15 for more information www.linear.com/ltc2325-16 sdr mode, lvds ddr mode, lvds timing diagram lt c2325-16 232516fa acquire d1 d0 conversion and readout sck clkout 1 2 3 4 5 sample n 6 7 8 9 10 11 12 13 14 15 serial data bits d[15:0] correspond to previous conversion of ch1 16 232516 td04 serial data bits d[15:0] correspond to previous conversion of ch4 d13 d12 d11 d10 d9 d8 d15 d7 d6 d5 d4 d3 d2 d1 d0 3 4 cnv 5 6 7 8 9 10 11 12 13 14 sck 15 16 sample n+1 d15 sdod d14 d13 d12 d11 d10 sdoa d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 clkout conversion and readout 232516 td03 d15 cnv sdoa d14 acquire sample n serial data bits d[15:0] correspond to previous conversion of ch1 serial data bits d[15:0] correspond to previous conversion of ch4 d14 d13 d12 d11 d10 d9 d8 d7 d6 d5 d4 1 d3 d2 d1 d0 sample n+1 d15 sdod d14 d13 d12 2 d11 d10 d9 d8 d7 d6 d5 d4 d3 d2
16 for more information www.linear.com/ltc2325-16 applications information overview the ltc2325 -16 is a low noise, high speed 16-bit succes - sive approximation register (sar) adc with differential inputs and a wide input common mode range. operating from a single 3.3v or 5v supply, the ltc2325-16 has a 4v p-p or 8v p-p differential input range, making it ideal for applications which require a wide dynamic range. the ltc2325 -16 achieves 2lsb inl typical, no missing codes at 16 bits and 82db snr. the ltc2325 -16 has an onboard reference buffer and low drift (20ppm / c max) 4.096v temperature-compensated reference. the ltc2325-16 also has a high speed spi- compatible serial interface that supports cmos or lvds. the fast 5msps per channel throughput with one-cycle latency makes the ltc2325 -16 ideally suited for a wide variety of high speed applications. the ltc2325-16 dis - sipates only 40mw per channel. nap and sleep modes are also provided to reduce the power consumption of the ltc2325 -16 during inactive periods for further power savings. converter operation the ltc2325 -16 operates in two phases. during the ac - quisition phase, the sample capacitor is connected to the analog input pins a in + and a in C to sample the differential analog input voltage, as shown in figure 3. a falling edge on the cnv pin initiates a conversion. during the conversion phase, the 16- bit cdac is sequenced through a successive approximation algorithm effectively comparing the sampled input with binary-weighted fractions of the reference volt - age (e.g., v refout /2, v refout /4 v refout /32768) using a differential comparator. at the end of conversion, a cdac output approximates the sampled analog input. the adc control logic then prepares the 16-bit digital output code for serial transfer. transfer function the ltc2325 -16 digitizes the full-scale voltage of 2 refout1,2,3,4 into 2 16 levels, resulting in an lsb size of 125v with ref = 4.096v . the ideal transfer function is shown in figure 2. the output data is in 2 s complement format. analog input the differential inputs of the ltc2325-16 provide great flexibility to convert a wide variety of analog signals with no configuration required. the ltc2325-16 digitizes the difference voltage between the a in + and a in C pins while supporting a wide common mode input range. the analog input signals can have an arbitrary relationship to each other, provided that they remain between v dd and gnd. the ltc2325 -16 can also digitize more limited classes of analog input signals such as pseudo-differential unipolar/ bipolar and fully differential with no configuration required. the analog inputs of the ltc2325 -16 can be modeled by the equivalent circuit shown in figure 3. the back- to-back diodes at the inputs form clamps that provide esd protection. in the acquisition phase, 10pf (c in ) figure 2. ltc2325-16 transfer function figure 3. the equivalent circuit for the differential analog input of the ltc2325-16 r on 15 r on 15 bias voltage 232516 f03 c in 10pf v dd c in 10pf v dd a in ? a in + input voltage (v) ?fsr/2 +fsr/2 ? 1lsb output code (two?s complement) 232516 f02 011...111 011...110 111...111 100...000 100...001 000...000 000...001 ?1 lsb fsr = +fs ? ?fs 1lsb = fsr/65535 0 1 lsb lt c2325-16 232516fa
17 for more information www.linear.com/ltc2325-16 applications information from the sampling capacitor in series with approximately 15 ?( r on ) from the on-resistance of the sampling switch is connected to the input. any unwanted signal that is common to both inputs will be reduced by the common mode rejection of the adc sampler. the inputs of the adc core draw a small current spike while charging the c in capacitors during acquisition. single-ended signals single-ended signals can be directly digitized by the ltc2325 -16. these signals should be sensed pseudo- differentially for improved common mode rejection. by connecting the reference signal (e.g., ground sense) of the main analog signal to the other a in pin, any noise or disturbance common to the two signals will be rejected by the high cmrr of the adc. the ltc2325 -16 flexibility handles both pseudo-differential unipolar and bipolar signals, with no configuration required. the wide common mode input range relaxes the accuracy requirements of any signal conditioning circuits prior to the analog inputs. pseudo-differential bipolar input range the pseudo-differential bipolar configuration represents driving one of the analog inputs at a fixed voltage, typically v ref /2, and applying a signal to the other a in pin. in this case the analog input swings symmetrically around the fixed input yielding bipolar two s complement output codes with an adc span of half of full-scale. this configuration is illustrated in figure 4, and the corresponding transfer function in figure 5. the fixed analog input pin need not be set at v ref /2, but at some point within the v dd rails allowing the alternate input to swing symmetrically around this voltage. if the input signal (a in + C a in C ) swings beyond refout1,2,3,4/2, valid codes will be generated by the adc and must be clamped by the user, if necessary. figure 4. pseudo-differential bipolar application circuit figure 5. pseudo-differential bipolar transfer function 25 25 220pf v ref 0v v ref 0v v ref /2 v ref /2 v ref 10k 10k only channel 1 shown for clarity + ? + ? ltc2325-16 lt1819 232516 f04 sdo1 ref refout1 clkout a in1 ? a in1 + sck to control logic (fpga, cpld, dsp, etc.) 1f 10f 1f 232516 f05 ?v ref ?16385 16384 ?32768 32767 v ref dotted regions available a in (a in + ? a in ? ) adc code (2?s complement) ?v ref /2 v ref /2 0 lt c2325-16 232516fa
18 for more information www.linear.com/ltc2325-16 applications information pseudo-differential unipolar input range the pseudo-differential unipolar configuration represents driving one of the analog inputs at ground and applying a signal to the other a in pin. in this case, the analog input swings between ground and v ref yielding unipolar twos complement output codes with an adc span of half of full-scale. this configuration is illustrated in figure 6, and the corresponding transfer function in figure 7. if the input signal (a in + C a in C ) swings negative, valid codes will be generated by the adc and must be clamped by the user, if necessary. figure 6. pseudo-differential unipolar application circuit figure 7. pseudo-differential unipolar transfer function 232516 f07 ?v ref ?16385 16384 ?32768 32767 v ref dotted regions available a in (a in + ? a in ? ) adc code (2?s complement) ?v ref /2 v ref /2 0 25 25 220pf v ref 0v v ref 0v + ? ltc2325-16 lt1818 232516 f06 sdo1 ref refout1 clkout a in1 ? a in1 + sck to control logic (fpga, cpld, dsp, etc.) 1f 10f lt c2325-16 232516fa
19 for more information www.linear.com/ltc2325-16 applications information single-ended-to-differential conversion while single-ended signals can be directly digitized as pre - viously discussed, single-ended to differential conversion cir cuits may also be used when higher dynamic range is desired. by producing a differential signal at the inputs of the ltc2325-16, the signal swing presented to the adc is maximized, thus increasing the achievable snr. the lt ? 1819 high speed dual operational amplifier is recommended for performing single-ended-to-differential conversions, as shown in figure 8. in this case, the first amplifier is configured as a unity-gain buffer and the single-ended input signal directly drives the high imped - ance input of this amplifier. fully-differential inputs t o achieve the best distortion per formance of the ltc2325 - 16, we recommend driving a fully-differential s ignal through lt1819 amplifiers configured as two unity-gain buffers, as shown in figure 9. this circuit achieves the full data sheet thd specification of C88db at input frequencies up to 500khz. a fully-differential input signal can span the maximum full-scale of the adc, up to refout1,2,3,4. the common mode input voltage can span the entire supply range up to v dd , limited by the input signal swing. the fully-differential configuration is illustrated in figure 10, with the corresponding transfer function illustrated in figure 11. input drive circuits a low impedance source can directly drive the high im - pedance inputs of the ltc2325 -16 without gain error. a high impedance source should be buffered to minimize settling time during acquisition and to optimize the dis - tortion performance of the adc. minimizing settling time is important even for dc inputs, because the adc inputs draw a current spike when during acquisition. for best performance, a buffer amplifier should be used to drive the analog inputs of the ltc2325 -16. the amplifier provides low output impedance to minimize gain error and allows for fast settling of the analog signal during the acquisition phase. it also provides isolation between the signal source and the adc inputs, which draw a small current spike during acquisition. figure 8. single-ended to differential driver figure 9. lt1819 buffering a fully-differential signal source v ref 0v v ref 0v v ref 0v v ref /2 + ? + ? 200 200 lt1819 232516 f08 v ref 0v v ref 0v v ref 0v v ref 0v + ? + ? lt1819 232516 f09 lt c2325-16 232516fa
20 for more information www.linear.com/ltc2325-16 applications information input filtering the noise and distortion of the buffer amplifier and signal source must be considered since they add to the adc noise and distortion. noisy input signals should be filtered prior to the buffer amplifier input with a low bandwidth filter to minimize noise. the simple 1-pole rc lowpass filter shown in figure 12 is sufficient for many applications. the sampling switch on-resistance (r on ) and the sample capacitor (c in ) form a second lowpass filter that limits the input bandwidth to the adc core to 110mhz. a buffer amplifier with a low noise density must be selected to minimize the degradation of the snr over this bandwidth. high quality capacitors and resistors should be used in the rc filters since these components can add distortion. npo and silver mica type dielectric capacitors have excellent linearity. carbon surface mount resistors can generate distortion from self heating and from damage that may occur during soldering. metal film surface mount resistors are much less susceptible to both problems. 25 25 220pf v ref 0v v ref 0v v ref 0v v ref 0v only channel 1 shown for clarity + ? + ? ltc2325-16 lt1819 232516 f10 sdo1 ref refout1 clkout a in1 ? a in1 + sck to control logic (fpga, cpld, dsp, etc.) 1f 10f 232516 f11 ?v ref ?16385 16384 ?32768 32767 v ref a in (a in + ? a in ? ) adc code (2?s complement) ?v ref /2 v ref /2 0 figure 10. fully-differential application circuit figure 11. fully-differential transfer function lt c2325-16 232516fa
21 for more information www.linear.com/ltc2325-16 applications information adc reference internal reference the ltc2325 -16 has an on-chip, low noise, low drift?(20ppm/ c max), temperature compensated band - gap reference. it is internally buffered and is available at ref (pin? 8). the reference buffer gains the internal reference voltage to 4.096v for supply voltages v dd = 5v and to 2.048v for v dd = 3.3v . the ref pin also drives the four internal reference buffers with a current limited output? (250a ) so it may be easily overdriven with an external reference in the range of 1.25v to 5v. bypass ref to gnd with a 1f (x5r, 0805 size) ceramic capacitor to compensate the reference buffer and minimize noise. the 1f capacitor should be as close as possible to the ltc2325-16 package to minimize wiring inductance. the voltage on the ref pin must be externally buffered if used for external circuitry. figure 12. input signal chain table 1. reference configurations and ranges reference configuration v dd refbufen ref pin refout1,2,3,4 pin differential input range internal reference with internal buffers 5v 5v 4.096v 4.096v 4.096v 3.3v 3.3v 2.048v 2.048v 2.048v common external reference with internal buffer (ref pin externally overdriven) 5v 5v 1.25v to 5v 1.25v to 3.3v 1.25v to 5v 3.3v 3.3v 1.25v to 5v 1.25v to 3.3v 1.25v to 3.3v external reference with ref buffers disabled 5v 0v 4.096v 1.25v to 5v 1.25v to 5v 3.3v 0v 2.048v 1.25v to 3.3v 1.25v to 3.3v 50 single-ended input signal 232516 f12 bw = 1mhz 3.3nf single-ended to differential driver in + in ? ltc2325 lt c2325-16 232516fa
22 for more information www.linear.com/ltc2325-16 applications information external reference the internal refout1,2,3,4 buffers can also be over - driven from 1.25v to 5v with an external reference at refout1,2,3,4 as shown in figure 13 (c). t o do so, refbufen must be grounded to disable the ref buffers. a 55k internal resistance loads the refout1,2,3,4 pins when the ref buffers are disabled. to maximize the input signal swing and corresponding snr, the ltc6655-5 is (13a) ltc2325-16 internal reference circuit (13b) ltc2325-16 with a shared external reference circuit (13c) ltc2325-16 with different external reference voltages figure 13. reference connections recommended when overdriving refout. the ltc6655-5 offers the same small size, accuracy, drift and extended temperature range as the ltc6655-4.096. by using a 5v reference, a higher snr can be achieved. we recommend bypassing the ltc6655-5 with a 10f ceramic capacitor (x5r, 0805 size) close to each of the refout1,2,3,4 pins. if the ref pin voltage is used as a refout refer - ence when refbufen is connected to gnd, it should be buffered externally . ltc6655-4.096 5v to 13.2v 0.1f v dd ltc2325-16 gnd 232516 f13b +5v ref refout1 refout2 refout3 refout4 refbufen 10f 10f 10f 10f 10f v in shdn v out_f v out_s 5v to 13.2v 0.1f v dd ltc2325-16 gnd 232516 f13c +5v refout1 ref refout2 refout3 refout4 refbufen 10f ltc6655-4.096 1f v in shdn v out_f v out_s 5v to 13.2v 0.1f 10f ltc6655-2.048 v in shdn v out_f v out_s 5v to 13.2v 0.1f 10f ltc6655-2.5 v in shdn v out_f v out_s 5v to 13.2v 0.1f 10f ltc6655-3 v in shdn v out_f v out_s v dd ltc2325-16 gnd 232516 f13a 3.3v to 5v ref refout1 refout2 refout3 refout4 refbufen 1f 10f 10f 10f 10f lt c2325-16 232516fa
23 for more information www.linear.com/ltc2325-16 applications information internal reference buffer transient response the refout1,2,3,4 pins of the ltc2325-16 draw charge (q conv ) from the external bypass capacitors during each conversion cycle. if the internal reference buffer is overdriven, the external reference must provide all of this charge with a dc current equivalent to i ref = q conv /t cyc . thus, the dc current draw of i refout1,2,3,4 depends on the sampling rate and output code. in applications where a burst of samples is taken after idling for long periods, as shown in figure 14 , i refbuf quickly goes from approximately ~75a to a maximum of 500a for refout = 5v at 5msps. this step in dc current draw triggers a transient response in the external reference that must be considered since any deviation in the voltage at refout will affect the accuracy of the output code. due to the one-cycle conversion latency , the first conversion result at the beginning of a burst sampling period will be invalid. if an external reference is used to overdrive refout1,2,3,4, the fast settling ltc6655 reference is recommended. dynamic performance fast fourier transform (fft) techniques are used to test the adcs frequency response, distortion and noise at the rated throughput. by applying a low distortion sine wave and analyzing the digital output using an fft algorithm, the adcs spectral content can be examined for frequen - cies outside the fundamental. the ltc2325-16 provides guaranteed tested limits for both ac distortion and noise measurements. signal-to-noise and distortion ratio (sinad) the signal-to-noise and distortion ratio (sinad) is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components at the a/d output. the output is bandlimited to frequencies from above dc and below half the sampling frequency. figure 16 shows that the ltc2325-16 achieves a typical sinad of 81db at a 5mhz sampling rate with a 2.2mhz input. signal-to-noise ratio (snr) the signal-to-noise ratio (snr) is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components except the first five harmonics and dc. figure 16 shows that the ltc2325-16 achieves a typical snr of 82db at a 5mhz sampling rate with a 2.2mhz input. cnv 232516 f14 idle period figure 14. cnv waveform showing burst sampling figure 15. transient response of the ltc2325-16 figure 16. 32k point fft of the ltc2325-16 lt c2325-16 232516fa 1.5 2 2.5 ?140 ?120 ?100 ?80 ?60 ?40 ?20 snr = 82.1db 0 amplitude (dbfs) 232516 f16 4.096v range in + = 5mhz square wave in ? = 0v settling time (ns) ?20 ?10 0 10 thd = ?88.1db 20 30 40 50 60 70 80 90 ?8192 0 sinad = 81.5db 8192 16384 24576 32768 output code (lsb) 232516 f15 sfdr = 90.2db frequency (mhz) 0 0.5 1
24 for more information www.linear.com/ltc2325-16 applications information total harmonic distortion (thd) total harmonic distortion (thd) is the ratio of the rms sum of all harmonics of the input signal to the fundamental itself. the out-of-band harmonics alias into the frequency band between dc and half the sampling frequency (f smpl /2). thd is expressed as: thd = 20log v2 2 + v3 2 + v4 2 ++ v n 2 v1 where v1 is the rms amplitude of the fundamental frequency and v2 through v n are the amplitudes of the second through nth harmonics. power considerations the ltc2325 -16 requires two power supplies: the 3.3v to 5v power supply (v dd ), and the digital input/output interface power supply (ov dd ). the flexible ov dd supply allows the ltc2325 -16 to communicate with any digital logic operating between 1.8v and 2.5v . when using lvds i/o, the ov dd supply must be set to 2.5v. power supply sequencing the ltc2325 -16 does not have any specific power supply sequencing requirements. care should be taken to adhere to the maximum voltage relationships described in the absolute maximum ratings section. the ltc2325 - 16 has a power -on-reset (por) circuit that will reset the ltc2325 -16 at initial power-up or whenever the power supply voltage drops below 2v. once the supply voltage re-enters the nominal supply voltage range, the por will reinitialize the adc. no conversions should be initiated until 10ms after a por event to ensure the reinitialization period has ended. any conversions initiated before this time will produce invalid results. figure 17. power supply current of the ltc2325-16 versus sampling rate lt c2325-16 232516fa 5 15 20 25 30 35 40 supply current (ma) 232516 f17 v dd = 5v v dd = 3.3v sample frequency (msps) 0 1 2 3 4
25 for more information www.linear.com/ltc2325-16 applications information timing and control cnv timing the ltc2325 -16 sampling and conversion is controlled by cnv . a rising edge on cnv will start sampling and the falling edge starts the conversion and readout process. the conversion process is timed by the sck input clock. for optimum performance, cnv should be driven by a clean low jitter signal. the typical application at the back of the data sheet illustrates a recommended implementation to reduce the relatively large jitter from an fpga cnv pulse source. note the low jitter input clock times the falling edge of the cnv signal. the rising edge jitter of cnv is much less critical to performance. the typical pulse width of the cnv signal is 30ns with < 1.5ns rise and fall times at a 5msps conversion rate. sck serial data clock input in sdr mode (sdr/ddr pin 23 = gnd), the falling edge of this clock shifts the conversion result msb first onto the sdo pins. a 100mhz external clock must be applied at the sck pin to achieve 5msps throughput using all four sdo outputs. in ddr mode (sdr/ddr pin 23 = ov dd ), each input edge of sck shifts the conversion result msb first onto the sdo pins. a 50mhz external clock must be applied at the sck pin to achieve 5msps throughput using all five sdo1 through sdo4 outputs. clkout serial data clock output the clkout output provides a skew-matched clock to latch the sdo output at the receiver. the timing skew of the clkout and sdo outputs are matched. for high throughput applications, using clkout instead of sck to capture the sdo output eases timing requirements at the receiver. for low throughput speed applications, clkout can be disabled by tying pin 34 to ov dd . nap/sleep modes nap mode is a method to save power without sacrificing power-up delays for subsequent conversions. sleep mode has substantial power savings, but a power-up delay is incurred to allow the reference and power systems to become valid. to enter nap mode on the ltc2325-16, the sck signal must be held high or low and a series of two cnv pulses must be applied. this is the case for both cmos and lvds modes. the second rising edge of cnv initiates the nap state. the nap state will persist until either a single rising edge of sck is applied, or further cnv pulses are applied. the sck rising edge will put the ltc2325-16 back into the operational (full-power) state. when in nap mode, two additional pulses will put the ltc2325-16 in sleep mode. when configured for cmos i/o operation, a single rising edge of sck can return the ltc2325 -16 into operational mode. a 10ms delay is necessary after exiting sleep mode to allow the reference buffer to recharge the external filter capacitor. in lvds mode, exit sleep mode by supplying a fifth cnv pulse. the fifth pulse will return the ltc2325 -16 to operational mode, and further sck pulses will keep the part from re-entering nap and sleep modes. the fifth sck pulse also works in cmos mode as a method to exit sleep. in the absence of sck pulses, repetitive cnv pulses will cycle the ltc2325-16 between operational, nap and sleep modes indefinitely. refer to the timing diagrams in figure 18, figure 19, figure 20 and figure 21 for more detailed timing information about sleep and nap modes. figure 18. cmos and lvds mode nap and wake using sck full power mode 1 2 cnv sck hold static high or low nap mode sdo1 ? 4 wake on 1st sck edge z z 232516 f18 lt c2325-16 232516fa
26 for more information www.linear.com/ltc2325-16 applications information figure 19. cmos mode sleep and wake using sck figure 20. lvds and cmos mode sleep and wake using cnv figure 21. ltc2325-16 timing diagram full power mode 1 2 3 4 4.096v 4.096v refout recovery refout1 ? 4 cnv sck hold static high or low nap mode sleep mode sdo1 ? 4 wake on 1st sck edge z z z z 232516 f19 t wake 1 2 3 4 5 4.096v 4.096v refout recovery cnv sck hold static high or low nap mode sleep mode full power mode wake on 5th cnv edge z z z z z 232516 f20 t wake refout1 ? 4 sdo1 ? 4 232516 f21 lt c2325-16 232516fa sdo 1 15 16 clkout d14 d2 d13 t conv t readout d15 d15 d0 d1 t dsckclkout t dcnvsdoz t hsdo t dcnvsdov hi-z hi-z t dsckcnvh t sckl ddr mode timing 1 15 16 2 2 3 3 14 14 t sckh 1 2 3 d15 14 15 16 t sckl t sckh t sck t sck t cnvh t cyc cnv sck sdo 1 2 3 14 15 t cnvh 16 clkout d14 d2 d13 t conv t readout d15 d0 d1 t cyc t dsckclkout t dcnvsdoz t hsdo t dcnvsdov hi-z hi-z t dsckcnvh sdr mode timing cnv sck
27 for more information www.linear.com/ltc2325-16 applications information figure 22. ltc2325-16 using the lvds interface digital interface the ltc2325 -16 features a serial digital interface that is simple and straightforward to use. the flexible ov dd supply allows the ltc2325-16 to communicate with any digital logic operating between 1.8v and 2.5v . in addi - tion to a standard cmos spi interface, the ltc2325-16 provides an optional lvds spi inter face to support low noise digital design. the cmos /lvds pin is used to select the digital interface mode. the sck input clock shifts the conversion result msb first on the sdo pins. clkout provides a skew-matched clock to latch the sdo output at the receiver. the timing skew of the clkout and sdo outputs are matched. for high throughput applications, using clkout instead of sck to capture the sdo output eases timing requirements at the receiver. in cmos mode, use the sdo1 C sdo4, and clkout pins as outputs. use the sck pin as an input. in lvds mode, use the sdoa + / sdoa C through sdod + /sdod C and clkout + /clkout C pins as differential outputs. each lvds lane yields one channel worth of data: sdoa yields ch1 data, sdob yields ch2 data, sdoc yields ch3 data and sdod yields ch4 data. these pins must be differentially terminated by an external 100 resistor at the receiver (fpga). the sck + /sck C pins are differential inputs and must be terminated differentially by an external 100 resistor at the receiver(adc). sdr/ddr modes the ltc2325 -16 has an sdr (single data rate) and ddr (double data rate) mode for reading conversion data from the sdo pins. in both modes, clkout is a delayed version of sck. in sdr mode, each negative edge of sck shifts the conversion data out the sdo pins. in ddr mode, each edge of the sck input shifts the conversion data out. in ddr mode, the required sck frequency is half of what is required in sdr mode. tie sdr /ddr to ground to configure for sdr mode and to ov dd for ddr mode. the clkout signal is a delayed version of the sck input and is phase aligned with the sdo data. in sdr mode, the sdo transitions on the falling edge of clkout as illustrated in figure 21. we recommend using the rising edge of clkout to latch the sdo data into the fpga register in sdr mode. in ddr mode, the sdo transitions on each input edge of sck. w e recommend using the clkout rising and fall - ing edges to latch the sdo data into the fpga registers in ddr mode. since the clkout and sdo data is phase aligned, the sdo signals will need to be digitally delayed in the fpga to provide adequate setup and hold timing margins in ddr mode. board la yout t o obtain the best performance from the ltc2325-16, a printed circuit board is recommended. layout for the printed circuit board (pcb) should ensure the digital and analog signal lines are separated as much as possible. in particular, care should be taken not to run any digital clocks or signals adjacent to analog signals or underneath the adc. supply bypass capacitors should be placed as close as possible to the supply pins. low impedance common re - turns for these bypass capacitors are essential to the low noise operation of the adc. a single solid ground plane is recommended for this purpose. when possible, screen the analog input traces using ground. recommended layout for a detailed look at the reference design for this con - verter, including schematics and pcb layout, please refer to dc2395a , the evaluation kit for the ltc2325-16. 100 2.5v 2.5v ov dd ltc2325-16 fpga or dsp 232516 f22 sck + sck ? sdod + sdod ? sdoc + sdoc ? sdob + sdob ? sdoa + sdoa ? cmos /lvds + ? + ? 100 + ? 100 + ? 100 + ? 100 + ? 100 clkout + clkout ? cnv retiming flip-flop lt c2325-16 232516fa
28 for more information www.linear.com/ltc2325-16 package description 7.00 0.10 (2 sides) note: 1. drawing is not a jedec package outline 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.20mm on any side, if present 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package pin 1 top mark (see note 6) pin 1 notch r = 0.30 typ or 0.35 45c chamfer 0.40 0.10 5251 1 2 bottom view?exposed pad top view side view 6.50 ref (2 sides) 8.00 0.10 (2 sides) 5.50 ref (2 sides) 0.75 0.05 0.75 0.05 r = 0.115 typ r = 0.10 typ 0.25 0.05 0.50 bsc 0.200 ref 0.00 ? 0.05 6.45 0.10 5.41 0.10 0.00 ? 0.05 (ukg52) qfn rev ? 0306 5.50 ref (2 sides) 5.41 0.05 6.45 0.05 recommended solder pad pitch and dimensions apply solder mask to areas that are not soldered 0.70 0.05 6.10 0.05 7.50 0.05 6.50 ref (2 sides) 7.10 0.05 8.50 0.05 0.25 0.05 0.50 bsc package outline ukg package 52-lead plastic qfn (7mm 8mm) (reference ltc dwg # 05-08-1729 rev ?) please refer to http://www.linear.com/product/ltc2325-16#packaging for the most recent package drawings. ukg package 52-lead plastic qfn (7mm 8mm) (reference ltc dwg # 05-08-1729 rev ?) lt c2325-16 232516fa
29 for more information www.linear.com/ltc2325-16 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa - tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. revision history rev date description page number a 02/17 corrected latency to one cycle 1 lt c2325-16 232516fa
30 for more information www.linear.com/ltc2325-16 ? linear technology corporation 2017 lt 0217 rev a ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax : (408) 434-0507 www.linear.com/ltc2325-16 related parts typical application part number description comments adcs ltc2311-16/ltc2311-14/ ltc2311-12 16-/14-/12-bit, 5msps simultaneous sampling adc 3.3v supply, 1-channel 40mw, 20ppm/c internal reference, flexible inputs, 16-lead msop package ltc2314-14 16-14-/12-bit 5msps dual simultaneous sampling adc 3v/5v supply, 40mw/ch, 20ppm/c max internal reference, flexible inputs, 4mm 5mm qfn-28 package LTC2321-16/ltc2321-14/ ltc2321-12 16-/14-/12-bit, dual 2msps, simultaneous sampling adcs 3.3v/5v supply, 33mw/ch, 20ppmc max internal reference, flexible inputs, 4mm 5mm qfn-28 package lt c2320-16/ltc2320-14/ ltc2320-12 16-/14-/12-bit, octal, 1.5msps/channel simultaneous sampling adc 3.3v/5v supply , 20mw/channel, 20ppm/c internal reference, flexible inputs, 7mm 8mm qfn-52 package ltc2324-16/ltc2324-14/ ltc2324-12 16-/14-/12-bit, quad, 2msps/channel simultaneous sampling adc 3.3v/5v supply, 40mw/channel, 20ppm/c internal reference, flexible inputs, 7mm 8mm qfn-52 package dacs ltc2632 dual 12-/10-/8-bit, spi v out dacs with internal reference 2.7v to 5.5v supply range, 10ppm/c reference, external ref mode, rail-to-rail output, 8-pin thinsot? package ltc2602/ltc2612/ ltc2622 dual 16-/14-/12-bit spi v out dacs with external reference 300a per dac, 2.5v to 5.5v supply range, rail-to-rail output, 8-lead msop package references ltc6655 precision low drift, low noise buffered reference 5v/4.096v/3.3v/3v/2.5v/2.048v/1.25v, 2ppm/c, 0.25ppm peak-to-peak noise, msop-8 package ltc6652 precision low drift, low noise buffered reference 5v/4.096v/3.3v/3v/2.5v/2.048v/1.25v, 5ppm/c, 2.1ppm peak-to-peak noise, msop-8 package amplifiers lt1818/ lt1819 400mhz, 2500v/s, 9ma single/dual operational amplifiers C85dbc distortion at 5mhz, 6nv/hz input noise voltage, 9ma supply current, unity-gain stable lt1806 325mhz, single, rail-to-rail input and output, low distortion, low noise precision op amps C80dbc distortion at 5mhz, 3.5nv/hz input noise voltage, 9ma supply current, unity-gain stable lt6200 165mhz , rail-to-rail input and output, 0.95nv/ hz low noise, op amp family low noise, low distortion, unity-gain stable low jitter clock timing with rf sine generator using clock squaring/level-shifting circuit and retiming flip-flop nc7svu04p5x ( 5) 50 nc7svuo4p5x conv enable master_clock conv 1k 1k ltc2325-16 232516 ta02 sdo1 ? 4 sck gnd clr nc7sv74k8x control logic (fpga, cpld, dsp, etc.) pre clkout cnv cmos /lvds gnd sdr/ddr v cc v cc q d 0.1f 10 10 lt c2325-16 232516fa


▲Up To Search▲   

 
Price & Availability of LTC2321-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X