Part Number Hot Search : 
RT33401 PN3638A HD64F3 0015453 2SB1346S ANTXV2N TMS320 P40NS
Product Description
Full Text Search
 

To Download LTC1757A-1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ltc1757a-1/ltc1757a-2 single/dual band rf power controllers the ltc ? 1757a-2 is a dual band rf power controller for rf power amplifiers operating in the 850mhz to 2ghz range. the ltc1757a is pin compatible with the ltc1757 but has improved rf detection range. the input voltage range is optimized for operation from a single lithium-ion cell or 3 nimh. several functions required for rf power control and protection are integrated in one small 10-pin msop package, thereby minimizing pcb area. the ltc1757a-1 is a single output rf power controller that is identical in performance to the ltc1757a-2 except that one output (v pca ) is provided. the ltc1757a-1 can be used to drive a single rf channel or dual channel module with integral multiplexer. this part is available in an 8-pin msop package. rf power is controlled by driving the rf amplifier power control pins and sensing the resultant rf output power via a directional coupler. the rf sense voltage is peak detected using an on-chip schottky diode. this detected voltage is compared to the dac voltage at the pctl pin to control the output power. the rf power amplifier is protected against high supply voltage and current and high power control pin voltages. internal and external offsets are cancelled over tempera- ture by an autozero control loop, allowing accurate low power programming. the shutdown feature disables the part and reduces the supply current to < 1 m a. n dual band rf power amplifier control (ltc1757a-2) n improved internal schottky diode detector n wide input frequency range: 850mhz to 2ghz n autozero cancels initial offsets and temperature dependent offset errors n wide v in range of 2.7v to 6v allows direct connection to battery n rf output power set by external dac n fast acquire after transmit enable n internal frequency compensation n rail-to-rail power control outputs n rf pa supply current limiting n battery overvoltage protection n power control signal overvoltage protection n low operating current: 1ma n very low shutdown current: < 1 m a n available in a 8-pin msop package (ltc1757a-1) and 10-pin msop (ltc1757a-2) , ltc and lt are registered trademarks of linear technology corporation. v in rf shdn bsel gnd 10 9 8 7 6 1 2 3 4 5 v cc v pca v pcb txen pctl ltc1757a-2 v in li-ion shdn bsel txen 900mhz dac rf pa directional coupler diplexer 1.8ghz /1.9ghz rf pa 50 1757a ta01 33pf 68 ltc1757a-2 dual band cellular telephone transmitter n single/dual band gsm cellular telephones n pcs devices n wireless data modems n tdma cellular telephones features descriptio u applicatio s u typical applicatio u
2 ltc1757a-1/ltc1757a-2 v in to gnd ............................................... C 0.3v to 6.5v v pca , v pcb voltage ..................................... C 0.3v to 3v pctl voltage ............................... C 0.3v to (v in + 0.3v) rf voltage ........................................ (v in C 2.2v) to 7v i vcc , continuous ....................................................... 1a i vcc , 12.5% duty cycle .......................................... 2.5a shdn, txen, bsel voltage to gnd ............................ C 0.3v to (v in + 0.3v) order part number ms10 part marking consult factory for industrial and military grade parts. ltc1757a-2ems ltpm t jmax = 125 c, q ja = 250 c/w 1 2 3 4 5 v in rf shdn bsel gnd 10 9 8 7 6 v cc v pca v pcb txen pctl top view ms10 package 10-lead plastic msop i vpca/b , 25% duty cycle ...................................... 20ma operating temperature range (note 2) ................................................. 30 c to 85 c storage temperature range ................ C 65 c to 150 c maximum junction temperature ........................ 125 c lead temperature (soldering, 10 sec)................ 300 c (note 1) order part number ms8 part marking ltc1757a-1ems8 ltpl the l denotes specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v in = 3.6v, shdn = txen = hi, unless otherwise noted. parameter conditions min typ max units v in operating voltage (note 7) l 2.7 6 v i vin shutdown current shdn = lo, txen = lo, bsel = lo l 1 m a i vin autozero current shdn = hi, txen = lo l 0.9 1.5 ma i vin operating current shdn = hi, txen = hi, i vpca = i vpcb = 0ma, v pca/b = hi l 1 1.6 ma i vcc current limit 2.2 a v in to v cc resistance shdn = lo, txen = lo 90 150 m w v pca/b v ol txen = hi, open loop, pctl = C 100mv l 0 0.1 v v pca/b dropout voltage i load = 5.5ma, v in = 2.7v l v in C 0.28 v v pca/b voltage clamp r load = 400 w l 2.7 2.85 3.0 v v pca/b output current v pca/b = 2.4v, v in = 2.7v l 5.5 9 ma v pca/b enable time v pctl = 2v step, c load = 100pf (note 5) 200 ns v pca/b bandwidth c load = 100pf, r load = 400 w (note 9) l 250 400 550 khz v pca/b load capacitance (note 6) 100 pf v pca/b slew rate v pctl = 2v step, c load = 100pf (note 3) 1.5 3 v/ m s v pca/b droop v in = 2.7v, v pctl = 2v step 10 m v/ms v pca/b txen start voltage open loop, txen low to high, c load = 100pf (note 10) 400 550 700 mv shdn input threshold v in = 2.7v to 6v, txen = lo l 0.35 1.4 v txen, bsel input threshold v in = 2.7v to 4.7v l 0.35 1.4 v t jmax = 150 c, q ja = 250 c/w 1 2 3 4 v in rf shdn gnd 8 7 6 5 v cc v pca txen pctl top view ms8 package 8-lead plastic msop electrical characteristics package/order i for atio uu w absolute axi u rati gs w ww u
3 ltc1757a-1/ltc1757a-2 the l denotes specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v in = 3.6v, shdn = txen = hi, unless otherwise noted. parameter conditions min typ max units shdn, txen, bsel input current shdn, txen or bsel = 3.6v l 10 30 50 m a pctl input voltage control range v in = 2.7v to 4.7v, r load = 400 w l 02v pctl input voltage range v in = 3v, r load = 400 w (note 8) l 2.4 v pctl input resistance shdn = lo, txen = lo l 50 100 150 k w pctl input filter 1.25 mhz autozero range v in = 2.7v, r load = 400 w (note 4) l 400 mv autozero settling time (t s ) shutdown to enable (autozero), v in = 2.7v (note 11) l 50 m s rf input frequency range (note 6) l 850 2000 mhz rf input power range 900mhz (note 6) C 24 16 dbm 1800mhz (note 6) C22 16 dbm rf dc input resistance referenced to v in , shdn = lo, txen = lo l 100 185 300 w v in overvoltage range v pca/b < 0.5v, r load = 400 w l 4.8 5.0 5.4 v bsel timing t 1 , setup time prior to txen asserted high 200 ns t 2 , hold time after txen is asserted low 200 ns note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: the ltc1757a-1 and ltc1757a-2 are guaranteed to meet performance specifications from 0 c to 70 c. specifications over the C 30 c to 85 c operating temperature range are assured by design, characterization and correlation with statistical process controls. note 3: slew rate is measured open loop. the slew time at v pca or v pcb is measured between 1v and 2v. note 4: maximum dac zero-scale offset voltage that can be applied to pctl. note 5: this is the time from txen rising edge 50% switch point to v pca/b = 1v. note 6: guaranteed by design. this parameter is not production tested. note 7: for v in voltages greater than 4.7v, v pca /v pcb are set low by the overvoltage shutdown. note 8: includes maximum dac offset voltage and maximum control voltage. note 9: bandwidth is calculated using the 10% to 90% rise time equation: bw = 0.35/rise time note 10: measured 1 m s after txen = hi. note 11: 50% switch point, shdn hi = v in , txen hi = v in . electrical characteristics
4 ltc1757a-1/ltc1757a-2 typical perfor a ce characteristics uw rf detector characteristics at 1800mhz rf input power (dbm) 10 pctl referenced detector output voltage (mv) 100 1000 10000 ?2 ?4 ?0 6 2 2 6 10 1 ?8 14 1757a g02 v in = 3v to 4.4v ?0 c 75 c 25 c v in (pin 1): input supply voltage, 2.7v to 6v. v in should be bypassed with 0.1 m f and 100pf ceramic capacitors. used as return for rf 185 w termination. rf (pin 2): rf feedback voltage from the directional coupler. referenced to v in . a coupling capacitor of 33pf must be used to connect to the ground referenced direc- tional coupler. the frequency range is 850mhz to 2000mhz. this pin has an internal 185 w termination, an internal schottky diode detector and peak detector capacitor. shdn (pin 3): shutdown input. a logic low on the shdn pin places the part in shutdown mode. a logic high places the part in autozero when txen is low. shdn has an inter- nal 150k pull-down resistor to ensure that the part is in shut- down when the drivers are in a three-state condition. bsel (pin 4): (ltc1757a-2 only) selects v pca when low and v pcb when high. this input has an internal 150k resistor to ground. gnd (pin 5/pin 4): system ground. pctl (pin 6/pin 5): analog input. the external power control dac drives this input. the amplifier servos the rf power until the rf detected signal equals the dac signal. the input resistance is typically 100k. txen (pin 7/pin 6): transmit enable input. a logic high enables the control amplifier. when txen is low and shdn is high the part is in the autozero mode. this input has an internal 150k resistor to ground. v pcb (pin 8): (ltc1757a-2 only) power control voltage output. this pin drives an external rf power amplifier power control pin. the maximum load capacitance is 100pf. the output is capable of rail-to-rail swings at low load currents. selected when bsel is high. v pca (pin 9/pin 7): power control voltage output. this pin drives an external rf power amplifier power control pin. the maximum load capacitance is 100pf. the output is capable of rail-to-rail swings at low load currents. selected when bsel is low (ltc1757a-2 only). v cc (pin 10/pin 8): rf power amplifier supply. this pin has an internal 0.050 w sense resistor between v in and v cc that senses the rf power amplifier supply current to detect overcurrent conditions. (ltc1757a-2/ltc1757a-1) rf detector characteristics at 900mhz uu u pi fu ctio s rf input power (dbm) 10 pctl referenced detector output voltage (mv) 100 1000 10000 24 ?2 16 ? ? 8 4 012 1 ?0 16 1757a g01 v in = 3v to 4.4v ?0 c 75 c 25 c
5 ltc1757a-1/ltc1757a-2 + rfdet + camp c c 50mv icl 1.2v 33k + + cs 42k 16.7k 33k 33k 110k 140k 1.2v 600mv 100 metal 42k v in 185 r sense 0.05 metal 68 600mv 22pf 33pf 6pf 54.5k 173k 12 100 tsdb txeni 100 1757a bd 12 150k 150k 150k operate shdn bsel pb pa offset trim gain trim overcurrent 60 a60 a rf 2 v cc 0.02 0.02 10 v in li-ion 1 v pca 9 v pcb 8 gnd 4 pctl 6 g m rf pa 900mhz az g m vpc ovp g m v in adj autozero txenb pa pb + + mux control txen 7 3 shdn bg1 1.2v bandgap tsdb bg1 thermal shutdown rf pa diplexer 1.8ghz 50 5 xmt autozero 400 a (ltc1757a-2) block diagra w
6 ltc1757a-1/ltc1757a-2 operation the ltc1757a-2 dual band rf power control amplifier integrates several functions to provide rf power control over two frequencies ranging from 850mhz to 2ghz. the device also prevents damage to the rf power amplifier due to overvoltage or overcurrent conditions. these func- tions include an internally compensated power control amplifier to control the rf output power, an autozero section to cancel internal and external voltage offsets, a sense amplifier with an internal sense resistor to limit the maximum rf power amplifier current, an rf schottky diode peak detector and amplifier to convert the rf feed- back signal to dc, a v pca/b overvoltage clamp, a v in overvoltage detector, a bandgap reference, a thermal shutdown circuit and a multiplexer to switch the control amplifier output to either v pca or v pcb . band selection the ltc1757a-2 is designed for dual band operation. the bsel pin will select output v pca when low and output v pcb when high. for example, v pca could be used to drive a 900mhz channel and v pcb a 1.8ghz/1.9ghz channel. bsel must be established before the part is enabled. the ltc1757a-1 can be used to drive a single rf channel or dual channel module with integral multiplexer. control amplifier the control amplifier supplies the power control voltage to the rf power amplifier. a portion (typically C 19db for low frequencies and C14db for high frequencies) of the rf output signal is sampled, via a directional coupler, to close the gain control loop. when a dac signal is applied to pctl, the amplifier quickly servos v pca or v pcb positive until the detected feedback voltage applied to the rf pin matches the voltage at pctl. this feedback loop provides accurate rf power control. v pca or v pcb are capable of driving a 5.5ma load current and 100pf load capacitor. rf detector the internal rf schottky diode peak detector and ampli- fier converts the rf feedback voltage from the directional coupler to a low frequency voltage . this voltage is com- pared to the dac voltage at the pctl pin by the control amplifier to close the rf power control loop. the rf pin input resistance is typically 185 w and the frequency range of this pin is 850mhz to 2000mhz. the detector demonstrates excel lent efficiency and linearity over a wide range of input power. the schottky detector is biased at about 60 m a and drives an on-chip peak detector capaci- tor of 22pf. autozero an autozero system is included to improve power pro- gramming accuracy over temperature. this section can- cels internal offsets associated with the schottky diode detector and control amplifier. external offsets associated with the dac driving the pctl pin are also cancelled. offset drift due to temperature is cancelled between each burst by the autozero system. the maximum offset al- lowed at the dac output is limited to 400mv. autozeroing is performed when the part is in autozero mode (shdn = high, txen = low). when the part is enabled (txen = high, shdn = high) the autozero capacitors are held and the v pca or v pcb pin is connected to the control amplifier output. the hold droop voltage of typically 10 m v/ms provides for accurate offset cancellation over the 1/8 duty cycle associated with the gsm protocol as well as multislot protocals. the part must be in the autozero mode for at least 50 m s for autozero to settle to the correct value. protection features the rf power amplifier is overcurrent protected by an internal sense amplifier. the sense amplifier measures the voltage across an internal 0.050 w resistor to determine the rf power amplifier current. v pca or v pcb is lowered as this supply current exceeds 2.2a, thereby regulating the current to about 2.25a. the regulated current limit is temperature compensated. the 0.050 w resistor and the current limit feature can be removed by connecting the pa directly to v in . the rf power amplifier control voltage pins are overvolt- age protected. the v pc overvoltage clamp regulates v pca or v pcb to 2.85v when the gain and pctl input combina- tion attempts to exceed this voltage. the rf power amplifier is protected against excessive input supply voltages. the v in overvoltage detector starts applicatio s i for atio wu uu
7 ltc1757a-1/ltc1757a-2 the feedback voltage from the directional coupler and the output power will be detected by the ltc1757a-2 at the rf pin. the loop closes and the amplifier output tracks the dac voltage ramping at pctl. the rf power output will then follow the programmed power profile from the dac. mode shdn txen operation shutdown low low disabled autozero high low autozero enable high high power control ltc1757a-1 description the ltc1757a-1 is identical in performance to the ltc1757a-2 except that only one control output (v pca ) is available. the ltc1757a-1 can drive a single rf channel in the 850mhz to 2ghz range or a dual rf channel module with an internal multiplexer. several manufacturers offer dual rf channel modules with an internal multiplexer. general layout considerations the ltc1757a-1/ltc1757a-2 should be placed near the directional coupler. the feedback signal line to the rf pin should be a 50 w transmission line with a 68 w termination. if short-circuit protection is used, bypass capacitors are required at v cc . to reduce v pca or v pcb when v in exceeds 5v. v pca or v pcb will be reduced to 0v as v in continues to increase by about 200mv. this gain control voltage reduction lowers the rf output power eventually reducing it to zero. the internal thermal shutdown circuit will disable the ltc1757a-2 if the junction temperature exceeds approxi- mately 150 c. the part will be enabled when the tempera- ture falls below 140 c. modes of operation the ltc1757a-2 supports three operating modes: shut- down, autozero and enable. in shutdown mode (shdn = low) the part is disabled and supply currents will be reduced to <1 m a. v pca and v pcb will be connected to ground via 100 w switches. in autozero mode (shdn = high, txen = low) v pca and v pcb will remain connected to ground and the part will be in the autozero mode. the part must remain in autozero for at least 50 m s to allow for the autozero circuit to settle. in enable mode (shdn = high, txen = high) the control loop and protection functions will be operational. when txen is switched high, acquisition will begin. the control amplifier will start to ramp the control voltage to the rf power amplifier. the rf amplifier will then start to turn on. shdn bsel txen t s : autozero settling time, 50 s minimum t 1 : bsel change prior to txen, 200ns typical t 2 : bsel change after txen, 200ns typical note 1: the external dac driving the pctl pin can be enabled during autozero. the autozero system will cancel the dac transient. the dac must be settled to an offset 400mv before txen is asserted high. pctl start voltage v pca v pcb shutdown autozero t 1 t s enable note 1 1757a td start voltage t 2 ltc1757a-2 timing diagram applicatio s i for atio wu uu
8 ltc1757a-1/ltc1757a-2 external termination the ltc1757a has an internal 185 w termination resistor at the rf pin. if a directional coupler is used, it is recommended that an external 68 w termination resistor be connected between the rf coupling capacitor (33pf), and ground at the side connected to the directional coupler. if the termination is placed at the ltc1757a rf pin, then the 68 w resistor must be connected to v in since the detector is referenced to v in . termination compo- nents should be placed adjacent to the ltc1757a. power ramp profiles the external voltage gain associated with the rf channel can vary significantly between rf power amplifier types. the ltc1757a frequency compensation has been opti- mized to be stable with several different power amplifiers and manufacturers. this frequency compensation gener- ally defines the loop dynamics that impact the power/time response and possibly (slow loops) the power ramp sidebands. the ltc1757a operates open loop until an rf voltage appears at the rf pin, at which time the loop applicatio s i for atio wu uu closes and the output power follows the dac profile. the rf power amplifier will require a certain control voltage level (threshold) before an rf output signal is produced. the ltc1757a v pca/b outputs must quickly rise to this threshold voltage in order to meet the power/time profile. to reduce this time, the ltc1757a starts at 550mv. however, at very low power levels the pctl input signal is small, and the v pca/b outputs may take several microsec- onds to reach the rf power amplifier threshold voltage. to reduce this time, it may be necessary to apply a positive pulse at the start of the ramp to quickly bring the v pca/b outputs to the threshold voltage. this can generally be achieved with dac programming. the magnitude of the pulse is dependent on the rf amplifier characteristics. power ramp sidebands and power/time are also a factor when ramping to zero power. for rf amplifiers requiring high control voltages, it may be necessary to further adjust the dac ramp profile. when the power is ramped down the loop will eventually open at power levels below the ltc1757a detector threshold. the ltc1757a will then go open loop and the output voltage at v pca or v pcb will stop start code 100mv 10 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 txen 50 s minimum, allows time for dac and autozero to settle shdn 0 543 553 561 571 1757a f01 28 ?8 ?0 0 time ( s) rfout (dbc) dac voltage start pulse zero code figure 1. ltc1757a ramp timing
9 ltc1757a-1/ltc1757a-2 applicatio s i for atio wu uu falling. if this voltage is high enough to produce rf output power, the power/time or power ramp sidebands may not meet specification. this problem can be avoided by start- ing the dac ramp from 100mv (figure 1). at the end of the cycle, the dac can be ramped down to 0mv. this applies a negative signal to the ltc1757a thereby ensuring that the v pca/b outputs will ramp to 0v. the 100mv ramp step must be applied at least 4 m s before txen is asserted high to allow for the auto zero to cancel the step. slow dac rise times due to filtering will extend this time by the additional rc time constants. another factor that affects power ramp sidebands is the dac signal to pctl. the bandwidth of the ltc1757a is not low enough to adequately filter out steps associated with the dac. if the baseband chip does not have an internal filter, it is recommended that a 2-stage external filter be placed between the dac output and the pctl pin. resistor values should be kept below 2k since the pctl input resistance is 100k. a typical filter scheme is shown in figure 2. dac 1k 330pf 330pf 1k 1757a f02 ptcl ltc1757a figure 2 increased due to losses after the coupler, the increased power levels must not result in excessive rf voltages at the rf pin. if 2db is lost after the directional coupler, then the directional coupler loss should be increased by 2db. for example, if the maximum output requirement is 30dbm, but 32dbm is required at the directional coupler, then the coupler loss should be at least 16db. excessive coupler loss will degrade low power performance due to lower schottky detector efficiencies. if the directional coupler loss cannot be easily adjusted a resistor network can be used as shown in figure 3. rf input voltage levels the ltc1757a detects peak rf voltage levels. the maxi- mum peak rf voltage level is 2v corresponding to 16dbm in a 50 w system. the rf signal is normally supplied via a directional coupler. the directional coupler loss for the low band is typically 19db and for the high band 14db. the high band generally requires a 5db lower minimum power level and to keep the minimum rf detector voltage levels similar between both bands, the directional coupler loss is adjusted accordingly. the maximum rf input voltage or power restriction must be considered when determining coupler loss require- ments. if the rf power at the directional coupler is directional coupler 3db attenuator place near ltc1757a band 1 band 2 1757a f03 50 r1 180 r2 30 rf 33pf ltc1757a r3 180 figure 3 demo board the ltc1757a has a demo board available upon request. the demo board has a 900mhz and an 1800mhz rf channel controlled by the ltc1757a. timing signals for txen are generated on the board using a 13mhz crystal reference. the pctl power control pin is driven by a 10-bit dac and the dac profile can be loaded via a serial port. the serial port data is stored in a flash memory, which is capable of storing eight ramp profiles. the board is supplied preloaded with four gsm power profiles and four dcs power profiles covering the entire power range. external timing signals can be used in place of the internal crystal controlled timing. a variety of rf power amplifier channels are available. ltc1757a control loop stability the ltc1757a provides a stable control loop for several rf power amplifier models from different manufacturers over a wide range of frequencies, output power levels and v swr conditions. however, there are several factors that can improve or degrade loop frequency stability.
10 ltc1757a-1/ltc1757a-2 applicatio s i for atio wu uu 1) the additional voltage gain supplied by the rf power amplifier increases the loop gain raising poles normally below the 0db axis. the extra voltage gain can vary significantly over input/output power ranges, frequency, power supply, temperature and manufacturer. rf power amplifier gain control transfer functions are often not available and must be generated by the user. loop oscil- lations are most likely to occur in the midpower range where the external voltage gain associated with the rf power amplifier typically peaks. it is useful to measure the oscillation or ringing frequency to determine whether it corresponds to the expected loop bandwidth and thus is due to high gain bandwidth. 2) loop voltage losses supplied by the directional coupler will improve phase margin. the larger the directional coupler loss the more stable the loop will become. how- ever, larger losses reduce the rf signal to the ltc1757a and detector performance may be degraded at low power levels. (see rf detector characteristics.) 3) additional poles within the loop due to filtering or the turn-on response of the rf power amplifier can degrade the phase margin if these pole frequencies are near the effective loop bandwidth frequency. generally loops using rf power amplifiers with fast turn-on times have more phase margin. extra filtering below 16mhz should never be placed within the control loop, as this will only degrade phase margin. 4) control loop instability can also be due to open loop issues. rf power amplifiers should first be characterized in an open loop configuration to ensure self oscillation is not present. self-oscillation is often related to poor power supply decoupling, ground loops, coupling due to poor layout and extreme v swr conditions. the oscillation fre- quency is generally in the 100khz to 10mhz range. power supply related oscillation suppression requires large value ceramic decoupling capacitors placed close to the rf power amp supply pins. the range of decoupling capacitor values is typically 1nf to 3.3 m f. 5) poor layout techniques associated with the directional coupler area may result in high frequency signals bypass- ing the coupler. this could result in stability problems due to the reduction in the coupler loss. determining external loop voltage gain and bandwidth the external loop voltage gain contributed by the rf chan- nel and directional coupler network should be measured in a closed loop configuration. a voltage step is applied to pctl and the change in v pca (or v pcb ) is measured. the detected voltage is 0.85 ? pctl and the external voltage gain contributed by the rf power amplifier and directional coupler network is 0.85 ? d v pctl / d v vpca . measuring volt- age gain in the closed loop configuration accounts for the nonlinear detector gain that is dependent on rf input voltage and frequency as well as rf channel gain peaking. the ltc1757a unity gain bandwidth specified in the data sheet assumes that the net voltage gain contributed by the rf power amplifier and directional coupler is unity. the bandwidth is calculated by measuring the rise time be- tween 10% and 90% of the voltage change at v pca or v pcb for a small step in voltage applied to pctl. bw1 = 0.35/rise time the ltc1757a control amplifier unity gain bandwidth (bw1) is typically 400khz. the phase margin of the control amplifier is typically 86 . for example to determine the external rf channel loop voltage gain with the loop closed, apply a 100mv step to pctl from 300mv to 400mv. v pca (or v pcb ) will increase to supply enough feedback voltage to the rf pin to cancel this 100mv step which would be the required detected voltage of 85mv. v pca changed from 1.498v to 1.540v to create the rf output power change required. the net external voltage gain contributed by the rf power ampli- fier and directional coupler network can be calculated by dividing the 85mv change at the rf pin by the 42mv change at the v pca pin. the net external voltage gain would then be approximately 2. the loop bandwidth extends to 2 ? bw1. if bw1 is 400khz, the loop bandwidth increases to approximately 800khz. the phase margin can be deter- mined from figure 4. repeat the above voltage gain measurement over the full power and frequency range.
11 ltc1757a-1/ltc1757a-2 external pole frequencies within the loop may further reduce phase margin. the phase margin degradation, due to external and internal pole combinations, is difficult to determine since complex poles are present. gain peaking may occur, resulting in higher bandwidth and lower phase margin than predicted from the open loop bode plot. a low frequency ac spice model of the ltc1757a power applicatio s i for atio wu uu controller is included to better determine pole and zero interactions. the user can apply external gains and poles to determine bandwidth and phase margin. dc, transient and rf information cannot be extracted from the present model. the model is suitable for external gain evaluations up to 6 . the 1.25mhz pctl input filter limits the band- width, therefore, the rf input is used in the model. figure 5. closed loop block diagram figure 6. spice model open loop gain and phase characteristics from rf to v pca figure 7. spice model closed loop voltage gain frequency (hz) 100 ?0 voltage gain (db) phase (deg) ?0 0 20 10 40 30 1k 10k 100k 1m 10m 1757a f04 ?0 ?0 ?0 ?0 60 50 80 70 ?0 0 20 60 40 100 80 ?0 ?0 ?0 ?00 140 120 180 160 phase gain r load = 2k c load = 33pf figure 4. measured open loop gain and phase g1 pctl i fb g2 h1 rf 1757a f05 h2 v pca/b ltc1757a rf detector control amplifer bw1 @ 400khz rf power amp controlled rf output power directional coupler 14db to 20db loss + frequency (hz) 0 ?0 voltage gain (db) 40 80 20 60 100 1k 10k 100k 1m 10m 1757a f06 ?0 phase (deg) ?00 ?0 0 50 100 150 200 phase gain c load = 33pf r load = 2k frequency (hz) v pca closed loop voltage gain (db) 100 1k 10k 100k 1m 10m 1757a f07 ?5 ?0 ?5 ?0 ? 0 5 external gain = 3 c load = 33pf r load = 2k bandwidth = 1.35mhz
12 ltc1757a-1/ltc1757a-2 applicatio s i for atio wu uu *ltc1757a low frequency ac spice model* gin1 nd2 0 nd1 ifb 59e-6 gx3 nd6 0 0 nd4 1e-6 gx4 nd7 0 0 nd6 1e-6 gx1 nd3 0 0 nd2 1e-6 gx2 nd4 0 0 nd3 1e-6 gx5 nd10 0 0 nd9 1e-6 gx8 nd14 0 0 nd12 1e-6 gx7 nd12 0 0 nd11 1e-6 gx6 nd11 0 0 nd10 1e-6 gxfb ifb 0 0 nd14 23.53e-6 ex1 nd8 0 0 nd7 1 rpctl2 nd1 0 33.75e3 ro1 nd2 0 85e6 rx3 nd6 0 1e6 rx4 nd7 0 1e6 rpctl1 pctl nd1 67.5e3 rx1 nd3 0 1e6 rx2 nd4 nd5 1e6 rsd rf nd9 500 rx5 nd10 0 1e6 rt rf 0 200 rx8 nd14 0 1e6 rx7 nd12 nd13 1e6 rx6 nd11 0 1e6 r9 nd8 nd8a 100 r9a nd8a vpca 20 rload vpca 0 2e3 rfb1 ifb 0 16.75e3 cpctl1 nd1 0 5.8e-12 cx3 nd6 0 1.2e-15 cx4 nd7 0 3.6e-15 cc1 nd2 0 10e-12 cx1 nd3 0 1.4e-15 cx5 nd10 0 10e-15 cx6 nd11 0 1.2e-15 cload vpca 0 33e-12 clint nd8a 0 37e-12 clinta vpca 0 18e-12 cfb1 ifb 0 1e-12 cp nd9 0 22e-12 lx2 nd5 0 17e-3 lx7 nd13 0 7e-3 **closed loop connections, comment-out vpctlo, vrf, adjust efb gain to reflect external gain, currently set at 3x** *efb rf 0 vpca vin 3 *vin vin 0 dc 0 ac 1 *vpctlo pctl 0 dc 0 **open loop connections, comment-out efb, vin and vpctlo** vpctlo pctl 0 dc 0 vrf rf 0 dc 0 ac 1 **add ac statement and print statement as required** .ac dec 50 100 1e7 .end figure 8. ltc1757a low frequency ac spice model
13 ltc1757a-1/ltc1757a-2 applicatio s i for atio wu uu this model (figure 8) is being supplied to ltc users as an aid to circuit designs. while the model reflects reasonably close similarity to corresponding devices in low frequency ac performance terms, its use is not suggested as a replacement for breadboarding. simulation should be used as a forerunner or a supplement to traditional lab testing. users should note very carefully the following factors regarding this model: model performance in general will reflect typical baseline specs for a given device, and certain aspects of performance may not be modeled fully. while reasonable care has been taken in the preparation, we cannot be responsible for correct application on any and all computer systems. model users are hereby notified that these models are supplied as is, with no direct or implied responsibility on the part of ltc for their operation within a customer circuit or system. further, linear tech- nology corporation reserves the right to change these models without prior notice. in all cases, the current data sheet information is your final design guideline, and is the only performance guarantee. for further technical information, refer to individual device data sheets. your feedback and suggestions on this model is appreciated. linear technology corporation hereby grants the users of this model a nonexclusive, nontransferable license to use this model under the following conditions: the user agrees that this model is licensed from linear technology and agrees that the model may be used, loaned, given away or included in other model libraries as long as this notice and the model in its entirety and unchanged is included. no right to make derivative works or modifications to the model is granted hereby. all such rights are reserved. this model is provided as is. linear technology makes no warranty, either expressed or implied about the suitability or fitness of this model for any particular purpose. in no event will linear technology be liable for special, collat- eral, incidental or consequential damages in connection with or arising out of the use of this model. it should be remembered that models are a simplification of the actual circuit.
14 ltc1757a-1/ltc1757a-2 applicatio s i for atio wu uu ro1 85e6 nd2 nd1 gin1 59e-6 i fb gx1 1e-6 gx2 1e-6 gxfb 9.5mhz pole 23.53e-6 gx3 1e-6 gx4 1e-6 355hz pole c c1 10e-12 r pctl2 33.75e3 r pctl1 67.5e3 r x1 1e6 nd3 114mhz pole c x1 1.4e-15 r x2 1e6 l x2 17e-3 nd4 nd5 9mhz zero r x3 1e6 nd6 nd8 nd8a ex1 130mhz pole c x3 1.2e-15 r x4 1e6 r9 100 r load 2e3 nd7 44mhz pole c x4 3.6e-15 + + + r x5 1e6 nd10 nd9 16mhz pole 14.5mhz pole c x5 10e-15 + r sd 500 r t 200 c p 22e-12 r x6 1e6 nd11 130mhz pole c x6 1.2e-15 + nd12 23mhz zero + r x8 1e6 nd14 + 1757a f09 + + c load 33e-12 + + r9a 20 c lint 37e-12 c linta 18e-12 r fb1 16.75e3 c fb1 1e-12 r x7 1e6 l x7 7e-3 nd13 gm gm gm gm gm vamp gm gx5 1e-6 gm gx6 1e-6 gm gx7 1e-6 gm gx8 1e-6 gm pctl rf v pca c pctl1 5.8e-12 figure 9. ltc1757a low frequency ac model
15 ltc1757a-1/ltc1757a-2 dimensions in inches (millimeters) unless otherwise noted. ms8 package 8-lead plastic msop (ltc dwg # 05-08-1660) msop (ms8) 1098 * dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.006" (0.152mm) per side ** dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.006" (0.152mm) per side 0.021 0.006 (0.53 0.015) 0 ?6 typ seating plane 0.007 (0.18) 0.040 0.006 (1.02 0.15) 0.012 (0.30) ref 0.006 0.004 (0.15 0.102) 0.034 0.004 (0.86 0.102) 0.0256 (0.65) bsc 12 3 4 0.193 0.006 (4.90 0.15) 8 7 6 5 0.118 0.004* (3.00 0.102) 0.118 0.004** (3.00 0.102) u package descriptio ms10 package 10-lead plastic msop (ltc dwg # 05-08-1661) * dimension does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.006" (0.152mm) per side ** dimension does not include interlead flash or protrusions. interlead flash or protrusions shall not exceed 0.006" (0.152mm) per side 0.021 0.006 (0.53 0.015) 0 ?6 typ seating plane 0.007 (0.18) 0.040 0.006 (1.02 0.15) 0.009 (0.228) ref 0.006 0.004 (0.15 0.102) 0.034 0.004 (0.86 0.102) 0.0197 (0.50) bsc msop (ms10) 1098 12 3 45 0.193 0.006 (4.90 0.15) 8 9 10 7 6 0.118 0.004* (3.00 0.102) 0.118 0.004** (3.00 0.102) information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
16 ltc1757a-1/ltc1757a-2 ? linear technology corporation 2000 1757af lt/tp 1000 4k ? printed in the usa part number description comments ltc1261 regulated inductorless voltage inverter regulated C5v from 3v, reg pin indicates regulation, up to 15ma, micropower ltc1550/ltc1551 low noise inductorless voltage inverter regulated output, <1mv p-p ripple, 900khz ltc1555l-1.8 sim card power supply and buck/boost charge pump generates 1.8v, 3v or 5v; 30 m a quiescent current; level translator 2.6v v in 6v ltc1682 doubler charge pump with low noise 1.8v v in 4.4v; low noise 60 m v rms (100khz bw); linear regulator ideal for backlighting ltc1731 li-ion linear battery charger small, thin 8-pin msop, trickle charge, eoc indicator, 1% accuracy ltc3200/ltc3200-5 low noise, regulated charge pump 2mhz constant frequency, i out = 100ma, 2.7v v in 4.5v, sot-23 and msop packages related parts v in rf shdn gnd 8 7 6 5 1 2 3 4 v cc v pca txen pctl ltc1757a-1 33pf v in li-ion shdn rf in dac rf pa 50 1757a ta02 directional coupler txen 68 single band cellular telephone transmitter typical applicatio u using the ltc1757a-1 in a dual band cellular telephone transmitter without current limiting v in rf shdn gnd 8 7 6 5 1 2 3 4 v cc v pca txen pctl ltc1757a-1 rf power module with mux 33pf 900mhz 1800mhz v in li-ion shdn dac 1757a ta03 directional coupler diplexer txen 68 50 v cc pwrctrl bandselect rfout1 900mhz rfout2 1800mhz rf1 in rf2 in linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear-tech.com


▲Up To Search▲   

 
Price & Availability of LTC1757A-1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X