Part Number Hot Search : 
2SB1545 75002 2SC25 M12864 E000521 HV6008DJ SDA132A 6942688
Product Description
Full Text Search
 

To Download KT5G-2N2311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet KT5G-2N2311 kt5 contrast sensors relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
KT5G-2N2311 | kt5 contrast sensors ordering information type part no. KT5G-2N2311 1015992 other models and accessories www.sick.com/kt5 detailed technical data features dimensions (w?x h?x d) 30.4?mm?x 53?mm?x 80?mm sensing distance 40?mm? 1) sensing distance tolerance ?3?mm housing design (light emission) rectangular light source led, green? 2) wave length 520?nm light emission long and short side of housing, exchangeable light spot size 1.1?mm?x 4.2?mm light spot direction horizontal? 3) adjustment potentiometer output function light/dark switching 1) ?from front edge of lens. 2) ?average service life: 100,000?h at t u ?= +25?c. 3) ?in relation?to long side of housing. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc? 1) ripple ?5?v pp ? 2) power consumption KT5G-2N2311 | kt5 contrast sensors response time 50?s? 5) switching output npn switching output (voltage) npn: high?= approx.?v s ?/ low 2?v switching output light/dark switching output current i max. 100?ma? 6) connection type male connector m12, 4-pin protection class ii? 7) circuit protection u v connections, reverse polarity protected output q short-circuit protected interference pulse suppression enclosure rating ip67 weight 400?g housing material zinc diecast 1) ?limit values when operated in short-circuit protected network: max. 8?a. 2) ?may not exceed or fall below u v tolerances. 3) ?without load. 4) ?with light/dark ratio 1:1. 5) ?signal transit time with resistive load. 6) ?short-circuit protected. 7) ?reference voltage dc 50?v. ambient data ambient operating temperature C10?c?... +55?c ambient storage temperature C25?c?... +75?c shock load according to iec?60068 ul file no. nrkh.e181493 & nrkh7.e181493 classifications ecl@ss 5.0 27270906 ecl@ss 5.1.4 27270906 ecl@ss 6.0 27270906 ecl@ss 6.2 27270906 ecl@ss 7.0 27270906 ecl@ss 8.0 27270906 ecl@ss 8.1 27270906 ecl@ss 9.0 27270906 etim 5.0 ec001820 etim 6.0 ec001820 unspsc 16.0901 39121528 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 3 relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
KT5G-2N2311 | kt5 contrast sensors dimensional drawing (dimensions in mm (inch)) kt5-2 potentiometer ??lens (light transmission), can be exchanged for pos. 4 ??m5 threaded mounting hole, 5.5?mm deep ??see dimensional drawings of lenses ??blind screw can be replaced by pos. 1 ??connector m12 (rotatable up to 90) adjustments kt5-2 potentiometer ??function signal indicator (yellow) ??pre-selection switch (light/dark switching) ??switching threshold adjustment ??installation aid (green) 4 registration sensors | sick online data sheet | 2018-07-08 09:57:24 subject to change without notice relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
KT5G-2N2311 | kt5 contrast sensors connection diagram cd-327 concept of operation kt5-2 potentiometer 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 5 relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
KT5G-2N2311 | kt5 contrast sensors characteristic curve kt5-2 teach-in, kt5g, kt5w, kt5-2 display ??sensing distance 10?mm ??sensing distance 20?mm ??sensing distance 40?mm recommended accessories other models and accessories www.sick.com/kt5 brief description type part no. universal bar clamp systems plate g for universal clamp bracket, steel, zinc coated, universal clamp (2022726), mounting hardware bef-khs-g01 2022464 plate k for universal clamp bracket, steel, zinc coated, universal clamp (2022726), mounting hardware bef-khs-k01 2022718 universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard- ware bef-khs-kh1 2022726 mounting bar, straight, 200?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-a 4056054 mounting bar, straight, 300?mm, steel, steel, zinc coated, without mounting hardware bef-ms12g-b 4056055 mounting bar, l-shaped, 150?mm?x 150?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-a 4056052 mounting bar, l-shaped, 250?x 250?mm, steel, steel, zinc coated, without mounting hardware bef-ms12l-b 4056053 6 registration sensors | sick online data sheet | 2018-07-08 09:57:24 subject to change without notice relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
KT5G-2N2311 | kt5 contrast sensors brief description type part no. plug connectors and cables head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yf2a14-020vb3xleax 2096234 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yf2a14-050vb3xleax 2096235 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 10?m yf2a14-100vb3xleax 2096236 head a: female connector, m12, 4-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 15?m yf2a14-150vb3xleax 2096237 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yg2a14-020vb3xleax 2095895 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yg2a14-050vb3xleax 2095897 head a: female connector, m12, 4-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 10?m yg2a14-100vb3xleax 2095898 head a: female connector, m12, 4-pin, straight head b: - cable: unshielded dos-1204-g 6007302 head a: female connector, m12, 4-pin, angled head b: - cable: unshielded dos-1204-w 6007303 lenses and accessories lens, 40?mm sensing distance, m20?x 0.75 obj-210 2010945 lens, 10?mm sensing distance, m20?x 0.75 obj-211 1004936 lens, 20?mm sensing distance, m20?x 0.75 obj-212 1011506 2018-07-08 09:57:24 | online data sheet subject to change without notice registration sensors | sick 7 relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t
relative sensitivity in % 10 (0.39) 0 20 (0.79) 30 (1.18) 40 (1.57) 50 (1.97) 30 50 70 90 100 80 60 40 20 10 sensing distance in mm (inch) 1 2 3 1. select switching function (light/dark) 2. position mark 3. position background turn potentiometer in the direction shown (green led illuminates) until the yellow led status changes and the green led opposite illuminates. turn the rotary switch to the desired position. = light switching = dark switching gradually turn back the potentio-meter (count the number of turns) until the yellow led changes status again and illuminates. internal signal received dark switching light switching output q output q switchingthreshold switching threshold internal signal received turn the potentiometer forward again by half the number of turns to ensure that the switching threshold is optimally set. switching characteristics the switching threshold is set in the center between the background and the mark. example +(l+)q -(m) q a optional 14 3 2 bn bk bu wh 1 24 3 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 9 (0.35) 28 (1.10) 56 (2.20) 21 (0.83) 30.4 (1.20) m5 m5 17 (0.67) 13 (0.51) 4.4 (0.17) 28 (1.10) 52 (2.05) 80 (3.15) 25 (0.98) 40 (1.57) 53 (2.09) 3 (0.12) 5 2 4 3 2 1 3.5 (0.14) ? 25.5 (1.00) sensing distance 10 mm (0.39 inch) sensing distance 40 mm (1.57 inch) ? 26 (1.02) 17.4 (0.69) 4.5 (0.18) ? 25.6 (1.00) sensing distance 20 mm (0.79 inch) a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of KT5G-2N2311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X