Part Number Hot Search : 
AN1192 80000 21214 50009 NCP1083 MUR1630 MT2506 AN1943
Product Description
Full Text Search
 

To Download KSD1616A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package.  ksb1116(a) complementary pair with ksb1116(a) ???,?? audio frequency power amplifie r, medium speed switching. pin1 base pin 2 collector pin 3 emitter ?? / hfe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol y g l h fe range 135~270 200~400 300~600 1 2 3
ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo ksd1616 60 v KSD1616A 120 collector to emitter voltage v ceo ksd1616 50 v KSD1616A 60 emitter to base voltage v ebo 6.0 v collector current - continuous i c 1.0 a collector current ? continuous(pulse) i cp 2.0 a collector power dissipation p c 750 mw junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector cut-off current i cbo v cb =60v i e =0 0.1 a emitter cut-off current i ebo v eb =6.0v i c =0 0.1 a dc current gain h fe(1) ksd1616 v ce =2.0v i c =100ma 135 600 KSD1616A 135 400 h fe(2) v ce =2.0v i c =1.0a 81 collector to emitter saturation voltage v ce(sat) i c =1.0a i b =50ma 0.15 0.3 v base to emitter saturation v oltage v be(sat) i c =1.0a i b =50ma 0.9 1.2 v base to emitter on voltage v be(on) v ce =2.0v i c =50ma 600 640 700 mv transition frequency f t v ce =2.0v i c =100ma 100 160 mhz collector output capacitance c ob v cb =10v i e =0 f=1.0mhz 19 pf turn-on time t on v cc =10v i c =100ma 0.07 s storage time t stg i b1 =-i b2 =10ma 0.95 s turn-off time t off v be(off) =-2v~-3v 0.07 s ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? d1616a ??? y:? h fe ? ****  ???? note: br: company code. d1616a: product type. y:    h fe classifications symbol ****: lot no. code,code change with lot no. br **** d1616a y
ksd1616(a) rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of KSD1616A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X