Part Number Hot Search : 
TKD28A SB5045 CM110 TKD13A 2M36Z 2M36Z OMH3040B CSND691
Product Description
Full Text Search
 

To Download KBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  glass passivated die construction  high case dielectric strength of 1500v rms  low reverse leakage current  surge overload rating to 170a peak  ideal for printed circuit board applications  plastic material - ul flammability classification 94v-0 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified KBJ10005 - kbj1010 10a glass passivated bridge rectifier  case: molded plastic  terminals: plated leads, solderable per mil-std-202, method 208  polarity: molded on body  mounting: through hole for #6 screw  mounting torque: 5.0 in-lbs maximum  weight: 6.6 grams (approx.)  marking: type number mechanical data kbj6 dim min max a 29.70 30.30 b 19.70 20.30 c 17.00 18.00 d 3.80 4.20 e 7.30 7.70 g 9.80 10.20 h 2.00 2.40 i 0.90 1.10 j 2.30 2.70 k 3.0 x 45 l 4.40 4.80 m 3.40 3.80 n 3.10 3.40 p 2.50 2.90 r 0.60 0.80 s 10.80 11.20 all dimensions in mm _ b c d ee g h j i l m n p r s a characteristic symbol kbj 10005 kbj 1001 kbj 1002 kbj 1004 kbj 1006 kbj 1008 kbj 1010 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average forward rectified output current @ t c = 110c i o 10 a non-repetitive peak forward surge current, 8.3 ms single half-sine-wave superimposed on rated load (jedec method) i fsm 170 a forward voltage per element @ i f = 5.0a v fm 1.05 v peak reverse current @t c = 25c at rated dc blocking voltage @ t c = 125c i r 10 500 a i 2 t rating for fusing (t < 8.3ms) (note 1) i 2 t 120 a 2 s typical junction capacitance per element (note 2) c j 55 pf typical thermal resistance, junction to case (note 3) r jc 1.4 c/w operating and storage temperature range t j ,t stg -65 to +150 c notes: 1. non-repetitive, for t > 1.0ms and < 8.3ms. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 3. thermal resistance from junction to case per element. unit mounted on 150 x 150 x 1.6mm copper plate heat sink. z ibo seno electronic engineering co., ltd. www.senocn.com KBJ10005 - kbj1010 1 of 2 lead free:: :for rohs / lead free version 


▲Up To Search▲   

 
Price & Availability of KBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X