Part Number Hot Search : 
TSC695F LM324 S1T8501 F45ITR A3024DL MC78LC TTE10 1326D
Product Description
Full Text Search
 

To Download KBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente KBJ10005 ~ kbj1010 voltage 50v ~ 1000v 10amp glass passivated bridge rectifiers 25-jun-2015 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  i o : 10a  v rrm : 50~1000v  glass passivated chip  high surge forward current capability applications  general purpose 1 phase bridge rectifier applications maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) part number parameter symbol kbj 10005 kbj 1001 kbj 1002 kbj 1004 kbj 1006 kbj 1008 kbj 1010 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v with heatsink t c =80c 10 average rectified output current @ 60hz sine wave, r-load without heatsink t a =25c i o 3.6 a surge (nonrepetitive) forward current @ 60h z sine wave, 1 cycle, t j =25c i fsm 150 a current squared time 1 i 2 t 93 a 2 s dielectric strength@ terminals to case ac 1 minute v dis 2 kv mounting torque@ recommend torque 5kg.cm tor 8 kg.cm peak forward voltage@ i fm =5a, pulse measurement, rating of per diode v fm 1.1 v peak reverse current@ v rm =v rrm , pulse measurement, rating of per diode i rrm 10 a without heatsink r ja 25 thermal resistance with heatsink r jc 2.3 c / w junction and storage temperature range t j ,t stg -55~+150 c notes 1. 1ms t<8.3ms t j =25c rating of per diode 4kbj millimeter millimeter ref. min. max. ref. min. max. a 24.7 25.3 j 0.6 0. 8 b 14.7 15.3 k 7.3 7.7 c 4.4 4.8 l 1.7 2.1 d 17.0 18.0 m 2.0 typ. e 3.0 x 45 n 1.05 1.45 f 3.1 3.4 p 3.3 3.8 g 4.0 q 9.5 10.1 h 3.2 3.4 r 3.1 3.4 i 0.9 1.1 s 3.4 3.8
elektronische bauelemente KBJ10005 ~ kbj1010 voltage 50v ~ 1000v 10amp glass passivated bridge rectifiers 25-jun-2015 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of KBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X