Part Number Hot Search : 
SMDH160 FBI4D7M1 2N5547 0402H UBA2030T 1N5388 102J0 1N415
Product Description
Full Text Search
 

To Download KBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KBJ10005 thru kbj1010 glass passivated single-phase bridge rectifier features glass passivated chip junction ideal for printed circuit board plastic material has underwriters laboratory flammability classification 94v-0 reliable low cost construction utilizing molded plastic technique mechanical data case: molded plastic, kbj epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std-202, method 208 guaranteed mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60h z , resistive or inductive load. for capacitive load, derate current by 20%. symbols KBJ10005 kbj1001 kbj1002 kbj1004 kbj1006 kbj1008 kbj1010 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current at t c =100 peak forward surge current, 8.3ms single half-sine-wave superimposed on rated load (jedec method) maximum forward voltage at 5.0a dc and 25 maximum reverse current at t a =25 at rated dc blocking voltage t a =125 typical junction capacitance (note 1) c j pf typical thermal resistance (note 2) r jc /w operating and storage temperature range t j tstg notes: 1- measured at 1 mh z and applied reverse voltage of 4.0 vdc. 2- thermal resistance from junction to case with device mounted on 75mm x 75mm x 1.6mmcu plate heatsink. uamp i r -55 to +150 5.0 500 100 3 1.0 i (av) v f 200 10.0 amp amp volts i fsm dimensions in inches and (millimeters) version:01 1 of 2 www.sddydz.com
ratings and characteristic curves KBJ10005 thru kbj1010 glass passivated single-phase bridge rectifier version:01 2 of 2 www.sddydz.com


▲Up To Search▲   

 
Price & Availability of KBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X