Part Number Hot Search : 
CMX990Q1 TPJRCUF B3164 AN493 EL5420CS GRM188 PC322 2SC4644
Product Description
Full Text Search
 

To Download KA7552A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 semiconductor components industries, llc. october-2017, rev. 2 public ation order number: ka7553a/d features ? built-in drive circuits for direct connection power mosfet (l o = 1.5a) ? wide operating frequency range (5khz ~ 600khz) ? pulse by pulse over current limiting ? over load protection ? on/off control by external trigger ? internal uvlo ? low standby current (typ. 90ua) ? soft start circuit description the KA7552A/ka7553a are switching power control ic for wide operating frequency range. the internal circuits include pulse by pulse current limiting, protection, on/off control by external trigger, low standby current, soft start, and high current totempole output for driving a power mosfet. maximum duty of the KA7552A is 70% and the ka7553a is 46%. when duty is maximum, the input threshold voltage of pin2 & pin8 are not same in KA7552A and ka7553a. 8-dip 1 internal block diagram 8 7 1 6 5 4 3 2 cs c t r t v cc output gnd is(+) fb 0.56 ~ 0.42v 10ua 7v pwm 2.4v 1.9v o.c.p 0.24v 4.3k off 3.6v 2.8v osc uvlo r s q bias (4v) + _ + - - - _ + + - + - KA7552A/ka7553a smps controller
KA7552A/ka7553a www.onsemi.com 2 absolute maximum ratings electrical characteristics (v cc = 18v, f osc = 135khz, t a = 25 c, unless otherwise specified) parameter symbol value unit supply voltage v cc 30 v output current i o 1.5 a input voltage at overcurrent detection pin v in(is) -0.3 to 4 v input voltage at fb pin v in(fb) 4v input current at cs pin i in(cs) 2m a total power dissipation (ta = 25 c) p d 800 mw operating temperature t opr -25 to 85 c storage temperature range t stg -65 to 150 c junction temperature t j +125 c parameter symbol conditions min. typ. max. unit oscillator section initial accuracy f osc c t = 360pf, t j = 25 c 125 135 145 khz frequency variation 1 ? f/ ? vv cc = 10v to 30v - 1 3% frequency variation 2 (note1) ? f/ ? vt a = 25 c to 85 c- 1.5 - % ramp high voltage v rh c t = 360pf, t j = 25 c 2.80 3.08 3.30 v ramp low voltage v rl c t = 360pf, t j = 25 c 0.6 0.9 1.2 v amplitude v osc v pin7 , peak to peak 1.80 2.18 2.50 v pulse width modulation section input threshold voltage(pin2) v th(fbd) duty cycle = 0% 0.6 0.75 0.95 v input threshold voltage(pin2) (note1) v th(fb1) (ka7552) duty cycle = dmax 1 2.1 2.3 2.6 v v th(fb2) (ka7553) duty cycle = dmax 2 1.6 1.8 2.1 v max. duty cycle d (max1) (ka7552) - 66 70 74 % d (max2) (ka7553) - 43 46 49 % source current(pin2) i source(fb) v pin2 = 0v -660 -800 -960 ua overcurrent limit section input threshold voltage v th(is) - 0.21 0.24 0.27 v source current(pin3) i source(is) v pin3 = 0v -300 -200 -100 ua deley time (note1) t d - - 150 - ns soft start section charging current i chg v pin8 = 0v -15 -10 -5 ua input threshold voltage(pin8) v th(cso) - 0.7 0.9 1.1 v input threshold voltage(pin8) (note1) v th(cs1) (ka7552) duty cycle = dmax 1 2.2 2.4 2.6 v v th(cs2) (ka7553) duty cycle = dmax 2 1.7 1.9 2.1 v latch mode shutdown circuit section sink current(pin8) i sink(cs) v pin8 = 6v, v pin2 = 1v 25 45 65 ua shutdown threshold voltage v th(sd,cs) - 6.7 7.2 7.7 v overload shutdown section shutdown threshold voltage v th(sd,fb) - 2.6 2.8 3.1 v
KA7552A/ka7553a electrical characteristics (continued) (v cc = 18v, f osc = 135khz, t a = 25 c, unless otherwise specified) note : 1. these parameters, although guaranteed, are not 100% tested in production. 2. recommend operating condition : - vcc(min) = 12v -r t = 3.3k ? ~ 10k ? - oscillation frequency = 5khz ~ 600khz - soft start capacitor(c s ) = 0.1uf ~ 1uf parameter symbol conditions min. typ. max. unit under voltage lockout section start-up threshold voltage v th(st) - 15.5 16.0 16.5 v minimum operating voltage v opr(min) - 8.20 8.70 9.20 v hysteresis v hys - 6.40 7.30 8.20 v on/off control section source current(pin8) i source(cs) v pin8 = 0v -15 -10 -5 ua on threshold voltage v th(on) v pin8 : off->on 0.45 0.56 0.70 v off threshold voltage v th(off) v pin8 : on -> off 0.30 0.42 0.55 v output section low output voltage v ol i o = 100ma, v cc = 18v - 1.3 1.8 v high output voltage v oh i o = -100ma, v cc = 18v 16.0 16.5 18.0 v rise time (note1) t r no load - 50 - ns fall time (note1) t f no load - 50 - ns overall stand-by current i sb v cc = 14v - 90 150 ua operating current i cc(opr) v pin2 = 0v - 9 15 ma power supply current off i cc(off) v pin8 = 0v - 1.1 1.8 ma power supply current shutdown i cc(sd) v pin8 = 7.6v - 1.1 1.8 ma www.onsemi.com 3
KA7552A/ka7553a mechanical dimensions package dimensions in millimeters 6.40 0.20 3.30 0.30 0.130 0.012 3.40 0.20 0.134 0.008 #1 #4 #5 #8 0.252 0.008 9.20 0.20 0.79 2.54 0.100 0.031 ( ) 0.46 0.10 0.018 0.004 0.060 0.004 1.524 0.10 0.362 0.008 9.60 0.378 max 5.08 0.200 0.33 0.013 7.62 0~15 0.300 max min 0.25 +0.10 ?.05 0.010 +0.004 ?.002 8-dip www.onsemi.com 4
KA7552A/ka7553a ordering information product number package operating temperature KA7552A 8-dip -25 ~ +85 c ka7553a www.onsemi.com 5
on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent ? marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does on semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800? 282? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81? 3 ? 5817? 1050 www.onsemi.com literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303? 675? 2175 or 800 ? 344? 3860 toll free usa/canada fax : 303? 675? 2176 or 800 ? 344? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative ? s emiconductor components industries, llc ?


▲Up To Search▲   

 
Price & Availability of KA7552A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X