Part Number Hot Search : 
C56M1 3CG5401 NJU7021D C56M1 114G1 SSP5N90A SC250B 29AL004D
Product Description
Full Text Search
 

To Download JH26240320BCNUMNFFCWC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jh26240320b ver: 1.0 - 0 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . module no. jh26240320b jewel hill electronic co.,ltd . specifications for lcd module e-mail: sales@jhlcd.com website: www.jhlcd.com
jh26240320b ver: 1.0 - 1 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . table of contents lcm number system 1.geberal descriptiong??????????????????... 2.general features?????????????????????. 3. absolute maximum ratings???????????????.. 4. electrical specifications????????????................ 5. optical specifications?????????????????? 6. block diagram??????????????????????.. 7. pin description?????????????.. ????????... 8. outline dimension????????????????????... 9. timing characteristics????????????????? 10. reliability and inspection standard?????????.. 11. inspection criterion??????????????????.. 12. package information??????????????????. 13. rohs compliant warranty???????????????.. 14. precautions for use??????????????????? 15. revision history????????????????????? sample approved report
jh26240320b ver: 1.0 - 2 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . lcm number system special code: p: pin;c:connect;o: other;........ serial numbera--z. ic controller: c:with controller; n:without controller; o:other; w:white; backlight color: t: tft jh 26240320 b t n u w n t f l w n -v00- sc version number: v00v99 backlight mode: polarizer type: serial number:c: cstn graphic modules:number of commons and segments lcm size;18:1.8";20:2.0"; 22:2.2"....... connector: character modules: t:transmissive; f:transflective: o: other temperature range: n: normal temperature; m:middle temperature; w: wide temperature; o:super wide temperature h:heatseal; z:zebra; f:fpc o:other; l:led; e:el; c:ccfl; l: left(9:00); r:right(3:00);s;super view;f:full view u: upper(12:00);d:down(6:00); viewing direction: n: without touch panel; y:with tohch panel with tp: jewel hill electronic co.,ltd. n: negative; o:other; lcd display mode:
jh26240320b ver: 1.0 - 3 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 1. general description. jh26240320b model is a color tft lcd. this main module has a 2.6 inch diagonally measured active display area wit h 240(rgb)320 resolution. each pixel is divided into red, green and blue sub-pixels and dots which are arranged in vertical stripes. the lcd color is determined with 262,000 colors signal for each pixel. the jh26240320b has been designed to apply the interface method that enables low power, high speed, and high contrast. the jh26240320b is intended to support applications where thin thickness, wide viewing angle and low power are critical fact ors and graphic displays are important. 2. general features. item display panel remark display mode normally white, transmissive lcd viewing direction 12 o?clock input signals 16bits outside dimensions 46mm(w)*64mm(h)*2.2mm(t) effective area - active area 39.60mm(w) 52.80mm(h) number of pixels 240 rgb 320pixels pixel pitch 0.165mm(h ) 0.165mm(w) pixel arrangement rgb vertical stripes drive ic gc9302 3.absolute maximum ratings the following are maximum values which, if exceeded may cause operation or damage to the unit. item symbol min. typ. max. unit remark power for circuit driving vdd -0.3 - 3.3 v power for circuit logic vci -0.3 - 4.6 v lc operating voltage *1) vop - v led forward voltage v b b b b b b b b b f b b b b b b b b b 3.0 3.2 3.4 v led forward current if - 60 - ma led luminance b b b b b b b b b b p b b b b b b b b b 3200 - - cd/m p p p p p p p p p 2 p p p p p p p p p p p p p p p p p p p p p p p storage humidity h b b b b b b b b b st b b b b b b b b b 10 - 90 %rh storage temperature t b b b b b b b b b st b b b b b b b b b -30 - 80 operating ambient humidity h b b b b b b b b b op b b b b b b b b b 10 - 90 %rh operating ambient temperature t b b b b b b b b b op b b b b b b b b b -20 - 70 at 255
jh26240320b ver: 1.0 - 4 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . note: *1) liquid crystal driving voltage. due to the characteristics of lc material, this voltage vary with environmental temperature. *2) temp . >60 , absolute humidity shall be less than 90%rh at 60 *3) temp . 6 0 , 90%rh max. 4.electrical specification main window display (unless specified, the am bient temperature ta=25 ) properties sym. min typ. max unit note power for circuit driving vdd 1.65 2.8 3.3 v note power for circuit logic vci 2.7 2.8 3.3 v note blu driving logic vbat - - - v low voltage vil 0 - 0.2vdd v logic input voltage high voltage vih 0.8vdd - vdd v low voltage vol 0 - 0.1vdd v logic output voltage high voltage voh 0.9vdd - vdd v white p b b b b b b b b b w b b b b b b b b b t.b.d t.b.d t.b.d mw black p b b b b b b b b b b b b b b b b b b b t.b.d t.b.d t.b.d mw power consumption vertical stripe p b b b b b b b b b v b b b b b b b b b t.b.d t.b.d t.b.d mw note: the recommended operating conditions refer to a range in which operation of this product is guaranteed. should this range is exceeded, the operation cannot be guaranteed even if the values may be wit hout the absolute maximum ratings. accordingly, please make sure that the module is used within this range. and these current values are measured under the c ondition that all devices are stopped, each component is stable and logic signal is input.
jh26240320b ver: 1.0 - 5 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 5.optical specification.
jh26240320b ver: 1.0 - 6 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd .
jh26240320b ver: 1.0 - 7 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd .
jh26240320b ver: 1.0 - 8 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 6.block diagram. 240 (rgb) 320 display panel (tft lcd transmissive) gate signal (320) source signal (240*3) driver & controller (all-in-one) ( gc9302 ) wr, cs, rs, reset, rd data[(db15~db0)],power(v cc,vci,iovcc ) control signal( wr, cs, rs, reset, rd) m p u & p o w e r i/f k a
jh26240320b ver: 1.0 - 9 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 7.pin description pin no. symbol description 1-4 db0-db3 data bus 5 gnd ground 6 vcc nc 7 cs chip select input pin 8 rs data/command write select pin 9 wr write execution control pin 10 rd read execution control pin 11 im0 nc 12 xr touch panel right side 13 yd touch panel down side 14 xl touch panel left side 15 yu touch panel up side 16 led_a led+ 17 led_k1 led- 18 led_k2 led- 19 led_k3 led- 20 led_k4 led- 21 im3(ledk5) nc 22 db4 data bus 23-30 db8-db15 data bus 31 reset system reset pin 32 vcc power supply2.8v 33 iovcc power supply(2.8v/1.8v) 34 gnd ground 35 db5 data bus 36 db6 data bus 37 db7 data bus
jh26240320b ver: 1.0 - 10 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 8.outline dimension k2 k1 a k3 k4 c d 6 2 1 d c 5 4 a b b 2 1 a 456 3 ? (t=0.3) yd xr yu xl ak1 k2 k3 k4 ?? ? ak1 k2 k3 k4 yd xr yu xl jewel hill e lectronic ? (t=0.3)
jh26240320b ver: 1.0 - 11 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 9.timing characteristics 9.1. 80-system bus interface operation 9.2. timing characteristics normal write mode(hwm=??0?), iovcc=1.65v~3.3v,vcc=2.5v~3.3v parameter symbol unit min. max. unit bus cycle time write b b b b b b b b b t cycw b b b b b b b b b b b b b b b b b b b b b b b ns 125 - - bus cycle time read t cycr ns 450 - - write low-level pulse width pw lw ns 45 - - read low-level pulse width pw lr ns 170 - - write high-level pulse width pw hw ns 70 - - read high-level pulse width pw hr ns 250 - - write/read rise/fall time t wr, w rf ns - - 25 setup time write t as ns 0 - - setup time read t as ns 10 - - address hold time t ah ns 2 - - write data setup time t dsw ns 25 - - write data hold time t h ns 10 - - read data delay time t ddr ns - - 150 read data hold time t dhr ns 5 - -
jh26240320b ver: 1.0 - 12 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 9. 3 reset operation (vcc=1.65~3.1 v) 10.reliability and inspection standard no. test item test conditions remark storage 80 , 120hr note 1 high temperature operation 70 , 120hr note storage -30 , 120hr 2 low temperature operation -20 , 120hr note 3 high temperature and high humidity 60 , 90%rh, 120hr note storage -10 (1hr) ? 25 (5min) ? 60 (1hr) 32 cycles 4 temperature cycle operation -20 (1hr) ? 25 (5min) ? 60 (1hr) 25 cycles note 5 peeling off (storage) R 500gf/cm note 6 fpc bending test R 6,000 times, 2/sec note 7 vibration test(storage) 50hz, 30min, amplitude: 2 cm, x/y/z directions note 8 drop test 60cm/ 3corner/ 8face, 1cycle note note: 1) the test samples should be applied to only one test item. 2) sample size for each test item is 5~10pcs. 3) for damp proof test, pure water(resistance>1m ? ) should be used. 4) in case of malfunction defect caused by esd damage, if it would be recovered to normal state after resetting, it would be judged as a good part. 5) el evaluation should be excepted from re liability test with humid ity and temperature: some defects such as black spot/blemish can happen by natural chemical reaction with humidity and fluorescence el has. 6) after the reliability test, the test sample s should be inspected after 2 hours at least. 7) functional test is ok. missing segmen t, shorts, unclear segment, non display, display abnormally, liquid crystal leak are not allowed. 8) after testing, the current idd should be within initial value 20%. 9) no low temperature bubbles ,end seal loose and fall, frame rainbow, acf bubble growing are allowable in the appearance test.
jh26240320b ver: 1.0 - 13 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 11.inspection criterion 11.1. sampling method unless otherwise agreed upon in writing, the sa mpling inspection shall be applied to the customer?s incoming inspection. 1) lot size: quantity per shipment lot 2) sampling type: normal inspection , single sampling 3) inspection level: 4) sampling table: mil-std-105d 5) acceptable quality level(aql): major=0.65 minor=1.5 11.2. inspection method 1) ambient condition: a. temperature: r oom temperature 255 b. illumination: single fluorescent lamp non-directive(300 to 700 lux) 2) viewing distance the distance between the lcd and the inspector s eyes shall be at least 30-50cm. 3) viewing angle the inspection shall be conducted within normal viewing angle range. 11.3. inspection criteria 11.3.1. major defect no. item inspection standard classification of defects 1 all functional defects 1) no display 2) display abnormally 3) open or missing segment 4) short circuit 5) excess power consumption 6) backlight no lighting, flickering and abnormal lighting major 2 missing missing component major 3 outline dimension overall outline dimension beyond the drawing is not allowed major 11.3.2. cosmetic defect
jh26240320b ver: 1.0 - 14 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . no. item inspection standard classification of defects for dark/white spot, size is defined as =(x+y)/2 1 (spot defect) black and white spot pinhole size (mm) acceptable quantity 0.1 ignore 0.10 ? 0.15 2 0.15 ? 0.2 1 0.2< 0 minor 2 (line defect) black and white line polarizer scratch width(mm) length(mm);acceptable qty 0.03 ignore 0.03 jh26240320b ver: 1.0 - 15 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . no. item inspection standard classification of defects 1) chip on the corner x y z 3.0 s t remark: s=contact pad length; t=the thickness of glass chips on the corner of terminal shall not be allowed to extend into the ito pad or expose perimeter seal. acceptable quantity n 2. minor 2) chip on the edge of glass x y z ignore 0.5 t acceptable quantity: n 2 minor 1 glass defect 3) creak creaks tend to break are not allowed. minor
jh26240320b ver: 1.0 - 16 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 12. package information.
jh26240320b ver: 1.0 - 17 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 13.rohs compliant warranty.
jh26240320b ver: 1.0 - 18 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . 14.precautions for using lcd modules
jh26240320b ver: 1.0 - 19 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . handing precautions (1) the display panel is made of glass and polarizer. as glass is fragile, it tends to become or chipped during handling especially on the edges. please avoid dropping or jarring. do not subject it to a mechanical shock by dropping it or impact. (2) if the display panel is damaged and the liquid crystal substance leaks out, be sure not to get any in your mouth. if the substance contacts your skin or clothes, wash it off using soap and water. (3) do not apply excessive force to the displa y surface or the adjoining areas since this may cause the color tone to vary. do not touch the display with bare hands. this will stain the display area and degraded insulati on between terminals (some cosmetics are determined to the polarizer). (4) the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. do not touch, push or rub the exposed polarizers with anything harder than an hb penc il lead (glass, tweezers, etc.). do not put or attach anything on the display area to avoid leaving marks on. condensation on the surface and contact with terminals due to cold will damage, stain or dirty the polarizer. after products are tested at low temperature they must be warmed up in a container before coming is contac ting with room temperature air. (5) if the display surface becomes contami nated, breathe on the surface and gently wipe it with a soft dry cloth. if it is heavily c ontaminated, moisten cl oth with one of the following solvents - isopropyl alcohol - ethyl alcohol do not scrub hard to avoid damaging the display surface. (6) solvents other than those above-menti oned may damage the polarizer. especially, do not use the following. - water - ketone - aromatic solvents wipe off saliva or water drops immediately, contact with water over a long period of time may cause deformation or color fading. avoid contacting oil and fats. (7) exercise care to minimi ze corrosion of the electrode. corrosion of the electrodes is accelerated by water droplets, moisture condensation or a current flow in a high-humidity environment. (8) install the lcd module by using the m ounting holes. when mounting the lcd module make sure it is free of twisting, warping and di stortion. in particular, do not forcibly pull or bend the i/o cable or the backlight cable. (9) do not attempt to disassemble or process the lcd module.
jh26240320b ver: 1.0 - 20 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . (10) nc terminal should be open. do not connect anything. (11) if the logic circuit power is off, do not apply the input signals. (12) since lcm has been assembled and adjust ed with a high degree of precision, avoid applying excessive shocks to the module or making any alterations or modifications to it. - do not alter, modify or change the shape of the tab on the metal frame. - do not make extra holes on the printed circuit board, modify its shape or change the positions of components to be attached. - do not damage or modify the pattern writing on the printed circuit board. - absolutely do not modify the zebra r ubber strip (conductive rubber) or heat seal connector. - except for soldering the interface, do not make any alterations or modifications with a soldering iron. - do not drop, bend or twist lcm. storage precautions when storing the lcd modules, the following precaution is necessary. (1) store them in a sealed polyethylene bag. if properly sealed, there is no need for the dessicant. (2) store them in a dark place. do not expos e to sunlight or fluorescent light, keep the temperature between 0c and 35c. (3) the polarizer surface should not come in contact with any other objects. (we advise you to store them in the contai ner in which they were shipped). others liquid crystals solidify under low temperatur e (below the storage temperature range) leading to defective orientation or the gener ation of air bubbles (black or white). air bubbles may also be generated if the module is subject to a low temperature. if the lcd modules have been operating for a long time showing the same display patterns, the display patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear. a normal operating status can be regained by suspending use for some time. it should be noted that this phenomenon does not adversely affect performance reliability. to minimize the performance degradation of t he lcd modules resulting from destruction caused by static electricity etc., exercise ca re to avoid holding the following sections when handling the modules. - exposed area of the printed circuit board. -terminal electrode sections 15. revision history.
jh26240320b ver: 1.0 - 21 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . version revise record date 1.0 original version 13-08-12 sample approved report
jh26240320b ver: 1.0 - 22 - issue date: 2013/ 08 / 12 j e w el hill ele c tr on i c co., ltd . ( ??? ) sample model no. ( ?? ) jh26240320b sample series number no. ( ? ) sample quantity ( ? ) color/type ( ? / ) tft/negative viewing direction ( ? ) 12h driving method ( ) 1/320duty logic voltage ( ? ) 2.8v lcd vop (lcd ? ) operating temp. ( ? ) -20 ~ 70 storage temp. ( ? ) -30 ~ 80 polarizer----front ( ?? ) polarizer----back ( ?? ) transmissive controller/driver ic( / ic) gc9302(cog) backlight color/type ( ? / ? ) white drawing rev/no./quantity ( ?? / ) specification ( ) remarks ( ? ) writ by _________ date _________ aprov by _________ date ________ customer?s approval ( ?? ) 1 function ? ok n.g. 2 driver condition ok n.g. 3 display mode ??? ok n.g. 4 viewing angle ?? ok n.g. 5 backlight ? ok n.g. 6 displaying pattern ? ok n.g. customer?s conclusions ( ? ) ______________________________________ _______________________________________________________________________________ ________________________________________ customer?s signature ?? _____________ date ( ) ___________


▲Up To Search▲   

 
Price & Availability of JH26240320BCNUMNFFCWC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X