Part Number Hot Search : 
73U3687H KTC9011 PS2626 T89C51 M6008 ELM322 R1000 ADG791A
Product Description
Full Text Search
 

To Download JFZAA9103K100000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interference suppression capacitors (class x2, 310vac) type applications suitable for applications in serial with the 100~240vac mains, as energy meter, a small power led driver module, small household electrical appliances control panel (electric kettle, electric cooker, coffee machine, hair straightener etc.), thermostat, replace the transformer. widely used in lc resonant, high frequency high current situation x2 metallized polypropylene film capacitor for capacitive divider ? jfza features ? metallized polypropylene film, non-inductive wound construction. ? good self-healing properties, withstanding surge voltage stressing ? long stability of capacitance ? good properties in damp environment ? excellent active and passive flame resistant abilities specifications operating temperature -40 ~ +110 voltage rating 310vac capacitance range 0.0022 ~ 2.2 f capacitance tolerance 10% (k) standard, package bulk, ammo tape package insulation resistance c r 0.33 f, i.r 15,000m c r >0.33 f, i.r 5,000s 20 100v,1min dissipation factor 0.0010 f c r 0.47 f 0.1% (1khz,20 ) 0.47 f c r 1.0 f 0.2% (1khz,20 ) 1.0 f c r 10 f 0.3% (1khz,20 ) voltage proof between terminals 4.3ur dc /60s www.jbcapacitors.com www.jbcapacitors. hk e-mail: info@jbcapacitors.com tel : (852)2790 5091 fax: (852)8169 8283
interference suppression capacitors (class x2, 310vac) drawing: dimensions table for 310v ac: (unit: mm) a type part# bulk package (loose in box) cap l1.0 t1.0 h1.0 p1.0 d ?0.05 standard leads 20mm(+/-1) 0.0022 13.0 5.0 11.0 10.0 0.6 jfzaa9222k100000b 0.0027 13.0 5.0 11.0 10.0 0.6 jfzaa9272k100000b 0.0033 13.0 5.0 11.0 10.0 0.6 jfzaa9332k100000b 0.0039 13.0 5.0 11.0 10.0 0.6 jfzaa9392k100000b 0.0047 13.0 5.0 11.0 10.0 0.6 jfzaa9472k100000b 0.0056 13.0 5.0 11.0 10.0 0.6 jfzaa9562k100000b 0.0068 13.0 5.0 11.0 10.0 0.6 jfzaa9682k100000b 0.0082 13.0 5.0 11.0 10.0 0.6 jfzaa9822k100000b 0.01 13.0 5.0 11.0 10.0 0.6 JFZAA9103K100000B 0.012 13.0 5.0 11.0 10.0 0.6 jfzaa9123k100000b 0.015 13.0 5.0 11.0 10.0 0.6 jfzaa9153k100000b 0.018 13.0 5.0 11.0 10.0 0.6 jfzaa9183k100000b 0.022 13.0 5.0 11.0 10.0 0.6 jfzaa9223k100000b 0.022 18.0 5.0 11.0 15.0 0.6 jfzaa9223k150000b 0.027 13.0 5.0 11.0 10.0 0.6 jfzaa9273k100000b 0.033 13.0 5.0 11.0 10.0 0.6 jfzaa9333k100000b 0.039 13.0 5.0 11.0 10.0 0.6 jfzaa9393k100000b 0.047 18.0 5.0 11.0 15.0 0.8 jfzaa9473k150000b 0.056 18.0 5.0 11.0 15.0 0.8 jfzaa9563k150000b 0.068 18.0 5.0 11.0 15.0 0.8 jfzaa9683k150000b 0.082 18.0 6.0 12.0 15.0 0.8 jfzaa9823k150000b 0.1 18.0 6.0 12.0 15.0 0.8 jfzaa9104k150000b 0.12 18.0 12.0 6.0 15.0 0.8 jfzaa9124k150000b 0.15 18.0 7.5 13.5 15.0 0.8 jfzaa9154k150000b 0.15 18.0 6.0 12.0 15.0 0.8 jfzaa9154k150000b01 0.15 26.5 6.0 15.0 22.5 0.8 jfzaa9154k150000b *please contact us for special item or size not listed. please visit our website to get more update data, those data & specification are subject to change without notice. www.jbcapacitors.com www.jbcapacitors. hk e-mail: info@jbcapacitors.com tel : (852)2790 5091 fax: (852)8169 8283 x2 metallized polypropylene film capacitor for capacitive divider ?jfza
interference suppression capacitors (class x2, 310vac) dimensions table for 310v ac: (unit: mm) a type part# bulk package (loose in box) cap l1.0 t1.0 h1.0 p1.0 d ?0.05 standard leads 20mm(+/-1) 0.18 26.5 7.0 16.5 22.5 0.8 jfzaa9184k225000b 0.22 26.5 7.0 16.5 22.5 0.8 jfzaa9224k225000b 0.27 26.5 6.0 15.0 22.5 0.8 jfzaa9274k225000b 0.33 26.5 7.0 16.5 22.5 0.8 jfzaa9334k225000b 0.39 26.5 8.5 17.0 22.5 0.8 jfzaa9394k225000b 0.47 26.5 8.5 17.0 22.5 0.8 jfzaa9474k225000b 0.56 31.5 11.0 19.5 27.5 0.8 jfzaa9564k275000b 0.68 31.5 11.0 19.5 27.5 0.8 jfzaa9684k275000b 0.82 31.5 11.0 19.5 27.5 0.8 jfzaa9824k275000b 1.0 31.5 11.0 19.5 27.5 0.8 jfzaa9105k275000b 1.5 31.5 13.0 21.5 27.5 0.8 jfzaa9155k275000b 2.2 31.5 14.0 25.0 27.5 0.8 jfzaa9225k275000b b type 0.01 18.0 5.0 11.0 15.0 0.8 jfzaa9103k150000b 0.033 18.0 5.0 11.0 15.0 0.8 jfzaa9333k150000b 0.047 13.0 5.0 11.0 10.0 0.6 jfzaa9473k100000b 0.056 13.0 5.0 11.0 10.0 0.6 jfzaa9563k100000b 0.068 13.0 5.0 11.0 10.0 0.6 jfzaa9683k100000b 0.082 13.0 6.0 12.0 10.0 0.6 jfzaa9823k100000b 0.1 13.0 6.0 12.0 10.0 0.6 jfzaa9104k100000b 0.18 18.0 13.5 7.5 15.0 0.8 jfzaa9184k150000b 0.22 18.0 8.5 14.5 15.0 0.8 jfzaa9224k150000b 0.25 18.0 8.5 14.5 15.0 0.8 jfzaa9254k150000b 0.27 18.0 7.5 13.5 15.0 0.8 jfzaa9274k150000b 0.33 18.0 9.5 15.5 15.0 0.8 jfzaa9334k150000b 0.33 18.0 8.5 14.5 15.0 0.8 jfzaa9334k150000b01 0.39 18.0 8.0 17.0 15.0 0.8 jfzaa9394k150000b 0.47 18.0 10.0 16.0 15.0 0.8 jfzaa9474k150000b 0.56 26.5 10.0 19.0 22.5 0.8 jfzaa9564k225000b 0.68 18.0 11.0 19.0 15.0 0.8 jfzaa9684k150000b 0.68 26.5 10.0 19.0 22.5 0.8 jfzaa9684k225000b 0.82 26.5 10.0 19.0 22.5 0.8 jfzaa9824k225000b 1.0 26.5 10.0 19.0 22.5 0.8 jfzaa9105k225000b 1.5 26.0 12.0 21.5 22.5 0.8 jfzaa9155k225000b \ *please contact us for special item or size not listed. please visit our website to get more update data, those data & specification are subject to change without notice. x2 metallized polypropylene film capacitor for capacitive divider ?jfza www.jbcapacitors.com www.jbcapacitors. hk e-mail: info@jbcapacitors.com tel : (852)2790 5091 fax: (852)8169 8283


▲Up To Search▲   

 
Price & Availability of JFZAA9103K100000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X