Part Number Hot Search : 
W9816G MCR100 BFQ235A RF201 7044471 A3123LT 99001 CL2CC
Product Description
Full Text Search
 

To Download J1511AT240VAC9DGT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j151 21.6, 30.6, 40.6 x 27.6 x 35.0 mm features e197852 coil data ac parameters* coil data dc parameters* contact data* t ? switching capacity up to 20a; small size and light weight ? low coil power consumption; high contact load ? strong resistance to shock and vibration coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .9w 1.4w 1.5w 12 15.6 160 100 96 9.00 1.2 .90 1.40 25 25 24 31.2 650 400 360 18.00 2.4 36 46.8 1500 900 865 27.00 3.6 48 62.4 2600 1600 1540 36.00 4.8 110 143.0 11000 8400 6800 82.50 11.0 220 286.0 53778 34571 32267 165.00 22.0 coil voltage vac coil resistance +/- 10% pick up voltage vac (max) 80% of rated voltage release voltage vac (min) 30% of rated voltage coil power w operate time ms release time ms rated max 1.2va 2.0va 2.5va 12 15.6 46 25.5 20 9.60 3.6 1.20 2.00 2.50 25 25 24 31.2 184 102 80 19.20 7.2 36 46.8 370 230 180 28.8 10.8 48 62.4 735 410 320 38.4 14.4 110 143.0 3900 2300 1680 88.00 33.0 120 156.0 4550 2530 1990 96.00 36.0 220 286.0 14400 8600 3700 176.00 66.0 240 312.0 19000 10555 8280 192.00 72.0 contact 1a, 1b, 1c = spst n.o., spst n.c., spdt arrangement 2a, 2b, 2c = dpst n.o., dpst n.c., dpdt 3a, 3b, 3c = 3pst n.o., 3pst n.c., 3pdt 4a, 4b, 4c = 4pst n.o., 4pst n.c., 4pdt contact rating 1 pole : 20a @ 277vac & 28vdc, general purpose 2 pole : 12a @ 250vac & 28vdc, general purpose 2 pole : 10a @ 277vac, general purpose ; 1/2hp @ 125vac 3 & 4 pole : 12a @ 250vac & 28vdc, general purpose 3 & 4 pole : 10a @ 277vac, general purpose ; 1/2hp @ 125vac contact resistance < 50 milliohms initial contact material agcdo maximum switching power 5540va, 560w maximum switching voltage 300vac maximum switching current 20a
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j151 page 2 general data* ordering information 1. series j151 2c t 12vdc .9 j151 2. contact arrangement 1a, 1b, 1c 2a, 2b, 2c 3a, 3b, 3c contact factory for availability 4a, 4b, 4c contact factory for availability 3. termination t = solder lugs / plug-in f = solder lugs / plug-in with flange p = pcb terminals 4. coil voltage 12vdc 24vdc 36vdc 48vdc 110vdc 220vdc 12vac 24vac 36vac 48vac 110vac 120vac 220vac 240vac 5. coil power .9 = .9w (dc coil for use with 1 and 2 pole models only) 1.4 = 1.4w (dc coil for use with 3 pole models only) 1.5 = 1.5w (dc coil for use with 4 pole models only) 1.2 = 1.2va (ac coil for use with 1 and 2 pole models only) 2.0 = 2.0va (ac coil for use iwth 3 pole models only) 2.5 = 2.5va (ac coil for use with 4 pole models only) 6. option led blank = no indicator led d = with indicator led 7. gold option blank = standard contact g = gold over standard contacts 8. push to test option blank = without push to test button t = with push to test button electrical life @ rated load 100k cycles, average mechanical life 20m cycles (1 & 2 pole), typical; 10m cycles (3 &4 pole), average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 1500v rms m in. @ sea level initial contact to contact 1500 v rms min. @ sea level initial shock resistance 100m/s 2 for 11 ms vibration resistance 1.27mm double amplitude 10~40hz terminal (copper alloy) strength 10n operating temperature -40 o c to +85 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 2c: 40g; 3c: 50g; 4c: 60g * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. page 3 j151 dimensions units = mm 1 & 2 pole 1 & 2 pole with flange 3 pole 3 pole with flange 4 pole 4 pole with flange flange mount layouts
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. schematics & pc layouts page 4 j151 termination options pc pins solder tabs 1c 2c 3c 4c


▲Up To Search▲   

 
Price & Availability of J1511AT240VAC9DGT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X