Part Number Hot Search : 
TPC6108 PM0022 SPP9435 PL002 M56693FP SOT89 26KE15 CM1869
Product Description
Full Text Search
 

To Download IPS521PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? over temperature protection (with auto-restart) ? short-circuit protection (current limit) ? active clamp ? e.s.d protection ? status feedback ? open load detection ? logic ground isolated from power ground ips521/ips521s data sheet no.pd 60158-h description the ips521/ips521s are fully protected five terminal high side switches with built in short-circuit , over- temperature, esd protection, inductive load capability and diagnostic feedback. the output current is con- trolled when it reaches i lim value. the current limitation is activated until the thermal protection acts. the over-temperature protection turns off the high side switch if the junction temperature exceeds tshutdown. it will automatically restart after the junc- tion has cooled 7 o c below tshutdown. a diagnostic pin is provided for status feedback of short-circuit, over-temperature and open load detection. the double level shifter circuitry allows large offsets between the logic ground and the load ground. packages product summary r ds(on) 80m ? (max) v clamp 50v i limit 10a v open load 3v typical connection fully protected high side power mosfet switch 5 lead to220 - ips521 5 lead d2pak (smd220) ips521s load logic signal control logic logic gnd load gnd vcc out gnd in dg + 5v status feedback + vcc output pull-up resistor rdg rin 15k truth table op. conditions normal normal open load open load over current over current over-temperature over-temperature in h l h l h l h l out h l h h l l (cycling) l l (limiting) dg h l h h l l l l www.irf.com 1
ips521/ips521s 2 www.irf.com (1) limited by junction temperature (pulsed current limited also by internal wiring) symbol parameter min. typ. max. units test conditions r th 1 thermal resistance junction to case ?  ? r th 2 thermal resistance junction ambient ?  ? r th 1 thermal resistance with standard footprint ? 60 ? r th 2 thermal resistance with 1" square footprint ? 35 ? r th 3 thermal resistance junction to case ?  ? thermal characteristics to-220 d 2 pak (smd220) o c/w absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are referenced to ground lead. (t j = 25 o c unless otherwise specified). symbol parameter min. max. units test conditions v out maximum output voltage v cc -50 v cc +0.3 v offset maximum logic ground to load ground offset v cc -50 v cc +0.3 v in maximum input voltage -0.3 7 i in, max maximum positive in current -5 10 ma v dg maximum diagnostic output voltage -0.3 7 v i dg, max maximum diagnostic output current -1 10 ma i sd cont. diode max. permanent current (1) (rth=62 o c/w) ? 2.2 i sd pulsed diode max. pulsed current (1) ?10 esd1 electrostatic discharge v oltage (human body) ? 4 c=100pf, r=1500 ?, esd2 electrostatic discharge voltage (machine model) ? 0.5 c=200pf, r=0 ?, l=10 h p d maximum power dissipation (1) (tc=25 o c) ips521 ? 40 (tc=25 o c) ips521s ? 1.56 t j max. max. storage & operating junction temp. -40 +150 t lead lead temperature (soldering 10 seconds) ? 300 vcc max. maximum vcc voltage ? 50 v v a kv w o c
ips521/ips521s www.irf.com 3 recommended operating conditions these values are given for a quick design. for operation outside these conditions, please consult the application notes. symbol parameter min. max. units v cc continuous v cc voltage 5.5 35 v ih high level input voltage 4 5.5 v il low level input voltage -0.3 0.9 i out continuous output current ( tamb = 85 o c, tj = 125 o c, r th = 60 o c/w, ) ips521 ? 2.2 i out continuous output current ( tamb = 85 o c, tj = 125 o c, r th = 80 o c/w, ) ips521s ? 1.9 r in recommended resistor in series with in pin 4 6 r dg recommended resistor in series with dg pin 10 20 v a k ? symbol parameter min. typ. max. units test conditions r ds(on) on state resistance t j = 25 o c ? 55 80 @tj=25 o c r ds(on) on state resistance @ v cc = 6v ? 55 80 (v cc =6v) r ds(on) on state resistance tj = 150 o c? 110 140 v in = 5v, i out = 5a @tj=150 o c v cc oper. operating voltage range 5.5 ? 35 v clamp 1 v cc to out clamp voltage 1 50 55 ? i d = 10ma (see fig.1 & 2) v clamp 2 v cc to out clamp voltage 2 ? 56 65 v f body diode forward voltage ? 0.9 1.2 i d = 2.5a, v in = 0v i cc off supply current when off ? 16 50 av in = 0v, v out = 0v i cc on supply current when on ? 0.6 2 ma v in = 5v i cc ac ripple current when on (ac rms) ? 20 ? av in = 5v v dgl low level diagnostic output voltage ? 0.15 0.4 v i dg = 1.6 ma i oh output leakage current ? 50 120 v out = 6v i ol output leakage current 0 ? 25 v out = 0v i dg leakage diagnostic output leakage current ?? 10 v dg = 5.5v v ih in high threshold voltage ? 2.2 3 v il in low threshold voltage 1 1.9 ? i in , on on state in positive current ? 70 200 a v in = 5v in hyst input hysteresis 0.1 0.25 0.5 v static electrical characteristics (t j = 25 o c, v cc = 14v unless otherwise specified.) m ? v in = 5v, i out = 5a i d = i sd (see fig.1 & 2) v v in = 5v, i out = 2.5a a v
ips521/ips521s 4 www.irf.com switching electrical characteristics v cc = 14v, resistive load = 2.8 ? , t j = 25 o c, (unless otherwise specified).  symbol parameter min. typ. max. units t est conditions t don turn-on delay time ? 10 40 t r1 rise time to v out = v cc - 5v ? 25 60 t r2 rise time v cc - 5v to v out = 90% of v cc ? 130 200 d v/dt (on) turn on d v/dt ? 0.7 2 v/ s e on turn on energy ? 1500 ? j t doff turn-off delay time ? 35 70 t f fall time to v out = 10% of v cc ? 25 50 d v/dt (off) turn off d v/dt ? 0.9 3 v/ s e off turn off energy ? 250 ? j t diag v out to v diag propagation delay ? 5 15 s see figure 6 see figure 3 s s see figure 4 lead assignments part number 1 2 3 4 5 5 lead - to220 ips521 3 (vcc) 5 lead - d 2 pak (smd220) ips521s 3 (vcc) 1 2 3 4 5 1 - ground 2 - in 3 - vcc 4 - dg 5 - out (3) referenced to v cc symbol parameter min. typ. max. units test condition s i lim internal current limit 71014 av out = 0v t sd+ over-temp. positive going threshold ? 165 ? see fig. 2 t sd- over-temp. negative going threshold ? 158 ? see fig. 2 v sc short-circuit detection voltage (3) 2 3 4 see fig. 2 v open load open load detection threshold 2 3 4 protection characteristics o c v
ips521/ips521s www.irf.com 5 functional block diagram all values are typical 2.2 v 2.7 v + - level shift driver charge pump 10 a vcc in 50v over current limit vout gnd dg 7 v 7 v 62 v 40 ? 200 k ? + - open load 3 v - + 3 v t j 158c temperature 165c short-circuit figure 1 - active clamp waveforms figure 2 - protection timing diagram tsd+ (160 ) vin iout ilim. t 5 v 0 v tsd- t shutdown limiting cycling t clamp v clamp ( + vcc ) ( see appl . notes to evaluate power dissipation ) 0 v vin iout out
ips521/ips521s 6 www.irf.com figure 4 - switching times definition (turn-off) vin vout 90% 10% td off tf dv/dt off figure 6 - diagnostic delay definitions figure 5 - active clamp test circuit rem : v load is negative during demagnetization 14 v in 5 v 0 v + - vout iout vin l r gnd dg vcc out vdiag vout vcc -vsc vcc vol vin t diag diag on blanking diag off blanking figure 3 - switching times definition (turn-on) turn on energy with a resistive or an inductive load vin vout vcc - 5v 90% vcc 10% td on tr 1 tr 2 dv/dt on iout1 iout2 eon2 resistive load inductive load eon1 e1(t) e2 (t)
ips521/ips521s www.irf.com 7 figure 8 - normalized r ds(on) (% ) vs t j ( o c) 50% 100% 150% 200% -50 0 50 100 150 figure 9 - rds(on) (m ?) vs i out (a) 0 50 100 0246810 figure 7 - r ds(on) (m ?) vs v cc (v) 0 50 100 0 5 10 15 20 25 30 35 figure 10 - max. i out (a) vs load inductance (uh) 0.1 1 10
ips521/ips521s 8 www.irf.com figure 12 - transient thermal impedance ( o c/w) vs time (s) 0.01 0.1 1 10 100 __ to220/smd 220 free air - - - rth = 5 c/w 1e-05 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 1e+02 1e+03 figure 11a - max load current (a) vs tamb ( o c) ips521 0 5 10 25 50 75 100 125 150 rthja= 20 c/w free air rthja= 40 c/w rthja= 10 c/w figure 11b - max load current (a) vs tamb ( o c) ips521s 0 5 10 15 -50 0 50 100 150 figure 13 - i lim (a) vs tj ( o c) 0 5 10 25 50 75 100 125 150 1inch 2 footprint rthja= 35 c/w std. footprint rthja= 60 c/w
ips521/ips521s www.irf.com 9 figure 14 - e on, e off ( j) vs i out (a) resistive load 0 500 1000 1500 2000 2500 3000 3500 01234567 eo n eo f f figure 15 - e on ( j) vs load inductance ( h) (see fig. 3) figure 16 - diag blanking time ( s) vs i out (a) (resistive load - see fig. 6) 0.1 1 10 100 1000 10000 1e+01 1e+02 1e+03 1e+04 1e+05 1e+06 i=imax vs induct.(see fi g .10) i=1.5a 0 25 50 75 100 125 150 0123 dia g on blankin g diag off blanking 1.00e-06 1.00e-05 1.00e-04 1.00e-03 0 5 10 15 20 25 30 35 figure 17 - i cc (ma) vs v cc (v)
ips521/ips521s 10 www.irf.com case outline 5 lead - to220 irgb 01-3042 01 tape & reel 5 lead - d 2 pak (smd220) 01-3071 00 / 01-3072 00
ips521/ips521s www.irf.com 11 case outline 5 lead - d 2 pak (smd220) 01-3066 00 ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 ir european regional centre: 439/445 godstone rd., whyteleafe, surrey cr3 0bl, united kingdom tel: ++ 44 (0) 20 8645 8000 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo, japan 171-0021 tel: 8133 983 0086 ir hong kong: unit 308, #f, new east ocean centre, no. 9 science museum road, tsimshatsui east, kowloon hong kong tel: (852) 2803-7380 data and specifications subject to change without notice. 3/27/2000
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IPS521PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X