Part Number Hot Search : 
XZMR65WA S80C51 AM687LMB FRF10A40 00SERI 9913I EP100 F740LC
Product Description
Full Text Search
 

To Download HAT2201R-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.3.01, nov.30.2 016, page 1 of 7 hat2201r silicon n channel power mos fet power switching rej03g0233-0301z rev.3.01 nov .30.2016 features ? capable of 8 v gate drive ? low drive current ? high density mounting ? low on-resistance r ds(on) = 34 m ? typ. (at v gs = 10 v) outline sop-8 1 2 3 4 5 6 7 8 1, 2, 3 source 4 gate 5, 6, 7, 8 drain g d sss d dd 4 1 23 56 7 8
hat2201r rev.3.01, nov.30.2 016, page 2 of 7 absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 100 v gate to source voltage v gss 20 v drain current i d 6a drain peak current i d(pulse) note1 48 a body-drain diode reverse drain current i dr 6a avalanche current i ap note 2 6a avalanche energy e ar note 2 3.6 mj channel dissipation pch note3 2.5 w channel to ambient thermal impedance ch-a note3 50 c/w channel temperature tch 150 c storage temperature tstg C55 to +150 c notes: 1. pw 10 s, duty cycle 1% 2. value at tch = 25 c, rg 50 ? 3. when using the glass epoxy boar d (fr4 40 x 40 x 1.6 mm), pw 10s electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 100 v i d = 10 ma, v gs = 0 gate to source leak current i gss 0.1 av gs = 20 v, v ds = 0 zero gate voltage drain current i dss 1 av ds = 100 v, v gs = 0 gate to source cutoff voltage v gs(off) 3.5 5.0 v v ds = 10 v, i d = 1 ma static drain to source on state r ds(on) 3443m ? i d = 3 a, v gs = 10 v note4 resistance r ds(on) 3549m ? i d = 3 a, v gs = 8 v note4 forward transfer admittance |y fs |6 10s i d = 3 a, v ds = 10 v note4 input capacitance ciss 1450 pf v ds = 10 v output capacitance coss 180 pf v gs = 0 reverse transfer capacitance crss 65 pf f = 1 mhz gate resistance rg 0.9 ? total gate charge qg 21 nc v dd = 50 v gate to source charge qgs 7.6 nc v gs = 10 v gate to drain charge qgd 5.2 nc i d = 6 a turn-on delay time t d(on) 18nsv gs = 10 v, i d = 3 a rise time t r 2.5nsv dd ? 30 v turn-off delay time t d(off) 36nsr l = 10 ? fall time t f 4.0 ns rg = 4.7 ? bodyCdrain diode forward voltage v df 0.79 1.03 v if = 6 a, v gs = 0 note4 bodyCdrain diode reve rse recovery time t rr 40 ns if = 6 a, v gs = 0 dif/ dt = 100 a/ s notes: 4. pulse test
hat2201r rev.3.01, nov.30.2 016, page 3 of 7 main characteristics drain to source voltage v ds (v) drain current i d (a) maximum safe operation area note 5 : when using the glass epoxy board (fr4 40x40x1.6 mm) 10 1 0.1 0.01 0.001 0.1 0.3 1 3 10 30 300 1000 100 100 ta = 25c 1 shot pulse pw = 10 ms 10 s 100 s operation in this area is limited by r ds(on) dc operation (pw 10 s) note 5 1 ms drain to source voltage v ds (v) drain current i d (a) typical output characteristics 20 16 12 8 4 0 2468 10 v gs = 5.5 v 10 v 7 v pulse test 6.2 v gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics 20 16 12 8 4 0 2468 10 tc = 75c 25c ?25c v ds = 10 v pulse test gate to source voltage v gs (v) drain to source voltage v ds(on) (mv) drain to source saturation voltage vs. gate to source voltage 500 400 300 200 100 0 48121620 pulse test i d = 5 a 1 a 2 a drain current i d (a) drain to source on state resistance r ds(on) (m?) static drain to source on state resistance vs. drain current 20 10 110 100 100 50 v gs = 8 v 10 v pulse test 5.8 v channel dissipation pch (w) ambient temperature ta (c) power vs. temperature derating 4.0 3.0 2.0 1.0 0 50 100 150 200 test condition : when using the glass epoxy board (fr4 40x40x1.6 mm), pw < 10 s
hat2201r rev.3.01, nov.30.2 016, page 4 of 7 case temperature tc (c) static drain to source on state resistance r ds(on) (m?) static drain to source on state resistance vs. temperature 100 80 60 40 20 -25 0 50 25 10075 125 150 0 1 a, 2 a, 5 a i d = 1 a, 2 a, 5 a v gs = 8 v 10 v pulse test forward transfer admittance |yfs| (s) drain current i d (a) forward transfer admittance vs. drain current 330 0.1 1 10 100 0.3 10 100 1 0.1 tc = ?25c v ds = 10 v pulse test 75c 25c reverse drain current i dr (a) reverse recovery time trr (ns) body?drain diode reverse recovery time 1 10 100 100 20 50 10 0.1 di/dt = 100 a/ s v gs = 0, ta = 25c capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage 0102030 50 40 10000 3000 1000 300 100 30 10 ciss coss crss v gs = 0 f = 1 mhz gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) dynamic input characteristics 250 200 150 100 50 0 20 16 12 8 4 816243240 0 i d = 6 a v gs v ds v ds = 100 v 50 v 25 v v ds = 100 v 50 v 25 v drain current i d (a) switching time t (ns) switching characteristics 100 10 1 1 10 100 0.1 1000 v gs = 10 v, v ds = 30 v rg = 4.7 , duty < 1 % t d(on) t d(off) t r t f
hat2201r rev.3.01, nov.30.2 016, page 5 of 7 source to drain voltage v sdf (v) reverse drain current i f (a) 20 16 12 8 4 0 0.4 0.8 1.2 1.6 2.0 reverse drain current vs. source to drain voltage pulse test v gs = 0 v, ?5 v 10 v 5 4 3 2 1 25 50 75 100 125 150 0 channel temperature tch (c) repetitive avalanche energy e (mj) ar maximum avalanche energy vs. channel temperature derating i ap = 6 a v dd = 50 v duty < 0.1 % rg > 50 ? pulse width pw (s) normalized transient thermal impedance vs. pulse width normalized transient thermal impedance s (t)  10 100 1 m 10 m 100 m 1 10 100 1000 10000 10 1 0.1 0.01 0.001 0.0001 d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1shot pulse dm p pw t d = pw t ch - f(t) = s (t) x ch - f ch - f = 83.3 c/w, ta = 25 c     when using the glass epoxy board (fr4 40x40x1.6 mm)
hat2201r rev.3.01, nov.30.2 016, page 6 of 7 d. u. t rg i monitor ap v monitor ds v dd 50 ? vin 15 v 0 i d v ds i ap v (br)dss l v dd e ar = l  i ap 2  2 1 v v - v dss dss dd avalanche test circuit avalanche waveform vin monitor d.u.t. vin 10 v r l v = 30 v ds tr td(on) vin 90% 90% 10% 10% vout td(off) vout monitor 90% 10% t f switching time test circuit switching time waveform rg
hat2201r preliminary rev.3.01, nov.30.2016, page 7 of 7 package dimensions p-sop8-3.95 4.9-1.27 0.085g mass[typ.] fp-8dav prsp0008dd-d renesas code jeita package code previous code a 8 5 1 4 f b p c detail f terminal cross section 1.27 1.08 0.40 l 1 0.60 0.25 x 0.46 0.40 0.34 0.10 b p b 1 c 1 0.250.200.15 max nom min dimension in millimeters symbol reference 5.3 4.90 d 3.95 e 0.14 a 2 6.206.105.80 0.25 1.75 a 0.75 z l 8 0 c 1.27 e 0.1 y h e a 1 d * 1 * 2 e h e * 3 x m b p e z (ni/pd/au plating) 2. 1. dimensions "*1(nom)" and "*2" do not include mold flash. note) dimension "*3" does not include trim offset. index mark a 1 l 1 l detail f y package name sop-8 ordering information orderable part number quan tity shipping container hat2201r-el-e 2500 pcs taping note: for some grades, production may be terminated. please contact the renesas sales office to check the state of production before ordering the product.
general precautions in the handling of power mosfet and igbt products the following usage notes are applicable to general purpose power mosfet and igbt products from renesas. for detailed usage notes on the products covered by this document, refer to the relevant sections of the document as well as any technical updates that have been issued for the products. 1. derating continuous heavy condition (e.g. high te mperature/voltage/current or high vari ation of temperature) may affect a reliability even if it are within the absolute maximum ra tings. please consider derating condition for appropriate reliability in reference renesas semiconductor reliability handbook (recommendation for handling and usage of semiconductor devices) and individual reliability data. 2. quality grade ? the quality grade of this product is ?standard?. ? if you plan to use this product to ?high quality? application, please inform to renesas. ? fail safe system is necessary to prevent malfunction even if this product is broken.
? 2016 renesas electronics corporation. all rights reserved. colophon 5.0 descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics do es not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property right s of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat to human life or bodily injury (artificial life support devices or systems, surgical implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you mus t check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance desig n. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibili ty of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas electronics products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or otherwis e places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by you or third parties as a result of unauthorized use of renesas electronics products. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesas el ectronics. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. b??cva?e3,o??+kd%=e,
a? -.??+^?b*d ?2?y
,o?
a+^?>+^m? ^a?=a?ac+^b??c,o+kd%=e,
a-.??b-8 >?cucy>/?+^ml1b?? +^@f&+kd%= e,l6bf
,o1??g?*?:^+k?c?1?cy1> ^=b??va?e3,o,oey0ac?*?:^+k?(sh?f
>*<#e?|e?*?:^+k??caf?g3e.b%,o>+^m b??cva?e3,o,okob%lf?%e6bf
,o1??g?*?:^+k?c? 1?cy1> /? +^b??c,o*?:^+k?y
l?e6bfvf,o?y>?pl !?6b?(?1b??,oi_=(~yl? .ayy,o>?p?*?:^+k?c?1?cy1>b??va?e3,o??c?p/*?:^+k?l? e v?,oi_=(~yl? .ayy?01?d/p=u/pl?1?e,oa?
%
?y> +^mc*o=$o=cll6;? ?eg<l?g fm?# +^*?:^+k?,o1?y
>/?+^ml1b?? @f&*o=$o=cll? ?em?# +^*?:^+k?y
,o>?p6bf
,o1??g?*?:^+k? c?1?cy1> *?:^+k?y
o?c^h14y<pz`14y??=14y?
a?qc^h14y?>"0*?:^+k?y
,ot9?+^fj }
?y
,oc^h14y??av/p? =14y? a1p=?a?==fpa?a?==#?b
a#?ha?==?
ba?==+^+k ?=p?-=`e+k?a?=
pp ?e1> qc^h14y? fea?="3e?=&?e?=e8o1=fpyl315=lh&315=nolh(?5?315
??a?=1> *?:^+k?y
e+^?j`>?y+^?
%73/e2+u
3fvf-*?76,oy
l315

%73fvfedz,oy
l315e+u
35*7>?5l315=c???,o>?51c?l6;
%73fvfh]cxy?g,oy
l315n
<yl315=?+^a?=1c> ^<"0*?:^+k?y
+^?0(e+^???+^m~.a?c^h14y>c<*?:^+k?y
+^?c?0?a?a+^fj?l,o1?+^>/?+^ml1b?? <*?:^+k?y
+^??a?a+^fj?l6bf
,o1??l?g?*?:^+k?c?1?cy1> +^b??ca?e3,o*?:^+k?y
,? ^*?:^+k?=e,o99 *??(ae ^6]ner=+k$??+k 99 *=01t+k$?+k 99 *='#e?:(]=?>??,
? y
(],o99 *?+^>/? ^@f&=e 99 *?l+^*?:^+k?y
6by+u,o{ll?g?*?:^+k?c?1?cy1> <3'l*?:^+k?6-*8*??q*?:^+k?y
,oc^h
a
%m?]?|e? ?2?y
??8 d,o-?(]??6e,o{l
+u)?
^?+^?,ap
+u{l1>!?l?*?:^+k?y
}`f>?lhe?:a?a> vb-gy
???f??*?:^+k?y
^
+u{l6bfvf&?&,28*ed{=zl?,o{>?f>?e.,??a?a ;"|cl???a?a=lh&?yl
{lnolh1=f8?,o67 l :*<l? f8?,o1>+g?l??/?pe, ?)"f>?af?vb-+^m8 >?/64ty
l315f>???af> ??)?1?m?,ob4????"0*?:^+k?y
,o)?12?]1?b-d*?:^+k?,o:[pgl6?31>+^*?:^+k?y
,?b-f??/1l(?c^,o+^l
ahf>?1*<,ov?-.# # ? ;"|cl?? e!]- rohs =f>/? +^m`f??-.# # ?6b28*,o?l?g?*?:^+k?c?1?cy1> c
%<*?:^+k?y
a?e+^?l6;??b 3?l#-l-.,o# # ?v/!?+uy=+^
k6 d,o1?y
l315c>?c
%<b??ca?e3,o*?:^+k?y
l?e+^?d?+^l6;?+^fj??,o 1?-$,o?]? wvz]!? ?,o6
1> ^<b??ca?e3,o*?:^+k?y
l?ef>?0
,??f??-.,o0
1l# # ????'?@f&# # ?v?e,o0a?f>?>
g1b??l6;? ?e<y
5?1b??yl?a,o*?:^+k?y
|?lg@f&1b??fp.b???e,o??
a?,?/?+^ml1b?? m?# +^*?:^+k?y
6bf
,o1??g?*?:^+k?c?1?cy1> ^~`f*?:^+k??m?a
%,o??a?c1??eg<l?gee3lclb??> ?/b??va?e3,ol*?:^+k?y
?1?+?l$?l6;+^m?1?? +?l$?b-
g*?:^+k?,o:[pgl
tb> notice 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-owned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. a?#en?p9'b# ?0u61b,oc?b????p ?69b??9'?(~,o?notice? -?!?e~?> 1. 2. 3. 4. 5. 6 7. 8. 9. 10. 11. 12. (#1) *?:^+k?? ^b??c=*?:^+k?`ep/t
?y6?
.> (#2) *?:^+k?y
?=*?:^+k?6
l+uy,o1?y
> http://www.renesas.com sales offices renesas electronics america inc. 2801 scott boulevard santa clara, ca 95050-2549, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 9251 yonge street, suite 8309 richmond hill, ontario canada l4c 9t3 tel: +1-905-237-2004 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-6503-0, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. room 1709, quantum plaza, no.27 zhichunlu haidian district, beijing 100191, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 301, tower a, central towers, 555 langao road, putuo district, shanghai, p. r. china 200333 tel: +86-21-2226-0888, fax: +86-21-2226-0999 renesas electronics hong kong limited unit 1601-1611, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2265-6688, fax: +852 2886-9022 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei 10543, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 80 bendemeer road, unit #06-02 hyflux innovation centre, singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 renesas electronics malaysia sdn.bhd. unit 1207, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics india pvt. ltd. no.777c, 100 feet road, hal ? stage, indiranagar, bangalore, india tel: +91-80-67208700, fax: +91-80-67208777 renesas electronics korea co., ltd. 12f., 234 teheran-ro, gangnam-gu, seoul, 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 refer to "http://www.renesas.com/" for the latest and detailed information. #en


▲Up To Search▲   

 
Price & Availability of HAT2201R-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X