Part Number Hot Search : 
4812S NEV68M80 FAN7024 MRF401 EZ1584CT MRF401 S2301 BZX55C
Product Description
Full Text Search
 

To Download GPTP2199-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phone: +39-011-988 2251 fax: +39-011-988 1358 http://gpsemi.it/pdf/gptp2199.pdf gptp2199 phase controlled scr high reliability operation dc power supply ac drives voltage up to 1800 v average current 1990 a surge current 36 ka blocking characteristics characteristic conditions v rrm repetitive peak reverse voltage 1800 v v rsm non-repetitive peak reverse voltage 1900 v v drm repetitive peak off-state voltage 1800 v i drm repetitive peak off-state current, max. v drm , single phase, half wave, tj = tjmax 70 ma i rrm repetitive peak reverse current, max. v rrm , single phase, half wave, tj = tjmax 70 ma on-state characteristics i t(av) average on-state current sine wave,180 conduction, th = 55 c 1990 a i t(rms) r.m.s. on-state current sine wave,180 conduction, th = 55 c 3126 a i tsm surge on-state current non rep. half sine wave, 50 hz, v r = 0 v, t j = t jmax 36 ka i2t i2 t for fusing coordination 6480 ka2s v t(to) threshold voltage t j = t jmax 0.80 v r t on-state slope resistance t j = t jmax 0.178 m w v tm peak on-state voltage, max on-state current i t = 2900 a , tj = 25 c 1.40 v i h holding current, max t j = 25 c 300 ma i l latching current, typ t j = 25 c 700 ma triggering characteristics v gt gate trigger voltage t j = 25 c, v d = 5 v 3.5 v i gt gate trigger current t j = 25 c, v d = 5 v 300 ma v gd non-trigger voltage v d = 67% v rrm , t j = t jmax 0.25 v p gm peak gate power dissipation pulse width 100 s 150 w p g(av) average gate power dissipation 2 w i fgm peak gate current 10 a v fgm peak gate voltage (forward) 30 v v rgm peak gate voltage (reverse) 5 v switching characteristics di/dt critical rate of rise of on-state current t j = t jmax 200 a/s dv/dt critical rate of rise of off-state voltage t j = t jmax 1000 v/s t q turn-off time, typ t j = t jmax , i t = 1000 a, di/dt = -20 a/s s vr = 50 v, vd = 67% vdrm, dv/dt = 20 v/s thermal and mechanical characteristics r th(j-c) thermal resistance (junction to case) double side cooled 0.015 c/w r th(c-h) thermal resistance (case to heatsink) double side cooled 0.006 c/w t jmax max operating junction temperature 125 c t stg storage temperature -40 / 125 c f clamping force 5% 23 kn mass 500 g document gptp2199t002 value green power solutions srl web: www.gpsemi.it e - mail: info@gpsemi.it
phase controlled scr gptp2199 ordering information gptp2199-vvgl vv : blocking voltage / 100 (e.g. 18 for 1800 v) g : trigger lead type ( s = straight t = twisted blank = no leads) l : trigger lead lenght x 100mm ( 3 - 4 - 5 - 7 blank = no leads) document gptp2199t002 0 5 10 15 20 25 30 35 40 1 10 100 i tsm [a] number of cycle current pulses [n] maximum surge current d.s. cooled 0 500 1000 1500 2000 2500 3000 3500 4000 4500 0 0.5 1 1.5 2 i t [a] v t [v] on - state voltage drop t j =t jmax 0 0.002 0.004 0.006 0.008 0.01 0.012 0.014 0.016 0.001 0.01 0.1 1 10 100 z th(j - c) [ c / w] time [s] thermal impedance (j - c) 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 2000 heatsink temperature [ c] i t [a] current rating - sine wave 180 90 120 60 30 0 500 1000 1500 2000 2500 3000 3500 0 400 800 1200 1600 2000 p f [w] i t [a] power loss - sine wave 180 120 90 60 30 i n the interest of product improvement green power solutions reserves the right to change any specification given in this data sh eet without notice. 0 500 1000 1500 2000 2500 3000 3500 4000 4500 0.5 1 1.5 2 i t [a] v t [v] on - state voltage drop t j =t jmax dimensions mm


▲Up To Search▲   

 
Price & Availability of GPTP2199-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X