Part Number Hot Search : 
44100 CTP4552 APCB240 AD562 JHV3748 SY87701L 3KP78CA 2SB1503
Product Description
Full Text Search
 

To Download GBU810A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbu 8 005 a thru gbu 8 10 a 1 / 4 yangzhou yangjie elect ronic technology co., ltd. s - b16 9 rev. 2.0 , 18 - dec - 14 www .21yangjie.com bridge rectifier features ul recognition, file #e230084 ideal for printed circuit boards high surge current capability solder dip 275 c max. 7 s, per jesd 22 - b106 typical applications general purpose use in ac/dc bridge full wave rectification for monitor, tv, printer, power supply, switching mode power supply, adapter, audio equipment, and home appliances applications . mechanical dat a p ac kage : gbu molding compound meets ul 94 v - 0 flammability rating , rohs - compliant terminals : tin plated leads, solderable per j - std - 002 and jesd22 - b10 2 polarity: as marked on body maximum ratin g s ( t a =25 unl e ss otherwise specified parameter symbol unit gbu8005a gbu801a gbu802a gbu804a gbu806a gbu808a GBU810A device marking code gbu8005a gbu801a gbu802a gbu804a gbu806a gbu808a GBU810A re p etitive p ea k r everse v oltage v rrm v 50 100 200 400 600 800 1000 a verage r ectified o utput c urrent @ 6 0hz sine wave, r - load with heatsink t c = 108 i o a 8 without heatsink t a =25 3.2 surge ( n on - r e p e titive) f o r w a r d c urrent @ 60 h z half s i ne w av e , 1 c y c l e, t j = 2 5 i fsm a 200 current s quared t ime @ 1mst8.3ms tj=25 , rating of per diode i 2 t a 2 s 166 s torage t e mp e rature t stg - 55 ~+150 juncti o n t e mp erature t j - 55 ~+150 dielectric s trength @ t e rminals to cas e , ac 1 mi nu te v dis kv 2 mount i ng t or q ue @ r ecomm e nd t o rqu e 5kg cm t or kg cm 8 electrical characteristics t a =25 unl e ss otherwise specified parameter symbol unit test conditions gbu8005a g bu801a gbu802a gbu804a gbu806a gbu808a GBU810A maximum instantaneous forward voltage drop per diode v f v i fm = 4 a 1.1 maximum dc reverse current at rated dc blocking voltage per diode i r rm a v rm =v rrm 10 compl i ant rohs ~ ~
gbu 8 005 a thru gbu 8 10 a 2 / 4 yangzhou yangjie elect ronic technology co., ltd. s - b16 9 rev. 2.0 , 18 - dec - 14 www .21yangjie.com t hermal c haracteristics t a =25 unl e ss otherw ise specified parameter symbol unit gbu 8 005 a gbu 8 01 a gbu 8 02 a gbu 8 04 a gbu 8 06 a gbu 8 08 a gbu 8 10 a t hermal resis t ance be t w ee n j u nct i on a n d am b ie n t, w ithout hea t sink r j - a /w 2 5 be t w ee n j u nct i on a n d case, with hea t sink r j - c 2.3 ordering information (e xample) p refered p/n packing code u nit weight (g) m ini imum package (pcs) i nner box quantity (pcs) o uter carton quantity (pcs) delivery mode gbu 8 005 a thru gbu 8 10 a b1 approximate 3.9 6 20 1000 2000 tube gbu 8 005 a thru gbu 8 10 a a1 approximate 3.9 6 250 250 4000 box characteristics ( typical) ` 0.4 0.6 0.8 1.0 1.2 1.4 0.1 0.2 0.5 fig3: forward voltage 1.0 10 20 40 60 5.0 ta=25 instantaneous forward voltage 0 20 40 60 80 100 0.01 0.1 1.0 10 100 tj=150 tj=25 fig4:typical reverse characteristics percent of rated peak reverse voltage 1 0 2 5 10 20 50 100 100 200 300 half sine wave non-repetitive tj=25 fig2:surge forward current capability 0 8.3ms ifsm 8.3ms 1cycle number of cycles peak forward surge current 80 0 fig1:io-tc curve 160 sine wave r-load with heatsink 90 100 110 120 130 140 150 tc 2 4 6 8 10 70 11 heatsink case temperature
gbu 8 005 a thru gbu 8 10 a 3 / 4 yangzhou yangjie elect ronic technology co., ltd. s - b16 9 rev. 2.0 , 18 - dec - 14 www .21yangjie.com outline dimensions gbu dim min max a 21.8 0 22.3 0 b 18.3 0 18.8 0 c 17.5 0 18.0 0 d 3.5 0 4.1 0 e 7.4 0 7.9 0 f 1.65 2.16 g 1.91 2.54 h 2.06 2.54 i 1.02 1.27 j 4.83 5.33 k 3.3 0 3.56 l 2.40 2.66 m 0.46 0.56 dimensions in millimeters - ac + a b c j i m d e f g h l k j j gbu
gbu 8 005 a thru gbu 8 10 a 4 / 4 yangzhou yangjie elect ronic technology co., ltd. s - b16 9 rev. 2.0 , 18 - dec - 14 www .21yangjie.com disclaimer the information presented in this document is for reference only. yangzhou yangjie electronic technology co., ltd. reserves t he right to make changes without notice for the specification of the products displayed herein to improve reliability, function or design or otherwise. the product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used w ith equipment or de vices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear - reactor controllers, fuel controllers and other safety devices ), yangjie or anyone on its behalf, assumes no responsibility or liability for any damages resulting from such improper use of sale. this publication supersedes & replaces all information p reviously supplied. for additional information, please visit our website http:// www.21yangjie.com , or consult your nearest yangjies sales office for further assistance.


▲Up To Search▲   

 
Price & Availability of GBU810A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X