gbpc3502a thru gbpc3510a document number: gbpc3502a thru gbpc3510a www. smsemi .com aug.22, 2014 1 module type type v rrm v rsm gbpc3502a GBPC3504A gbpc3506a gbpc3508a gbpc3510a 200v 400v 600v 800v 1000v 300v 500v 700v 900v 1100v maximum ratings and thermal characteristics (ta = 25 unless otherwise noted) symbol conditions values units i f(av) maximum average forward output rectified current tc =55 35 a i fsm peak forward surge current single half sine-wave superimposed on rated load (jedec method) 400 a i 2 t rating for fusing (t<8.3ms) 660 a 2 s visol a.c.50hz;r.m.s.;1min 2500 v r jc maximum thermal resistance (1) 1.2 /w t j , t stg operating junction and storage temperature range -55 to +150 weight approximate weight 15 g electrical characteristics (ta = 25 unless otherwise noted) notes: (1) unit case mounted on al plate heatsink (2) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with m5 screw glass passivated single phase bridge rectifiers reverse voltage 200 to 1000v forward current 35 amp features y glass passivated die construction y integrally molded heatsink provides very low thermal resistance for maximum heat dissipation y the plastic material used carries ul flammability recognition 94v-0 y high surge current capability y high temperature soldering guaranteed: 260 /10 seconds, 0.375? (9.5mm) lead length, 5lbs. (2.3kg) tension mechanical data case: molded plastic case terminals: plated leads solderable per mil-std-750, method 2026 polarity: marked on body mounting position: any symbol conditions values units v f maximum instantaneous forward voltage per leg i fm =17.5a 1.1 v i r maximum dc reverse current at rated t a = 25 dc blocking voltage per leg t a = 125 5.0 500 a circuit - + ~ ~
gbpc3502a thru gbpc3510a document number:gbpc3502a thru gbpc3510a www. smsemi .com aug.22,2014 2 performance curves 50 40 30 20 10 0 100 10 1.0 0.1 0.01 tj=25oc pulse width=300 s single half-sine wave (jedec method) t j =25oc f =1mh z t j =25oc t j =125oc mounted on a 220x220x50 mm al plate heatsink resistive or inductive load t j =150oc 500 400 300 200 100 0 1000 100 10 100 10 1.0 0.1 0.01 i f , average forward current (a) 0 50 100 150 t c, case temperature (oc) fig.1 forward current derating curve i f, instantaneous forward current (a) i fsm , peak fwd surge current (a) c j, capacitance (pf) 1 10 100 number of cycles at 60hz fig.3 max non-repetitive surge current 0.1 1 10 100 v r , reverse voltage (v) fig.4 typical junction capacitance (per element) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) fig.5 typical reverse characteristics (per element) i r , instantaneous reverse current ( a) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v f , instantaneous forward voltage (v) fig.2 typical forward characteristics (per element)
gbpc3502a thru gbpc3510a document number: gbpc3502a thru gbpc3510a www. smsemi .com aug.22,2014 3 package outline information dimensions in (inches) mm case: gbpc-a 3.228(8.2) 3.071(7.8) 0.976(24.8) 0.839(21.3) 0.25 (6.35) 0.034(0.86) 0.030(0.76) 0.094(2.4) dia. ~ 0.673(17.1) 0.633(16.1) 0.582(14.8) 0.542(13.8) 0.732(18.6) 0.692(17.6) 0.673(17.1) 0.633(16.1) 1.135(28.8) 1.115(28.3) 1.135(28.8) 1.115(28.3) dia. 0.220(5.59) 0.200(5.08) ~
|