Part Number Hot Search : 
UGF2D 25MHZ VR12B GVXO54 CPDER24V P5NB10 BD6761FS N5231
Product Description
Full Text Search
 

To Download ECC1020Y-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e - cmos corp. ( www.ecmos.com.tw ) page 1 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v feature s ? batch process design, excellent power dissipation offers better reverse leakage current and thermal resistance. ? low power loss, high efficiency. ? high current capability, low forward voltage drop. ? high surge capability. ? guardring for overvoltage protection. ? ultra high - speed switching. ? silicon epitaxial planar chip, metal silicon junction. ? lead - free parts meet environmental standards of mil - std - 19500 /228 ? suffix " - h" indi cates halogen - free part, ex. ecc 1020y - d - h. mechanical data ? epoxy:ul94 - v0 rated flame retardant ? case : molded plastic, to - 252 / dpak ? terminals : solder plated, solderable per mil - std - 750, method 2026 ? mounting position : any ? weight : approximated 0.34 gram maximum ratings and electrical characteristics (a t t a =25 unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.1 i d 10 a forward surge current 8.3ms single half sine - wave (jedec method ) i fsm 150 a reverse current v r =v rrm t j =25 i r 0.5 ma v r = v rrm t j =100 20 diode junction capacitance f=1mhz and applied 4v dc reverse voltage c j 700 pf storage temperature t stg - 65 +175
e - cmos corp. ( www.ecmos.com.tw ) page 2 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v *1 repetitive peak reverse voltage *2 rms volt age *3 continuous reverse voltag e *4 maximum forward voltage@ if = 10.0a symbols *1 v rrm (v) * 2 v rr s (v) * 3 v r (v) * 4 v f (v) operating temperature t j (
e - cmos corp. ( www.ecmos.com.tw ) page 3 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v r ating and characteristic curves ( ecc 1020y - d thru ecc 10100y - d) fig.1 - typical forward current derating curve fig.2 - typical forward characteris tics
e - cmos corp. ( www.ecmos.com.tw ) page 4 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v fig.3 - maximum non - repetitive forward surge current fig.4 - typical reverse characteristics f ig.5 - typical junction capacitance
e - cmos corp. ( www.ecmos.com.tw ) page 5 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v pinning information marking suggested solder pad layout reel packing part no ma rking code ecc1020y - d sk1020y ecc1040y - d sk1040y ecc1045y - d sk1045y ecc1050y - d sk1050y ecc1060y - d sk1060y ecc1080y - d sy1080y ecc10100y - d sk10100y
e - cmos corp. ( www.ecmos.com.tw ) page 6 of 6 5e14 n - rev. f001 ecc1020y~ ecc10100y 10.0a surface mount schottky barrier rectifiers - 20v - 100v packing information t ypical audio small - signal characteris tics noise figure variations (v ce =5.0 v. t a =25 c, bandwidth=1.0hz) unit mm item symbol tolerance dpak carrier width a 0.1 6.90 carrier leng th b 0.1 10.50 carrier depth c 0.1 2.70 sprocket hole d 0.1 1.50 13" reel outside diameter d 2.0 330.00 13" reel inner diameter d 1 min 50.00 7" reel outside diameter d 2.0 - 7" reel inner diameter d 1 min - feed hole diameter d 2 0.5 13.00 sprocket h ole position e 0.1 1.75 punch hole position f 0.1 7.50 punch hole pitch p 0.1 8.00 sprocket hole pitch p0 0.1 4.00 embossment center p1 0.1 2.00 overall tape thickness t 0.1 0.23 tape width w 0.3 16.00 reel width w1 1.0 22.00


▲Up To Search▲   

 
Price & Availability of ECC1020Y-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X