Part Number Hot Search : 
ADM1170 105K0 2SC181 X1000 H15S2 MC333 AAT3155 57X00
Product Description
Full Text Search
 

To Download EC602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  materials eclipse mini is made of corrosion resistant 356 aluminum alloy with a copper (cu) content of less than 0.1%. the lower cast aluminum housing fits with a 4 or 5 (102 or 127) pole and contains all electrical controls on a removable tray. electrical led driver standard driver is 0-10v dimming-ready (dims to 10%) with: 120-277 multi-volt compatibility (50-60hz), optional 347v on request, minimum operating temperature of -30oc/-22of, output over voltage protection, output over current protection, output short circuit protection with auto-recovery, and over temperature protection (110oc) . led type ii or v light distribution via high performance optical lenses. standard 4000k/80cri. optional 2700k, 3000k and 3500k. removable modular led platform. optional amber led for turtle sensitive areas. wavelengths: 584.5nm to 597nm. life 60,000hrs l 86 b 50 (based on iesna tm-21 test method and lm-80 data). 139,000hrs l 70 b 50 (calculated projection from lm-80 data). finish five-stage preparation process includes preheating of cast aluminum parts for air extraction. polyester powder coating is applied through an electrostatic process, and oven cured for long term finish. mounting maximum weight : 9.11lbs (4.13kg) standard luminaire mounts on a 4 (102) or 5 (127) pole. alternate wall and pole attachments are proposed with high quality components to meet multiple installation conditions. certification tested to ul1598 and csa 22.2 #250. etl listed wet location. photometric testing performed by an independent laboratory in accordance with ies lm-79-08 standards at 25oc. lumen depreciation in accordance with iesna lm80 standards. ce certification on request. rated ip65. 1 22.2 (564) 20 (508) ec603 epa: 0.73 8.7 (221) EC602 epa: 0.68 EC602 ec603 june 2017 rev 0 ec600 - sh 22.2 (564) EC602/ec603 series eclipse mini - led 6 post-top/wall 3 1 2 5 6 1- heavy cast aluminum top cover with integral led heat dissipating pad. 2- one piece .090 (2.3) thick hard aluminum top shade. underside surface is painted white enamel to optimize light performance (ec603 only). 3- set of three aluminum louvers. 4- set of 4 x 1/2 (13) solid aluminum struts. 5- cast aluminum upper electrical housing. 6- cast aluminum lower electrical chamber housing. 4 EC602-ec6ws ec603-ec6w luminis.com type: quantity: project: catalog number: fixture wattage voltage finish option option option option luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis
2 june 2017 rev 0 typical photometry summary standard colors wht snow white bkt jet black bzt bronze mst matte silver grt titanium gray dgt gun metal cht champagne optional colors cs custom color ral ral# color (refer to color chart) 120v 277v optional 347v model# led light selection (4000k/80cri) voltag e 1 finish EC602 luminaire selection notes 1- if no voltage is specified, luminaires are factory prewired by default for 120v. for other voltages, please specify with catalog number, or consult factory. 2- fuse and photocell options are normally installed with poles when specified with luminis luminaires. (except for other types of mounting.) 3- 3 tenon pole adaptor only required for 3 o.d. poles by others. 4- blc: backlight light control - type ii distribution. mounting electrical ac6 pole mount attachment with 45o support 2 ac6 double pole mount attachments with 45o support at 180o aw6 wall mount attachment with 45o support ec6p pole mount attachment with arm 2 ec6p double pole mount attachment with arms at 180o ec6w wall mount attachment with arm ec6ps pole mount attachment with short arm (EC602 only) 2 ec6ps double pole mount attachment with short arms at 180o (EC602 only) ec6ws wall mount attachment with short arm (EC602 only) tn3 3 tenon pole adaptor 3 pr6 pedestal mount adaptor fs fuse 2 ph photocell 2 347l 347v input power driver options ec603 EC602/ec603 series eclipse mini - led type ii input delivered watts lumens model 19w 1239 EC602-l1w18r1-r2 ec603-l1w18r1-r2 34 w 2149 EC602-l1w30r1-r2 ec603-l1w30r1-r2 50w 3017 EC602-l1w48r0-r2 ec603-l1w48r0-r2 19w 1273 EC602-l1w18r1-r5 ec603-l1w18r1-r5 34 w 2037 EC602-l1w30r1-r5 ec603-l1w30r1-r5 50w 3032 EC602-l1w48r0-r5 ec603-l1w48r0-r5 type v please visit our web site www.luminis.com for complete i.e.s. formatted download data. descriptive information EC602-l1w48r0-r2 ec603-l1w48r0-r2 total lms: 3017 lumens total input watts: 49.6 w source: led efficacy: 60.8 lumens/watt bug: b2-u0-g2 cct/cri: 4000k/80 maximum candela: 2790 @ 77.5oh/67.5 ov descriptive information EC602-l1w48r0-r5 ec603-l1w48r0-r5 total lms: 3032 lumens total input watts: 49.6 w source: led efficacy: 61.1 lumens/watt bug: b2-u0-g2 cct/cri: 4000k/80 maximum candela: 1356 @ 65 ov accessories blc back light control 4 light alternate cct ok led (lcf: lumen conversion factor) k 27 2700k cct 80 cri (lcf: 0.91) k3 3000k cct 80 cri (lcf: 0.94) k35 35 00k cct 80 cri (lcf: 0.98) note: other cct & higher cri available, please consult factory. amber led light selection input delivered watts lumens model 17w 388 EC602-l1w18 k2a ec603-l1w18 k2a luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis
power feed 20.5 (521) 22.2 (564) 30 (762) 11 (279) 13 (330) power feed power feed 9.5 (241) 26.7 (680) psb pole series pst pole series june 2017 rev 0 pole mount ac6 1 x 2 (25x51) extruded aluminum extended arm pole mounting adaptor designed to fit with 4 to 5 dia. poles. 1/2 dia. x 45o standard natural stainless steel rod support. (epa: 0.7) ec6p (applicable for EC602 and ec603) 1 x 2 (25x51) extruded aluminum side pole straight mounting. pole mounting adaptor fits with 4 to 5 dia. poles. (epa: 0.97) ec6ps (applicable for EC602 only) 1 x 2 (25x51) extruded aluminum side pole straight mounting. pole mounting adaptor fits with 4 to 5 dia. poles. (epa: 0.72) note : pst pole with ac6 or 2ac6 attachment requires a 30 (762) tenon extension over pole nominal height. ec6p, 2ec6p, ec6ps and 2ec6ps require an 18 tenon extension. factory installed. pr6 6 dia. x 26.7 h. extruded aluminum stand designed for short walls or pier mount. 6 dia. (152) base ? 4 ? 5 ? 4 tapered ? 4 height pole paa410 paa510 pst10 ------- psb10 10 ft. (3 m) paa412 paa512 pst12 ------- psb12 12 ft. (3,6 m) paa414 paa514 pst14 ------- psb14 14 ft. (4,2 m) paa416 paa516 pst16 pta16 psb16 16 ft. (4,8 m) paa418 paa518 ------- pta18 psb18 18 ft. (5,5 m) paa420 paa520 ------- pta20 psb20 20 ft. (6,0 m) ------- ------- ------- pta25 ------- 25 ft. (7,6 m) for additional pole details, please refer to separate pole specification sheet. ? 4= 102mm ?5= 127mm matching pole selection 22.2 (564) 22.2 (564) EC602/ec603 series eclipse mini - led paa pole series pta pole series 4.7 (119) dia. bolt circle 6 (152) dia. base 2ac6 double pole mount attachments with 45o support at 180o 2ec6ps double pole mount attachment with short arms at 180o (EC602 only) 2ec6p double pole mount attachment with arms at 180o luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis
4 june 2017 rev 0 EC602/ec603 series eclipse mini - led wall mount 13 (330) power feed 9.5 (241) power feed 20.5 (521) power feed 22.2 (564) 11 (279) ec6ws (applicable for EC602 only) 1 x 2 (25x51) extruded aluminum wall mount arm with cast aluminum wall plate. 4 . 6 2 5 (118) 3 (76) 1 1 (279) power feed aw6 1 x 2 (25x51) extruded aluminum extended arm wall mounting adaptor with cast aluminum covers and galvanized steel mounting plates. 1/2 dia. x 45o standard natural stainless steel rod support. ec6w (applicable for EC602 and ec603) 1 x 2 (25x51) extruded aluminum wall mount arm with cast aluminum wall plate. mounting mounting mounting 22.2 (564) 22.2 (564) 4 . 6 2 5 (118) 3 (76) power feed 4 . 6 2 5 (118) 3 (76) power feed luminis.com luminaires may be altered for design improvement or discontinued without prior notice. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis


▲Up To Search▲   

 
Price & Availability of EC602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X