Part Number Hot Search : 
3N123 MTZJ15B 15005 ICS524 14D151 B32672P MLL957B HM1500
Product Description
Full Text Search
 

To Download E-1071-627-DC24V-31A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 the e-t-a solid state remote power controllers e-1071-623/627 are electronic control modules suitable for inductive loads such as electromagnetic valves (solenoids), magnetic brakes etc. they are used: ? for safe and quick switching of loads ? for monitoring the electrical condition of the loads ? for compensating different cable lengths the load connected to the relay should be operated with a higher voltage (dc 2860 v) than its rated voltage (dc 24 v) because the load current is controlled electronically (pulse-controlled characteristics). this is to ensure that in industrial plants with different cable lengths (supply cables, load cables) an increased inrush current can be applied to each load. during hold duty the load current is reduced to a smaller value (approx. 60 % of the current rating), thus reducing the operating temperature and extending the life of the loads. the double pole electronic switching output prevents inadvertent start-up or dangerous machine movements as may arise upon a ground fault in systems with ungrounded power supply (it systems) (see ec machinery directive or en 60204 part 1 safety of machinery - electrical equipment of machines, para 9.4.3.1). description e-1071-623 l double pole switching of inductive actuators such as electromagnetic valves or magnetic clutches in machinery and equipment l monitoring the electrical operability of loads l protection and monitoring of load circuit cables l status indication, failure indication in load circuit visually (via leds or red tripped button) and via potentialfree status outputs l double pole split up of the load circuit manually or electrically in the event of overload or short circuit typical applications features l designed for inductive loads (dc 24 v) l individual adjustment to various load currents (standard: i n = 0.1...3.1 a) l significant reduction of power loss in the load by pulse-controlled characteristics l double pole switching output, short-circuit proof (short-circuit limitation); physical disconnection from supply l inrush current and holding current monitoring l physical isolation: - optocoupler in the control circuit - physical disconnection of load circuit, manually or in the event of a short circuit - optocoupler for status outputs l reverse polarity and overvoltage protection in the control, load and status circuits l control current indication by yellow led l o.k. indication by green led l wire break indication by red led (load circuit) l fault indication by red led (short circuit, over/undervoltage, setting error) l two status outputs for plcs for evaluation (status indication, on indication) l quick disconnection (do not connect a free-wheeling diode to the load as the free-wheeling current is controlled electronically) break time < make time technical data (t ambient = 25 c, u b = dc 48 v) rated voltage dc 48 v operating voltage u b dc 28...60 v (see technical description) current rating i n adjustable between 0.1...3.1 a via switch and potentiometer on the front side current consumption i 0 (u s = ?0?) typically 16 ma residual ripple for all voltages max. 5 % (3 phase bridge) reverse polarity protection u b (terminals 1 and 2), integral fail save fuse insulation voltage 2.5 kv between load circuit, control circuit and status signal circuit load circuit load output npn transistor, minus switching, pulse-controlled (approx. 180 hz) load rating dc 24 v/adjustable between 0.1...3.1 a switch-on current i e up to 10 % more than pickup current holding current i h typically 60 % of the set rated current i n short circuit approx. 4.5 a disconnection current wire break monitoring in the on and off condition (red led) physical isolation 2-pole in the load circuit, by manual circuit breaker release or after short circuit disconnection current measuring plugs 2 x ? 2 mm (current proportional voltage: 1 v = 1 a ) free-wheeling circuitry integral electronic control with quick (see technical description) disconnection control circuit control optocoupler in control input control voltage u s ?0? = dc 05 v ?1? = dc 8.535 v control current i s typically 5...10 ma switching frequency f max 1 hz control signal (u s = ?1?) yellow led lights (i control flowing) protection reverse polarity protection (diode) status outputs 2 signal outputs on indication/function indication - physically isolated by optocoupler - transistor outputs, plus switching - auxiliary voltage u a : dc 12...60 v - max. 50 ma per output - integral free-wheeling diode - reverse polarity and overvoltage protection on indication u s = ?0? : output non-conductive (terminal 8) < 70 ms switch-off signal delay u s = ?1? : output connecting plus potential (term. 10) to term. 8 only as long as load current flows, not with wire break or short circuit < 15 ms switch-off signal delay function indication fault: output non-conductive (terminal 9) no fault: output connecting plus potential (terminal 10) to terminal 9 ^ www.e-t-a.de solid state remote power controller e-1071- 623/627 1646 5
2 technical description technical data (t ambient = 25 c, u b = dc 48 v) general data ambient temperature 0+60 c (without condensation) terminals 1071-623: screw terminals 1071-627: screw-less spring-loaded terminals connection: max. 2 x 2.5 mm 2 solid max. 2 x 1.5 mm 2 flex with sleeve housing clamping plate: polycarbonate gv, blue cover: polycarbonate, black mounting track-mountable to en 50022-35 self-extinguishing properties to ul 94: v = 0; vde 0304: grade 1 degree of protection housing, terminals ip20 din 40050 mounting dimensions 45 x 74 x 128 mm mass approx. 170 g operating voltage u b the max. operating voltage of the ssrpc is approx. dc 60 v. the min. operating voltage required for 24 v solenoids depends on the overall ohmic resistance in the load circuit. the switch-on current is reduced by: - the voltage drop on the load cable - the load resistance increasing with the operating temperature of the load. minimum operating voltage u b min i n cable length cable size u b min 1 a 2x50 m/2x100 m/2x200 m/2x300 m 1.5 mm 2 2.5 mm 2 33/35/37/40 v 32/33/35/37 v 2 a 2x50 m/2x100 m/2x200 m/2x300 m 1.5 mm 2 2.5 mm 2 35/38/44/49 v 34/35/39/42 v 3 a 2x50 m/2x100 m/2x200 m/2x300 m 1.5 mm 2 2.5 mm 2 37/41/50/58 v 35/38/42/48 v the load capacity is no longer ensured when the minimum operating voltage falls below u b min = 28 v. the red led (fault) will indicate and the output will be switched off. only when an operating voltage of 29.4 v is exceeded will the load be switched on again and normal operation status is restored. resistance increase in the load circuit: 1.5 mm 2 cable approx. 2.8 /100 m distance 2.5 mm 2 cable approx. 1.6 /100 m distance maximum operating voltage u b max the load capacity is no longer ensured when the max. operating voltage u b max = 60 v is exceeded. the red led (fault) will indicate and the output will be switched off. only when the operating voltage falls below 57 v will the load be switched on again and normal opera - tion status is restored. ca. 10...100 ms time t i h i n current on i n = current rating i e = switch-on current/ pickup current i h = holding current off quick disconnection i e switch-on current i e = pickup current the output transistor connects the operating voltage to the inductive load until actual switch-on of the solenoid (pickup current). after this period the load current is set back to holding current i h . rated current i n , hold current i h the current rating of the applicable load at its rated voltage should be set between 0.1...3.1 a. the holding current of the load is internally adjusted to 60 % of the set current rating. this holding current can be measured by means of a voltmeter connected to the 2 mm current measuring plugs (current-proportional voltage: 1 v = 1 a). technical description 1 2 3 4 5 steuerstrom o.k. fehler drahtbruch i last = 0,6 x i n + i n /a 2 1 0 6 7 8 91 0 0,2 0,4 0,6 0,8 1, 0 0,11 ,1 dc 24 v- last 0,1-3,1 a germany 1 v =1 a ^ e- 107 1 - 623 + setting the current rating the current rating is set by means of a rotary switch (switch setting 0 a - 1 a - 2 a) and a 270 potentiometer (setting range between 0.1...1.1 a). the sum of the two settings should equal the current rating of the load. example: 24 v load with i n = 1.5 a setting: switch 1 a + potentiometer 0.5 a faulty setting of current rating the red led (failure indication) blinks in the event of a faulty setting. the load is disconnected only after approx. 15 sec if the current rating value is not corrected and the red led will be permanently lighted. reset is only possible by switching on again. the tolerance range, in which faulty setting will not be indicated, is approx. 30 % of the holding current. ordering information type no. e-1071 ssrpc terminals 623 screw terminals 627 screw-less connectors voltage rating of load dc 24 v current rating 0.1 a...3.1 a e-1071 - 623 - dc 24 v - 0.1 a...3.1 a ordering example ^ solid state remote power controller e-1071- 623/627 www.e-t-a.de 1646 5
3 schematic diagram dimensions 1 1 4 load + - +u b ( 28...60 v dc) + - led-indication gb gn rt rt control and monitoring electronics 8 5 6 7 9 10 -u s +u s -u a s b s f +u a status function status operation max. 35 v dc control input control input o. k. wire break fault max. 60 v dc / 0.1 a current-proportional voltage output u(i) 129 off condition 45 73.2 124 on condition 121 119.5 rail en 50022-35x7.5 (not included in delivery) 5.08 4.88 4.76 4.70 2.88 1.77 operating modes mode fault-free wire break load short circuit (1) u b too low/ high (2) faulty setting control input (terminals 6 and 7) ?0? ?1? ?0? ?1? ?0? ?1? ?0? ?1? led yellow C control c. led green - o.k. led red - wire break led red - fault 0 1 0 0 1 1 0 0 0 0 1 0 1 0 1 0 0 0 0 1 1 0 0 1 0 0 0 1 1 0 0 1 status function (terminal 9) status operation (terminal 8) 1 0 1 1 0 0 0 0 0 0 0 0 0 0 0 0 physical isolation 0 0 0 0 0 1 0 0 notes: 1 short circuit: load (+) to load (-) 2 underoltage: device disconnects at 28 v and reconnects at 29.4 v overvoltage: device disconnects at 60 v and reconnects at 57 v 1 - led status output carries to plus potential 0 - led status output is non-conductive this is a metric design and millimeter dimensions take precedence ( mm ) inch www.e-t-a.de solid state remote power controller e-1071- 623/627 1646 5 solid state remote power controller e-1071- 623/627
4 terminal selection e-1071-623 (0.1 - 3.1 a) e-1071-623 (10 - 310 ma) e-1071-627 (0.1 - 3.1 a) e-1071-627 (10 - 310 ma) e-1071-623 (0.1 - 3.1 a) e-1071-623 (10 - 310 ma) e-1071-627 (0.1 - 3.1 a) e-1071-627 (10 - 310 ma) terminal 1 operating voltage +u b : max. dc 60 v 6 control voltage +u s : max. 35 v 2 operating voltage (-) 7 control voltage -u s 3 load (+) 8 status output operation (max. 50 ma) 4 load (-) 9 status output function (max. 50 ma) 5 auxiliary voltage -u a for status outputs 10 auxiliary voltage +u a for status outputs: max. dc 60 v/100 ma) solid state remote power controller e-1071- 623/627 www.e-t-a.de 1646 5
5 all dimensions without tolerances are for reference only. in the interest of improved design, performance and cost effectiveness the right to make changes in these specifications wit - hout notice is reserved.product markings may not be exactly as the ordering codes. errors and omissions excepted. possible configuration of e-1071-62x with screw terminals: e-1071-623-dc 24 v-0.1...3.1 a with screwless terminals: e-1071-627-dc 24 v-0.1...3.1 a often dc 24 v solenoids with a low power rating are used which are to be controlled and monitored by the above mentioned devices. sometimes these solenoids are fitted with solenoid valve plugs, e.g. made by hirschmann, and hold a small electronic pcb - with led, - a series resistor - a protective diode connected in anti-parallel to the led the following components can be recommended: l recommended valve plugs with led, hirschmann - type gdml 2011 led 24 ye, contains the pcb type gdme-led 24 ye - type gdml 2011 led 24 rd, contains the pcb type gdme-led 24 rd status indication (led) with a protective diode connected in anti-parallel application note: controlling and monitoring of solenoid valves in combination with led valve plugs (+)  (-)  (+) 1  (-) 2  l recommended adapter with led, murr elektronik - suppressor element model b C 10 mm led, 24 v dc/50 va/w, part no.: 3124875 - suppressor element model bi C 11 mm led, 24 v ac/dc/50 va/w, part no.: 3124215 - suppressor element model c C 8 mm led, 24 v ac/dc/50 va/w, part no.: 312811 please note: l in the event of using a plug or suppressor element not recommended, the wire break monitoring function might be limited in the not activated condition. www.e-t-a.de solid state remote power controller e-1071- 623/627 1646 5 solid state remote power controller e-1071- 623/627
6 www.e-t-a.de 1646 5


▲Up To Search▲   

 
Price & Availability of E-1071-627-DC24V-31A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X