Part Number Hot Search : 
90ARZ B210LP ALVC16 UP6055 PT2313 K1459 34S181K STV6415A
Product Description
Full Text Search
 

To Download D1331SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 1 / 11 date of publication: 201 5 - 0 4 - 01 enndaten key parameters v rrm 4500 v i f avm 1310 a (t c = 85 c) 3570a (t c =55c) i f sm 28000 a v t 0 2,13 v r t 0,948 m? r thjc 7,5 k/ k w clamping force 36 52 kn max. diameter 121 mm contact diameter 86 mm height 26 mm for type designation please refer to actual short form catalog http://www.ifbip.com/catalog m erkmale features ? volle sperrf?higkeit 50/60hz ber einen weiten temperaturbereich ? full blocking capability 50/60hz over a wide temperature range ? hohe dc sperrstabilit?t ? high dc blocking stability ? hohe sto?strombelastbarkeit ? high surge current capability ? hoher geh?usebruchstrom ? high case non - rupture current ? sanftes ausschal t verhalten bei hohen stromsteilheiten ? soft turn - off behavior at high turn - off di/dt typische anwendungen typical applications ? mittelspannungsumrichter ? medium voltage converters ? fr eilaufdiode fr igct - applikationen ? freewheeling diode for igct - applications ? freilaufdiode fr igbt - applikationen ? freewheeling diode for igbt - applications ? pulsed power - applikationen ? pulsed power applications content of customer dmx code dmx code dmx code digit digit quantity serial number 1..7 7 sp material number 8..16 9 datecode (production day) 17..18 2 datecode (production year) 19..20 2 datecode (production month) 21..22 2 vt class (optional) 23..26 4 qr class (optional ) 27..30 4 www.ifbip.com support@infineon - bip.com 1 2
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 2 / 11 date of publication: 201 5 - 0 4 - 01 elektrische eigenschaften elektrische eigenschaften / electrical properties h?chstzul?ssige werte / maximum rated values periodische r ckw?rts - spitzensperrspannung repetitive peak reverse voltage t vj = 0c... t vj max v rrm 4500 v durchla?strom - grenzeffektivwert maximum rms on - state current t c = 85c i frmsm 2060 a dauergrenzstrom average on - state current t c = 85 c, f=50hz t c = 70 c, f=50hz t c = 55 c, f=50hz i favm 1310 1520 1 7 1 0 a a a sto?strom - grenzwert surge current t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i fsm 28000 a grenzlastintegral i2t - value t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i2t 3920 10 3 a2s max. ausschaltverluste max. turn - off losses t vj = t vjmax i fm = 2500 a, v cl = 2800 v clamp circuit l s 0,25 h r cl = 68 ? , c cl = 3 f d cl = 34dsh65 p rq 5 mw charakteristische werte / characteristic values gleichsperrspannung continuous direct reverse voltage failure rate ? < 100 v r(d) estimate value 2800 v durchla?spannung on - st ate voltage t vj = t vj max , i f = 2500 a v f typ. max. 3,6 4,2 v v schleusenspannung threshold voltage t vj = t vj max v (to) typ. max. 1,59 1,83 v v ersatzwiderstand slope resistance t vj = t vj max r t typ. max. 0,804 0,948 m m durchla?kennlinie 200 a ? i f ? 3000 a on - state characteristic t vj = t vj max typ. a 1,399 b - 0,000119 c - 0,2373 d 0,0872 max. a 1,398 b - 0,000131 c - 0,24 d 0,1006 spitzenwert der durchlassverz?gerungsspannung peak value of for ward recovery voltage t vj = t vjmax , d if /dt = 5000 a/s i fm = 4000 a v frm typ. 280 v sperrstrom reverse current t vj = t vj max , v r = v rrm i r max. 150 ma sperrverz?gerungsladung recovered charge t vj = t vjmax i fm = 2500 a, v cl = 2800 v, - di/dt = 1000 a/s clamp circuit l s 0,25 h, r cl = 68 , c cl = 3 f, d cl = 34dsh65 , q r max. 3 , 5 mas rckstromspitze peak reverse recovery current i rm max. 1500 a ausschaltverlust energie turn - off energy w rq max. 7 ws abklingsanftheit reverse recovery softness factor t vj = t vjmax i fm = 2500a, v r = 2800 v, - di rr /dt (i=0) = 1000a/ ? s, t rf = 200ns f rrs typ. 1,6 prepared by: tm date of publication: 201 5 - 0 4 - 01 approved by: jp revision: 1 0 . 2 f f f f i d 1) i ( ln c i b a v ? ? ? ? ? ? ? ?
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 3 / 11 date of publication: 201 5 - 0 4 - 01 thermische eigenschaften mechanische eigenschaften thermische eigenschaften / thermal properties innerer w?rmewiderstand thermal resistance, junction to case khlfl?che / cooling surface beidseitig / two - sided, = 180sin beidseitig / two - sided , dc anode / anode, dc kathode / cathode, dc r thjc max. max. max. max. 8,55 7,5 13,3 17,2 k/kw k/kw k/kw k/kw bergangs - w?rmewiderstand thermal resistance, case to heatsink khlfl?che / cooling surface beidseitig / two - sided einseitig / single - sided r thch max. max. 2,5 5 ,0 k/kw k/kw h?chstzul?ssige sperrschichttemperatur maximum junction temperature t vj max 140 c betriebstemperatur operating temperature t c op 0...+140 c lagertemperatur storage temperature t stg - 40.. .+150 c mechanische eigenschaften / mechanical properties geh?use, siehe anlage case, see annex seite 3 page 3 si - element mit druckkontakt si - pellet with pressure contact anpresskraft clamping force f 36...52 kn gewicht weight g typ. 1350 g kriechstrecke creepage distance 33 mm luftstrecke air distance 17 mm feuchteklasse humidity classification din 40040 c schwingfestigkeit vibration resistance f = 50 hz 50 m/s2
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 4 / 11 date of publication: 201 5 - 0 4 - 01 ma?bild 1 : anode/anode 2 : kathode/cathode 1 2
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 5 / 11 date of publication: 201 5 - 0 4 - 01 r,t C werte r r,t - werte analytische elemente des transienten w?rmewiderstandes z thjc analytical elements of transient thermal impedance z thjc pos. n 1 2 3 4 5 6 7 beidseitig two - sid ed r thn [c/w] 2,95 2 1,54 0,98 0,03 n [s] 0,78 0,131 0,0217 0,00514 0,00104 anodenseitig anode - sided r thn [c/w] 8,04 0,81 2,39 1,6 0,46 n [s] 5,11 0,359 0,0962 0,012 0,00332 kathodenseitig cathode - sided r thn [c/w] 12,1 0,4 2,44 1,55 0,71 n [s] 4,97 0,489 0,121 0,0153 0,004 27 analytische funktion / analytical function: transienter innerer w?rmewiderstand fr dc / transient thermal impedance z thjc = f(t) for dc a : anodenseitige khlung / anode - sided cooling b : beidseitige khlung / two - sided cooling c : kathodenseitige khlung / cathode - sided cooling ? ? ? ? max n n=1 thn thjc n -t e 1 r z b l a l c l 0 2 4 6 8 10 12 14 16 18 20 0,001 0,01 0,1 1 10 100 z thjc [k/kw] t [s]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 6 / 11 date of publication: 201 5 - 0 4 - 01 diagramme diagr amme durchlasskennlinie grenzdurchla?kennlinie / limiting on - state characteristic i f = f(v f ) t vj = t vj max typ. max. 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 i f [a] v f [v]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 7 / 11 date of publication: 201 5 - 0 4 - 01 tc beidseitig sperrverz?gerungsladung / recovered charge q r = f( - di/dt) t vj =t vjmax , clamp circui t l s 0,25 h,r cl = 68 ? c cl = 3 f, d cl = 34dsh65 i fm =100a i fm =500a i fm =1000a i fm =2500a 0 500 1000 1500 2000 2500 3000 3500 4000 0 200 400 600 800 1000 1200 1400 q r [as] - di/dt [a/s]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 8 / 11 date of publication: 201 5 - 0 4 - 01 rckstromspitze / peak reverse recovery current i rm = f( - di/dt) t vj =t vjmax , clamp circuit l s 0,25 h,r cl = 68 ? c cl = 3 f, d cl = 34dsh65 i fm =100a i fm =500a i fm =1000a i fm =2500a 0 200 400 600 800 1000 1200 1400 1600 1800 0 200 400 600 800 1000 1200 1400 i rm [a] - di/dt [a/s]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 9 / 11 date of publication: 201 5 - 0 4 - 01 ausschaltverlust energie / turn - off energy e off = f( - di/dt) t vj =t vjmax , clamp circuit l s 0,25 h,r cl = 68 ? c cl = 3 f, d cl = 34dsh65 i fm =100a i fm =500a i fm =1000a i fm =2500a 0 1 2 3 4 5 6 7 8 0 200 400 600 800 1000 1200 1400 w rq [ws] - di/dt [a/s]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 10 / 11 date of publication: 201 5 - 0 4 - 01 spitzenwert - durchlassverz?gerungsspannung / peak value forward recovery voltage v frm = f(di f /dt) t vj =t vjmax , i fm = 4000 a typ. 0 50 100 150 200 250 300 0 1000 2000 3000 4000 5000 6000 v frm [v] di f /dt [a/s]
schnelle beschaltungslose diode fast hard drive diode technische information / t echnical i nformation d 133 1 sh revision: 1 0 . 2 seite /page 11 / 11 date of publication: 201 5 - 0 4 - 01 nutzungsbedingungen die in diesem produkt datenblatt enthaltenen daten sind ausschlie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der geeignetheit dieses produktes fr die von ihnen anvisierte anwendung sowie die beurteilung der vollst?ndigkeit der bereitgestellten produkt daten fr diese anwendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale beschrieben, fr die wir eine liefervertragliche gew?hrleistung bernehmen. eine solche gew?hrleistung richtet sich ausschli e?lich nach ma?gabe der im jeweiligen liefervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eigenschaften keinesfalls bernommen. sollten sie von uns produktinformationen ben?tigen, die ber den inhalt dieses pr oduktdatenblatts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit dem fr sie zust?ndigen vertriebsbro in verbindung (siehe www. infineon .com). fr interessenten halten wir appli cation notes bereit. aufgrund der technischen anforderungen k?nnte unser produkt gesundheitsgef?hrdende substanzen enthalten. bei rckfragen zu den in diesem produkt jeweils enthaltenen substanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndige n vertriebsbro in verbindung. sollten sie beabsichtigen, das produkt in anwendungen der luftfahrt, in gesundheits - oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen einzusetzen, bitten wir um mitteilung. wir weisen darauf hin, dass wir f r diese f?lle - die gemeinsame durchfhrung eines risiko - und qualit?tsassessments; - den abschluss von speziellen qualit?tssicherungsvereinbarungen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden produktbeobachtung dringend empfehlen und gegebenenfalls die belieferung von der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hinweise an ihre kunden zu geben. inhaltliche ?nderungen dieses produktdatenblatts bleiben vorbehalten. terms & con ditions of usage the data contained in this product data sheet is exclusively intended for technically trained staff. you and your technical departments will have to evaluate the suitability of the product for the intended application and the completeness of the product data with respect to such application. this product data sheet is describing the characteristics of this product for which a warranty is granted. any such warranty is granted exclusively pursuant the terms and conditions of the supply agre ement. there will be no guarantee of any kind for the product and its characteristics. should you require product information in excess of the data given in this product data sheet or which concerns the specific application of our product, please contact the sales office, which is responsible for you (see www. infineon .com). for those that are specifically interested we may provide application notes. due to technical requirements our product may contain dangerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in aviation applications, in health or live endangering or life support applications, pl ease notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of an ongoing product survey, and that we may make delivery depended on the realization of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of D1331SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X