Part Number Hot Search : 
74HCT74 PST993F TLRE100 SRAS860 M3010 BAS20 RTC62423 AN729
Product Description
Full Text Search
 

To Download C410C102J5G5TA7200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - c1149c15-f927-4316-81fd-eea9dc22b92a kemet part number: C410C102J5G5TA7200 ceramic, aximax, 1000 pf, 5%, 50 v, c0g, aximax, commercial standard dimensions d 2.31mm max l 4.32mm max ll 25.4mm +0.025/-0.076mm f 0.51mm +0.025/-0.076mm packaging specifications packaging: t&r, 305mm packaging quantity: 5000 general information series: aximax description: aximax, commercial standard rohs: yes termination: tin failure rate: n/a halogen free: yes specifications capacitance: 1000 pf capacitance tolerance: 5% voltage dc: 50 vdc dielectric withstanding voltage: 125 v temperature range: -55/+125c temperature coefficient: c0g dissipation factor: 0.1% 25c aging rate: 0% loss/decade hour insulation resistance: 100 gohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C410C102J5G5TA7200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X