saw components data sheet b4165 ? epcos ag 201 5 . reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. epcos ag is a tdk group company.
2 aug 06, 2001 saw components b4165 938,0 mhz low-loss filter for mobile communication data sheet ceramic package dcc6c features n low-loss rf filter for iden mobile telephone, receive path n low amplitude ripple n no matching network required for operation at 50 w n ceramic package for s urface m ounted t echnology ( smt ) terminals n gold-plated ni dimensions in mm, approx. weight 0,037g pin configuration 2 input 5 output 1, 3, 4, 6 case ground e lectrostatic s ensitive d evice ( esd ) type ordering code marking and package according to packing according to b4165 b39941-b4165-u410 c61157-a7-a67 f61074-v8088-z000 maximum ratings operable temperature range t C 30 / + 70 ?c storage temperature range t stg C 40 / + 85 ?c dc voltage v dc 0v input power max. p in 0 dbm source impedance 50 w continuous wave
3 aug 06, 2001 saw components b4165 938,0 mhz low-loss filter for mobile communication data sheet characteristics operating temperature range: t = 25 2?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 938,0 mhz maximum insertion attenuation a max 935,000 ... 941,000 mhz 2,1 2,5 db amplitude ripple (p-p) da 935,000 ... 941,000 mhz 0,2 1,0 db group delay ripple (p-p) dt 935,000 ... 941,000 mhz 3 10 ns attenuation a min 0,000 ... 896,000 mhz 27 47 db 896,000 ... 902,000 mhz 37 55 db 989,825 ... 995,825 mhz 27 52 db 1044,650 ...1050,650 mhz 37 52 db 1154,300 ...1160,300 mhz 47 50 db 1160,300 ...3200,000 mhz 27 35 db i nput and output return loss 935,000 ... 941,000 mhz 12 14 db
4 aug 06, 2001 saw components b4165 938,0 mhz low-loss filter for mobile communication data sheet characteristics operating temperature range: t = -30 to +70?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w min. typ. max. center frequency f c 938,0 mhz maximum insertion attenuation a max 935,000 ... 941,000 mhz 2,5 3,0 db amplitude ripple (p-p) da 935,000 ... 941,000 mhz 0,5 1,0 db group delay ripple (p-p) dt 935,000 ... 941,000 mhz 3 10 ns attenuation a min 0,000 ... 896,000 mhz 27 47 db 896,000 ... 902,000 mhz 37 48 db 989,825 ... 995,825 mhz 27 50 db 1044,650 ...1050,650 mhz 37 51 db 1154,300 ...1160,300 mhz 47 50 db 1160,300 ...3200,000 mhz 27 35 db i nput and output return loss 935,000 ... 941,000 mhz 12 14 db
5 aug 06, 2001 saw components b4165 938,0 mhz low-loss filter for mobile communication data sheet transfer function ( 25+/-2 ?c) transfer function (wideband)
6 aug 06, 2001 saw components b4165 938,0 mhz low-loss filter for mobile communication data sheet published by epcos ag surface acoustic wave components division, saw mc wt p.o. box 80 17 09, d-81617 mnchen ? epcos ag 1999. all rights reserved. a s far as patents or other rights of third parties are concerned, liability is only assumed for compo- nents per se, not for applications, processes and circuits implemented within components or assemblies. t he information describes the type of component and shall not be considered as assured characteristics. t erms of delivery and rights to change design reserved. for questions on technology, prices and delivery please contact the sales offices of epcos ag or t he international representatives. due to technical requirements components may contain dangerous substances. for information on t he type in question please also contact one of our sales offices.
|