Part Number Hot Search : 
0F401 TISP4290 C14031 2SK81 APC18T04 SK4004WA M3601A MT9126AS
Product Description
Full Text Search
 

To Download AVS104M50A12T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose filtering, bypassing, power supply decoupling type avs capacitors are the best value for flter and bypass applications not requiring wide temperature performance or high ripple current. their vertical cylindrical cases facilitate automatic mounting and refow soldering and type avs ofers a signifcant cost savings over tantalum capacitors. specifcations operating temperature: -40c to +85c rated voltage: 4.0, 6.3, 10, 16, 25, 35, 63, & 100 vdc capacitance: 0.1 f to 1500 f d.f. (@ 20c): see ratings table capacitance tolerance: 20% @ 120 hz and +20c leakage current: 0.01 cv or 3 a @ +20c, after two minutes (whichever is greater) ripple current multipliers: frequency 50/60 hz 120 hz 1 khz 10 khz & up 0.7 1.0 1.3 1.7 load life : 2000 h @ 85c shelf life : 1000 h @ 85c ? capacitance: 20% ? capacitance: 20% df: <200% of limit rohs c df: ompliant <200% of limit dcl: <100% of limit dcl: <100% of limit maximum impedance ratio @ 120 hz w.v. (vdc) 4.0 6.3 10.0 16.0 25.0 35.0 50.0 63.0 100.0 -25c / +20c 7.0 4.0 3.0 2.0 2.0 2.0 2.0 3.0 3.0 -40c / +20c 15.0 8.0 6.0 4.0 4.0 3.0 3.0 4.0 4.0 highlights ? +85c, 2000 hour load life ? capacitance range: 0.1 f to 1500 f ? voltage range: 4.0 vdc to 100 vdc ? aec-q200 compliant avs series marking outline drawing case dimensions case code d 0.5 l a 0.2 h (max) i (ref) w p (ref) k a 3 5.4 +.1,-.2 3.3 4.5 1.5 0.55 0.1 0.6 0.35 + 0.15/-0.20 b 4 5.4 +.1,-.2 4.3 5.5 1.8 0.65 0.1 1.0 0.35 + 0.15/-0.20 c 5 5.4 +.1,-.2 5.3 6.5 2.2 0.65 0.1 1.5 0.35 + 0.15/-0.20 d 6.3 5.4 +.1,-.2 6.6 7.8 2.6 0.65 0.1 1.8 0.35 + 0.15/-0.20 x 6.3 7.9 .3 6.6 7.8 2.6 0.65 0.1 1.8 0.35 + 0.15/-0.20 e 8 6.2 .3 8.3 9.5 3.4 0.65 0.1 2.2 0.35 + 0.15/-0.20 f 8 10.2 .3 8.3 10.0 3.4 0.90 0.2 3.1 0.70 0.20 g 10 10.2 .3 10.3 12.0 3.5 0.90 0.2 4.6 0.70 0.20 220 6 = 6.3 vdc 16 = 16 vdc 25 = 25 vdc, capacitance ( f) vs voltage series lot no. h l w p d 0.3 mm a i i k cde c ornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com smt aluminum electrolytic capacitors - general purpose, 85c type avs
max. dissipation factor @ 120 hz max. esr @ 120 hz/20 c (ohms) max. ripple current 120 hz/85 c (ma) cap (f) cat-falog part-f number max . dcl (a) case code size d x l (mm) quantity per reel 4 vdc (5 vdc surge) 22 avs226m04a12t-f* 3.0 0.37 27.9 19 a 3 x 5.4 2000 33 avs336m04b12t-f 3.0 0.35 17.6 26 b 4 x 5.4 2000 47 avs476m04b12t-f 3.0 0.35 12.3 34 b 4 x 5.4 2000 100 avs107m04c12t-f 4.0 0.35 5.8 61 c 5 x 5.4 1000 220 avs227m04d16t-f 8.8 0.35 2.6 82 d 6.3 x 5.4 1000 6.3 vdc (8 vdc surge) 22 avs226m06a12t-f* 3.0 0.35 26.4 20 a 3 x 5.4 2000 22 avs226m06b12t-f 3.0 0.26 19.6 29 b 4 x 5.4 2000 33 avs336m06b12t-f 3.0 0.35 17.6 29 b 4 x 5.4 2000 47 avs476m06b12t-f 3.0 0.35 12.3 36 b 4 x 5.4 2000 47 avs476m06c12t-f 3.0 0.26 9.2 46 c 5 x 5.4 1000 100 avs107m06c12t-f 6.3 0.35 5.8 47 c 5 x 5.4 1000 100 avs107m06d16t-f 6.3 0.26 4.3 71 d 6.3 x 5.4 1000 220 avs227m06d16t-f 13.9 0.35 2.6 74 d 6.3 x 5.4 1000 330 avs337m06x16t-f 20.8 0.26 1.3 150 x 6.3 x 7.9 900 330 avs337m06e16t-f 20.8 0.35 1.8 300 e 8 x 6.2 1000 470 avs477m06f24t-f 29.6 0.35 1.2 380 f 8 x 10.2 500 1000 avs108m06f24t-f 63.0 0.35 0.6 500 f 8 x 10.2 500 1000 avs108m06g24t-f 63.0 0.35 0.6 700 g 10 x 10.2 500 1500 avs158m06g24t-f 94.5 0.35 0.4 700 g 10 x 10.2 500 10 vdc (13 vdc surge) 22 avs226m10b12t-f 3.0 0.3 22.6 28 b 4 x 5.4 2000 33 avs336m10b12t-f 3.3 0.3 15.1 29 b 4 x 5.4 2000 33 avs336m10c12t-f 3.3 0.2 10.1 43 c 5 x 5.4 1000 47 avs476m10c12t-f 4.7 0.3 10.6 43 c 5 x 5.4 1000 100 avs107m10c12t-f 10.0 0.3 5.0 50 c 5 x 5.4 1000 100 avs107m10d16t-f 10.0 0.2 3.3 70 d 6.3 x 5.4 1000 220 avs227m10x16t-f 22.0 0.2 1.5 150 x 6.3 x 7.9 900 220 avs227m10e16t-f 22.0 0.26 2.0 250 e 8 x 6.2 1000 330 avs337m10f24t-f 33.0 0.26 1.3 330 f 8 x 10.2 500 470 avs477m10f24t-f 47.0 0.26 0.9 330 f 8 x 10.2 500 470 avs477m10g24t-f 47.0 0.26 0.9 400 g 10 x 10.2 500 1000 avs108m10g24t-f 100.0 0.26 0.4 580 g 10 x 10.2 500 16 vdc (20 vdc surge) 10 avs106m16a12t-f* 3.0 0.18 29.9 20 a 3 x 5.4 2000 10 avs106m16b12t-f 3.0 0.16 26.5 28 b 4 x 5.4 2000 22 avs226m16b12t-f 3.5 0.26 19.6 28 b 4 x 5.4 2000 22 avs226m16c12t-f 3.5 0.16 12.1 39 c 5 x 5.4 1000 33 avs336m16c12t-f 5.3 0.26 13.1 35 c 5 x 5.4 1000 47 avs476m16c12t-f 7.5 0.26 9.2 39 c 5 x 5.4 1000 47 avs476m16d16t-f 7.5 0.16 5.6 70 d 6.3 x 5.4 1000 100 avs107m16d16t-f 16.0 0.26 4.3 70 d 6.3 x 5.4 1000 100 avs107m16e16t-f 16.0 0.2 3.3 200 e 8 x 6.2 1000 220 avs227m16x16t-f 35.2 0.16 1.2 150 x 6.3 x 7.9 900 220 avs227m16e16t-f 35.2 0.2 1.5 200 e 8 x 6.2 1000 220 avs227m16f24t-f 35.2 0.2 1.5 280 f 8 x 10.2 500 330 avs337m16f24t-f 52.8 0.2 1.0 320 f 8 x 10.2 500 330 avs337m16g24t-f 52.8 0.2 1.0 380 g 10 x 10.2 500 470 avs477m16f24t-f 75.2 0.2 0.7 320 f 8 x 10.2 500 470 avs477m16g24t-f 75.2 0.2 0.7 420 g 10 x 10.2 500 25 vdc (31 vdc surge) 4.7 avs475m25a12t-f* 3.0 0.16 56.5 12 a 3 x 5.4 2000 4.7 avs475m25b12t-f 3.0 0.14 49.4 22 b 4 x 5.4 2000 10 avs106m25b12t-f 3.0 0.2 33.2 22 b 4 x 5.4 2000 10 avs106m25c12t-f 3.0 0.14 23.2 28 c 5 x 5.4 1000 22 avs226m25c12t-f 5.5 0.2 15.1 35 c 5 x 5.4 1000 22 avs226m25d16t-f 5.5 0.14 10.6 55 d 6.3 x 5.4 1000 33 avs336m25c12t-f 8.3 0.2 10.0 42 c 5 x 5.4 1000 33 avs336m25d16t-f 8.3 0.14 7.0 65 d 6.3 x 5.4 1000 47 avs476m25d16t-f 11.8 0.2 7.1 70 d 6.3 x 5.4 1000 100 avs107m25x16t-f 25.0 0.14 2.3 150 x 6.3 x 7.9 900 100 avs107m25e16t-f 25.0 0.16 2.7 91 e 8 x 6.2 1000 100 avs107m25f24t-f 25.0 0.16 2.7 180 f 8 x 10.2 500 220 avs227m25f24t-f 55.0 0.16 1.2 140 f 8 x 10.2 500 220 avs227m25g24t-f 55.0 0.16 1.2 310 g 10 x 10.2 500 330 avs337m25f24t-f 82.5 0.16 0.8 150 f 8 x 10.2 500 330 avs337m25g24t-f 82.5 0.16 0.8 340 g 10 x 10.2 500 470 avs477m25g24t-f 117.5 0.16 0.6 360 g 10 x 10.2 500 *denotes discontinued part cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com type avs smt aluminum electrolytic capacitors - general purpose, 85c
part numbering system *overall case height (l dimension) is 5.7 mm 0.3 mm avs 106 m 16 b 12t Cf i i i i i i type capacitance 104 = 0.1 f 105 = 1.0 f 106 = 10 f 107 = 100 f 108 = 1000 f capacitance tolerance m = 20% voltage case code packaging information 12 = carrier tape width (mm) t = tape & reel b = bulk rohs compliant 04 = 4 vdc 06 = 6.3 vdc 10 = 10 vdc 16 = 16 vdc 25 = 25 vdc 35 = 35 vdc 50 = 50 vdc 63 = 63 vdc 2a = 100 vdc max. dissipation esr @ ripple current size cap cat-falog dcl factor @ 120 hz/20 c 120 hz/85 c case d x l quantity (f) part-f number (a) 120 hz (ohms) (ma) code (mm) per reel 35 vdc (44 vdc surge) 2.2 avs225m35a12t-f* 3.0 0.14 105.6 8 a 3 x 5.4 2000 3.3 avs335m35a12t-f* 3.0 0.14 70.4 10 a 3 x 5.4 2000 4.7 avs475m35b12t-f 3.0 0.12 42.4 22 b 4 x 5.4 2000 10 avs106m35b12t-f 3.5 0.16 26.5 22 b 4 x 5.4 2000 10 avs106m35c12t-f 3.5 0.12 19.9 30 c 5 x 5.4 1000 22 avs226m35c12t-f 7.7 0.16 12.1 36 c 5 x 5.4 1000 22 avs226m35d16t-f 7.7 0.12 9.1 60 d 6.3 x 5.4 1000 33 avs336m35d16t-f 11.6 0.16 8.0 60 d 6.3 x 5.4 1000 33 avs336m35e16t-f 11.6 0.14 7.0 130 e 8 x 6.2 1000 47 avs476m35d16t-f 16.5 0.16 5.6 70 d 6.3 x 5.4 1000 47 avs476m35e16t-f 16.5 0.14 4.9 165 e 8 x 6.2 1000 100 avs107m35x16t-f 35.0 0.12 2.0 130 x 6.3 x 7.9 900 100 avs107m35f24t-f 35.0 0.14 2.3 140 f 8 x 10.2 500 100 avs107m35g24t-f 35.0 0.14 2.3 210 g 10 x 10.2 500 220 avs227m35f24t-f 77.0 0.14 1.1 200 f 8 x 10.2 500 220 avs227m35g24t-f 77.0 0.14 1.1 310 g 10 x 10.2 500 330 avs337m35g24t-f 115.5 0.14 0.7 320 g 10 x 10.2 500 50 vdc (63 vdc surge) 0.1 AVS104M50A12T-F* 3.0 0.14 2322.0 1 a 3 x 5.4 2000 0.1 avs104m50b12t-f* 3.0 0.12 1990.0 1 b 4 x 5.4 2000 0.22 avs224m50a12t-f* 3.0 0.14 1055.0 2 a 3 x 5.4 2000 0.22 avs224m50b12t-f 3.0 0.12 905.0 2 b 4 x 5.4 2000 0.33 avs334m50a12t-f* 3.0 0.14 704.0 3 a 3 x 5.4 2000 0.33 avs334m50b12t-f 3.0 0.12 603.0 3 b 4 x 5.4 2000 0.47 avs474m50a12t-f* 3.0 0.14 494.0 5 a 3 x 5.4 2000 0.47 avs474m50b12t-f* 3.0 0.12 424.0 5 b 4 x 5.4 2000 1 avs105m50a12t-f* 3.0 0.14 232.0 8 a 3 x 5.4 2000 1 avs105m50b12t-f 3.0 0.12 199.0 10 b 4 x 5.4 2000 2.2 avs225m50a12t-f* 3.0 0.14 106.0 10 a 3 x 5.4 2000 2.2 avs225m50b12t-f 3.0 0.12 90.5 16 b 4 x 5.4 2000 3.3 avs335m50b12t-f 3.0 0.12 60.3 16 b 4 x 5.4 2000 4.7 avs475m50b12t-f 3.0 0.14 49.4 18 b 4 x 5.4 2000 4.7 avs475m50c12t-f 3.0 0.12 42.4 23 c 5 x 5.4 1000 10 avs106m50c12t-f 5.0 0.14 23.2 27 c 5 x 5.4 1000 10 avs106m50d16t-f 5.0 0.12 19.9 35 d 6.3 x 5.4 1000 22 avs226m50d16t-f 11.0 0.14 10.6 60 d 6.3 x 5.4 1000 22 avs226m50e16t-f 11.0 0.12 9.1 120 e 8 x 6.2 1000 33 avs336m50x16t-f 16.5 0.12 6.0 85 x 6.3 x 7.9 900 33 avs336m50e16t-f 16.5 0.12 6.0 130 e 8 x 6.2 1000 33 avs336m50f24t-f 16.5 0.12 6.0 140 f 8 x 10.2 500 47 avs476m50x16t-f 23.5 0.12 4.2 90 x 6.3 x 7.9 900 47 avs476m50f24t-f 23.5 0.12 4.2 150 f 8 x 10.2 500 47 avs476m50g24t-f 23.5 0.12 4.2 160 g 10 x 10.2 500 100 avs107m50f24t-f 50.0 0.12 2.0 200 f 8 x 10.2 500 100 avs107m50g24t-f 50.0 0.12 2.0 250 g 10 x 10.2 500 220 avs227m50g24t-f 110.0 0.12 0.9 300 g 10 x 10.2 500 63 vdc (75 vdc surge) 10 avs106m63d16t-f 6.3 0.18 29.9 35 d* 6.3 x 5.7 1000 22 avs226m63e16t-f 13.9 0.18 13.6 40 e 8 x 6.2 1000 22 avs226m63f24t-f 13.9 0.18 13.6 40 f 8 x 10.2 500 33 avs336m63f24t-f 20.8 0.18 9.1 45 f 8 x 10.2 500 47 avs476m63f24t-f 29.6 0.18 6.4 45 f 8 x 10.2 500 100 avs107m63g24t-f 63.0 0.18 3.0 60 g 10 x 10.2 500 100 vdc (125 vdc surge) 3.3 avs335m2ae16t-f 3.3 0.18 90.4 50 e 8 x 6.2 1000 4.7 avs475m2ae16t-f* 4.7 0.18 63.5 50 e 8 x 6.2 1000 4.7 avs475m2af24t-f* 4.7 0.18 63.5 80 f 8 x 10.2 500 10 avs106m2ae16t-f 10.0 0.18 29.8 50 e 8 x 6.2 1000 10 avs106m2af24t-f 10.0 0.18 29.8 85 f 8 x 10.2 500 22 avs226m2af24t-f 22.0 0.18 13.6 70 f 8 x 10.2 500 22 avs226m2ag24t-f 22.0 0.18 13.6 90 g 10 x 10.2 500 33 avs336m2ag24t-f 33.0 0.18 8.0 90 g 10 x 10.2 500 *denotes discontinued part cde c ornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com smt aluminum electrolytic capacitors - general purpose, 85c type avs
typical performance curves 0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c 0c 25c 65c 85c 45c C20c 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c C20c 0c 25c 45c 85c 65c 0 0.2 0.4 0.6 0.8 1 1.2 1.4 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value 65c 25c 85c 0c C40c 45 C20c impedance vs. temperature and frequency 1500 f @ 6.3 vdc (10 x 10.2 mm) capacitance vs. temperature & frequency esr vs. temperature and frequency 0 0.2 0.4 0 .6 0.8 1 1.2 1.4 10 100 1,000 1 0,000 100,000 1,000,000 ratio to 25c, 120 hz value 65c 25c 85c 0c C40c 45c C20c 0.1 1 10 1 00 10 100 1,000 1 0,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c C20c 0c 25c 45c 85c 65c 0.01 0.1 1 10 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c 0c 25c 65c 85c 45c C20c capacitance s. temperature & frequency esr s. temperature and frequency impedance s. temperature and frequency 100 f @ 16 vdc (10 10.2 mm) frequency (hz) frequency (hz) frequency (hz) frequency (hz) frequency (hz) frequency (hz) 1500 f @ 6.3 vdc (10 10.2 mm) 1500 f @ 6.3 vdc (10 10.2 mm) 100 f @ 16 vdc (10 10.2 mm) 100 f @ 16 vdc (10 10.2 mm) cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com type avs smt aluminum electrolytic capacitors - general purpose, 85c
0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c 0c 25c 65c 85c 45c C20c -20 -15 -10 -5 0 5 10 0 500 1,000 1,500 2,000 capacitance change (%) 10 f @ 16 vdc (4 x 5.4 mm) 47 f @ 16 vdc ( 6.3 x 5.4 mm) 330 f @ 16 vdc (10 x 10.2 mm) 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value 65c 25c 85c 0c C40c 45 c C20c 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25c, 120 hz value C40c C20c 0c 25c 45c 85c 65c impedance vs. temperature and frequency esr vs. temperature and frequency capacitance vs. temperature & frequency 220 f @ 50 vdc (10 x 10.2 mm) -30 -25 -20 -15 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 capacitance change (%) 100 f @ 6.3 vdc (6.3 x 5.4 mm) 47f @ 16vdc (6.3 x 5.4 mm) 10f @ 50vdc (6.3 x 5.4 mm) capacitance change with temperature (typical performance for avs series @ 120 hz) temperature (c) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -60 -40 -20 0 20 40 60 80 100 d.f. (@ 120 hz) 100 f @ 6.3 vdc (6.3 x 5.4 mm) 47 f @ 16 vdc (6.3 x 5.4 mm) 10 f @ 50 vdc (6.3 x 5.4 mm ) dissipation factor vs. temperature temperature (c) capacitance change vs. time time (hours) frequency (hz) frequency (hz) frequency (hz) 220 f @ 50 vdc (10 x 10.2 mm) 220 f @ 50 vdc (10 x 10.2 mm) (typical performance for avs series @ 120 hz) (typical performance for avs series) cde c ornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com smt aluminum electrolytic capacitors - general purpose, 85c type avs
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information contained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guarantee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representation regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated in such warnings, cautions and notes, or that other safety measures may not be required. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508) 996-8561 ? fax: (508) 996-3830 ? www.cde.com type avs smt aluminum electrolytic capacitors - general purpose, 85c


▲Up To Search▲   

 
Price & Availability of AVS104M50A12T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X