Part Number Hot Search : 
37300 153K1 C220V PTS012A0 BAS38608 1563C 1N936B 2SC3596C
Product Description
Full Text Search
 

To Download AGRF600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  polyswitch? ptc devices overcurrent protection device product: AGRF600 document: scd25233 rev letter: d rev date: july 26, 2016 page no.: 1 of 2 ? 2016 littelfuse, inc. littelfuse.com specifications are subject to change without notice. revised july 26,2016 specification status: released electrical rating voltage: 16v dc max insulating material: cured, flame retardant epoxy polymer lead material: 20 awg tin plated copper ( 0.8 mm [0.032] nom. diameter) part marking: table i. installation envelope dimensions: a b c d e f g min max min max min max min max min max typ min max mm: -- 10.7 -- 18.4 4.3 5.8 7.6 -- -- 3.0 1.2 -- 4.07 in*: -- (0.42) -- (0.73) (0.17) (0.23) (0.30) -- -- (0.12) (0.05) -- ( 0.16) *rounded off approximation table ii. performance ratings: current ratings time to trip initial resistance r 1 max 1 hr. post trip resistance standard trip r a max tripped - state power dissipation amps at 25c seconds at 25c, 30 a ohms at 25c ohms at 25 ? c ohms at 25 ? c watts at 25c hold at r 1 max hold at r a max trip max min max typ 6.0 5.3 10.7 3.5 0.0095 0.0190 0.028 0.032 2.8 reference documents: ps400, ps300 (reference for r 1 max ) precedence: this specification takes precedence over doc uments referenced herein. effectivity: reference documents shall be the issue in effect on the date of invitation for bid. caution: operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. materials information ro hs compliant elv compliant pb - free halogen free* * halogen free refers to: br 900ppm, cl 900ppm, br+cl 1500ppm. hf manufacturers mark lot identification and part identification g 6
polyswitch? ptc devices overcurrent protection device product: AGRF600 document: scd25233 rev letter: d rev date: july 26, 2016 page no.: 2 of 2 ? 2016 littelfuse, inc. littelfuse.com specifications are subject to change without notice. revised july 26,2016 table iii. automotive specific stress tests and test conditions: electrical stress tests test conditions (see note 2) esd voltage withstand (see note 1) 25kv short circuit fault current durability 25 cycles, 16v, 20 0a fault current durability 350 cycles, 16v/100a end - of - life mode verification 1750 cycles, 16v/100a jump start endurance (see note 1) 3 cycles, 26v, 1 - minute duration load dump endurance (see note 1) 10 cycles, 86.5v note 1: the polyswit ch devices are tested in series with a load resistance and the voltages specified in the test conditions are shared between the polyswitch device and the load resistance as specified in ps400. note 2: please refer to appendix a of ps400 for the detail ed test procedures information furnished is believed to be acc urate and reliable. however, users should independently evaluate the suitability of and test each product selected for their o wn applications. littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitatio n, military, aerospace, medical, lifesaving, life - sustaining or nuclear facility applications, devices intended for surgical implant into the body, or any other application in which the failure or lack of desired operation of the product may result in p ersonal injury, death, or property damage) other than those expressly set forth in applicable littelfuse product documentatio n. warranties granted by littelfuse shall be deemed void for products used for any purpose not expressly set forth in applicable littelfuse documentation. littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by littelfuse as set forth in applicable littelfuse documentation. the sale and use of littelfuse pro ducts is subject to littelfuse terms and conditions of sale, unless otherwise agreed by littelfuse.


▲Up To Search▲   

 
Price & Availability of AGRF600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X