this document was generated on 05/25/2017 please check www.molex.com for latest part information part number: 5024380100 status: active overview: clik-mate? wire-to-board connectors description: 2.00mm pitch clik-mate? wire-to-board crimp terminal, loose documents: 3d model application specification as-502439-002-001 (pdf) drawing (pdf) packaging specification spk-502438-001-001 (pdf) product specification 5024431570-000 (pdf) rohs certificate of compliance (pdf) application specification as-502439-001-001 (pdf) general product family crimp terminals series 502438 application signal crimp quality equipment yes molexkits yes overview clik-mate? wire-to-board connectors packaging alternative 502438-0000 (reel) product name clik-mate? upc 800756665917 physical durability (mating cycles max) 30 gender male material - metal copper alloy material - plating mating tin material - plating termination tin net weight 41.500/mg packaging type bag wire insulation diameter 0.90-1.5mm wire size awg 22, 24, 26 wire size mm2 n/a electrical current - maximum per contact 3.0a voltage - maximum 250v ac (rms)/dc material info reference - drawing numbers application specification as-502439-001-001, as-502439-002-001 packaging specification spk-502438-001-001 product specification 5024431570-000 sales drawing sd-502438-001 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 502438 series mates with 502443 pcb receptacle, 502494 pcb receptacle use with 502439 crimp housing this document was generated on 05/25/2017 please check www.molex.com for latest part information
|